Part Number Hot Search : 
X1705 U634H256 G12864 C0402 TB0137A FSA881 P103H SAB8031A
Product Description
Full Text Search
 

To Download VLMK322 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vlms322.., VLMK322.., vlmo322.., vlmy322.. www.vishay.com vishay semiconductors rev. 1.3, 16-may-13 1 document number: 81183 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power smd led plcc-4 description the vlms322.., VLMK322.., vlmo322.., and vlmy322.. series are an advanced deve lopment in terms of heat dissipation. the leadframe profile of this plcc-4 smd package is optimized to reduce th e thermal resistance. this allows higher drive curren t and doubles the light output compared to vishays high intensity smd led in plcc-2 package. product group and package data ? product group: led ? package: smd plcc-4 ? product series: power ? angle of half intensity: 60 features ? 3 cathode pins, 1 anode pin ? available in 8 mm tape ? high brightness smd led ? luminous intensity and color categorized per packing unit ? luminous intensity ra tio per packing unit i vmax. /i vmin. ? 1.6 ? esd-withstand voltage: up to 2 kv according to jesd22-a114-b ? suitable for all soldering methods according to cecc 00802 and j-std-020 ? preconditioning accordi ng to jedec level 2a ? qualified according to jedec moisture sensitivity level 2a ? compatible with ir reflow solder processes according to cecc 00802 and j-std-020 ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? interior and exterior lighting ? indicator and backlighting purposes for audio, video, lcds, switches, symbols, illuminated advertising etc. ? illumination purpose, altern ative to incandescent lamps ? general use note (1) driving the led in reverse direction is suitable for short term application 19210 parts table part color luminous intensity (mcd) at i f (ma) wavelength (nm) at i f (ma) forward voltage (v) at i f (ma) technology min. typ. max. min. typ. max. min. typ. max. vlms322t2v1-gs08 super red 355 450 900 50 625 630 640 50 1.7 2.1 2.6 50 alingap on gaas VLMK322u1v2-gs08 amber 450 750 1125 50 610 - 621 50 - 1.9 2.6 50 alingap on gaas vlmo322u1v2-gs08 soft orange 450 750 1125 50 600 605 612 50 1.7 2.1 2.6 50 alingap on gaas vlmy322u1v2-gs08 yellow 450 750 1125 50 582 588 594 50 1.7 2.1 2.6 50 alingap on gaas absolute maximum ratings (t amb = 25 c, unless otherwise specified) ? vlms322.., VLMK322.., vlmo322.., vlmy322.. parameter test condition symbol value unit reverse voltage (1) v r 5v forward current i f 70 ma power dissipa tion at rt p tot 225 mw junction temperature t j 125 c operating temperature range t amb - 40 to + 100 c storage temperature range t stg - 40 to + 100 c thermal resistance junction/amb ient mounted on pc board fr4 r thja 290 k/w
vlms322.., VLMK322.., vlmo322.., vlmy322.. www.vishay.com vishay semiconductors rev. 1.3, 16-may-13 2 document number: 81183 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) in one packing unit i vmax. /i vmin. ? 1.6 (2) forward voltages are tested at a current pulse duration of 1 ms and a tolerance of 0.1 v notes (1) in one packing unit i vmax. /i vmin. ? 1.6 (2) forward voltages are tested at a current pulse duration of 1 ms and a tolerance of 0.1 v notes (1) in one packing unit i vmax. /i vmin. ? 1.6 (2) forward voltages are tested at a current pulse duration of 1 ms and a tolerance of 0.1 v notes (1) in one packing unit i vmax. /i vmin. ? 1.6 (2) forward voltages are tested at a current pulse duration of 1 ms and a tolerance of 0.1 v optical and electrical characteristics (t amb = 25 c, unless otherwise specified) ? vlms322.., super red parameter test condition part symbol min. typ. max. unit luminous intensity (1) i f = 50 ma vlms322t2v1 i v 355 450 900 mcd dominant wavelength i f = 50 ma ? d 625 630 640 nm spectral bandwidth at 50 % i rel max. i f = 50 ma ?? -18-nm angle of half intensity i f = 50 ma ? - 60- deg forward voltage (2) i f = 50 ma v f 1.7 2.1 2.6 v reverse current v r = 5 v i r -0.0110a optical and electrical characteristics (t amb = 25 c, unless otherwise specified) ? VLMK322.., amber parameter test condition part symbol min. typ. max. unit luminous intensity (1) i f = 50 ma VLMK322u1v2 i v 450 750 1125 mcd dominant wavelength i f = 50 ma ? d 610 - 621 nm spectral bandwidth at 50 % i rel max. i f = 50 ma ?? -18-nm angle of half intensity i f = 50 ma ? - 60- deg forward voltage (2) i f = 50 ma v f 1.7 2.1 2.6 v reverse current v r = 5 v i r -0.0110a optical and electrical characteristics (t amb = 25 c, unless otherwise specified) ? vlmo322.., soft orange parameter test condition part symbol min. typ. max. unit luminous intensity (1) i f = 50 ma vlmo322u1v2 i v 450 750 1125 mcd dominant wavelength i f = 50 ma ? d 600 605 612 nm spectral bandwidth at 50 % i rel max. i f = 50 ma ?? -18-nm angle of half intensity i f = 50 ma ? - 60- deg forward voltage (2) i f = 50 ma v f 1.7 2.1 2.6 v reverse current v r = 5 v i r -0.0110a optical and electrical characteristics (t amb = 25 c, unless otherwise specified) ? vlmy322.., yellow parameter test condition part symbol min. typ. max. unit luminous intensity (1) i f = 50 ma vlmy322u1v2 i v 450 750 1125 mcd dominant wavelength i f = 50 ma ? d 582 588 594 nm spectral bandwidth at 50 % i rel max. i f = 50 ma ?? -18-nm angle of half intensity i f = 50 ma ? - 60- deg forward voltage (2) i f = 50 ma v f 1.7 2.1 2.6 v reverse current v r = 5 v i r -0.0110a
vlms322.., VLMK322.., vlmo322.., vlmy322.. www.vishay.com vishay semiconductors rev. 1.3, 16-may-13 3 document number: 81183 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of 11 %. ? the above type numbers represent the order groups which include only a few brightness groups. only one group will be shipped on each reel (there will be no mixing of two groups on each r eel). in order to ensure availability, single brightness groups will not b e orderable. ? in a similar manner for colors where wavelength groups are measured and binned, single wa velength groups will be shipped on any one reel. ? in order to ensure availabi lity, single wavelength grou ps will not be orderable. note ? wavelengths are tested at a current pulse duration of 25 ms and an accuracy of 1 nm. ? typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - forward current vs. ambient temperature fig. 2 - relative luminous intens ity vs. angular displacement luminous intensity classification group light intensity (mcd) standard min. max. t2 355 450 u1 450 560 u2 560 715 v1 715 900 v2 900 1125 color classification group yellow soft orange amber dom. wavelength (nm) min. max. min. min. max. max. w 582 585 600 603 610 615 x 585 588 603 606 615 621 y 588 591 606 609 z 591 594 609 612 0 10 20 30 40 50 60 70 80 90 100 0 25 50 75 100 125 21013 i f - forward current (ma) t amb - ambient temperature (c) 0.4 0.2 0 95 10319 0.6 0.9 0.8 0 30 10 20 40 50 60 70 80 0.7 1.0 i v rel - relative luminous intensity ? - angular displacement
vlms322.., VLMK322.., vlmo322.., vlmy322.. www.vishay.com vishay semiconductors rev. 1.3, 16-may-13 4 document number: 81183 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - relative luminous intensity vs. forward current fig. 4 - relative luminous intensity vs. forward current fig. 5 - relative intensity vs. wavelength fig. 6 - relative luminous in tensity vs. ambient temperature fig. 7 - change of dominant wavelength vs. ambient temperature fig. 8 - change of forward voltage vs. ambient temperature 0 10 20 30 40 50 60 70 80 90 100 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 v f - forward voltage (v) 20144 i f - forward current (ma) yellow soft orange amber super red 0.01 0 1 10 11 0 100 i f -f orward current ( m a) 17042_3 i- relative luminous intensity vrel yellow soft orange amber super red 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 600 610 620 630 640 650 660 670 680 690 700 20198 i v rel - relative luminous intensity super red - wavelength (nm) 0.0 0.5 1.0 1.5 2.0 2.5 - 50 - 25 0 25 50 75 100 t amb - ambient temperature (c) 20201 i v rel - relative luminous intensity super red - 5 - 4 - 3 - 2 - 1 0 1 2 3 - 50 - 25 0 25 50 75 100 t amb - ambient temperature (c) 20203 - change of dom. wavelength (nm) ? d super red t amb - ambient temperature (c) v f - change of forward voltage (mv) 17039 30 ma 10 ma 50 ma - 200 - 150 - 100 - 50 0 50 100 150 200 250 - 50 - 25 0 25 50 75 100 super red
vlms322.., VLMK322.., vlmo322.., vlmy322.. www.vishay.com vishay semiconductors rev. 1.3, 16-may-13 5 document number: 81183 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 9 - relative intensity vs. wavelength fig. 10 - relative luminous in tensity vs. ambi ent temperature fig. 11 - change of dominant wavelength vs. ambient temperature fig. 12 - change of forward voltage vs. ambient temperature fig. 13 - relative intensity vs. wavelength fig. 14 - relative luminous intensity vs. ambient temperature 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 570 580 590 600 610 620 630 640 650 660 670 - wavelength (nm) 20196 i v rel - relative luminous intensity amber 0.0 0.5 1.0 1.5 2.0 2.5 - 50 - 25 0 25 50 75 100 t amb - ambient temperature (c) 20197 i v rel -relative luminous intensity amber - 6 - 4 - 2 0 2 4 6 - 50 - 25 0 25 50 75 100 t amb - ambient temperature (c) 20199 - change of dom. wavelength (nm) d amber - 200 - 150 - 100 - 50 0 50 100 150 200 250 - 50 - 25 0 25 50 75 100 t amb - ambient temperature (c) 20200 v f - change of forward voltage (mv) 10 ma 30 ma 50 ma amber 0.0 0.2 0.4 0.6 0.8 1.0 1.2 560 580 600 620 640 660 16314 soft orange i v rel - relative luminous intensity - wavelength (nm) 0.0 0.5 1.0 1.5 2.0 2.5 - 50 - 25 0 25 50 75 100 t amb - ambient temperature (c) 17021 i v rel - relative luminous intensity soft orange
vlms322.., VLMK322.., vlmo322.., vlmy322.. www.vishay.com vishay semiconductors rev. 1.3, 16-may-13 6 document number: 81183 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 15 - change of dominant wavelength vs. ambient temperature fig. 16 - change of forward voltage vs. ambient temperature fig. 17 - relative in tensity vs. wavelength fig. 18 - relative luminous intensity vs. ambient temperature fig. 19 - relative luminous intensity vs. ambient temperature fig. 20 - change of forward voltage vs. ambient temperature - 6 - 4 - 2 0 2 4 6 - 50 - 25 0 25 50 75 100 t amb - ambient temperature (c) 17022 - change of dom. wavelength (nm) d soft orange - 200 - 150 - 100 - 50 0 50 100 150 200 250 - 50 - 25 0 25 50 75 100 t amb - ambient temperature (c) 17020 v - change of forward voltage (mv) f 10 ma 30 ma 50 ma soft orange 0 0.2 0.4 0.6 0.8 1.0 1.2 540 560 580 600 620 640 - wavelength (nm) 16008 i v rel. - relative luminous intensity yellow 0.0 0.5 1.0 1.5 2.0 2.5 - 50 - 25 0 25 50 75 100 t amb - ambient temperature (c) 17016 i v rel - relative luminous intensity yellow - 6 - 4 - 2 0 2 4 6 - 50 - 25 0 25 50 75 100 t amb - ambient temperature (c) 17017 ? d - change of dom. wavelength (nm) yellow - 200 - 150 - 100 - 50 0 50 100 150 200 250 - 50 - 25 0 25 50 75 100 t amb - ambient temperature (c) 17015 v f - change of forward voltage (mv) 10 ma 30 ma 50 ma yellow
vlms322.., VLMK322.., vlmo322.., vlmy322.. www.vishay.com vishay semiconductors rev. 1.3, 16-may-13 7 document number: 81183 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 reel dimensions in millimeters 20983 gs08 = 2000 pcs
vlms322.., VLMK322.., vlmo322.., vlmy322.. www.vishay.com vishay semiconductors rev. 1.3, 16-may-13 8 document number: 81183 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 taping dimensions in millimeters 21241
vlms322.., VLMK322.., vlmo322.., vlmy322.. www.vishay.com vishay semiconductors rev. 1.3, 16-may-13 9 document number: 81183 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package/soldering pads dimensions in millimeters 21240
vlms322.., VLMK322.., vlmo322.., vlmy322.. www.vishay.com vishay semiconductors rev. 1.3, 16-may-13 10 document number: 81183 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 soldering profile fig. 21 - vishay lead (pb)-free reflow soldering profile (acc. to j-std-020) fig. 22 - double wave solderin g of opto devices (all packages) bar code product label (example) a) type of component b) ptc = manufacturing plant c) sel - selection code (bin): ? e.g.: k2 = code for luminous intensity group ? 4 = code for color group d) batch/date code e) total quantity f) company code g) code for lead (pb)-free classification (e3) dry packing the reel is packed in an anti-humidity bag to protect the devices from absorbing moisture during transportation and storage. final packing the sealed reel is packed into a cardboard box. a secondary cardboard box is used for shipping purposes. 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19885 ir reflow soldering profile for lead (pb)-free soldering preconditioning acc. to jedec level 2a max. 2 cycles allowed 255 c 235 c to 260 c 2 k/s ca. 200 k/s second wave first wave 5 s full line: typical dotted line: process limits time (s) temperature (c) lead temperature 300 250 200 150 100 50 0 0 50 100 150 200 250 948626-1 ttw soldering (acc. to cecc00802) 100 c to 130 c forced cooling ca. 2 k/s ca. 5 k/s 106 37 a f b c d e g 21026 aluminum bag label reel 15973
vlms322.., VLMK322.., vlmo322.., vlmy322.. www.vishay.com vishay semiconductors rev. 1.3, 16-may-13 11 document number: 81183 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 recommended meth od of storage dry box storage is recommended as soon as the aluminum bag has been opened to preve nt moisture absorption. the following conditions should be observed, if dry boxes are not available: ? storage temperature 10 c to 30 c ? storage humidity ? 60 % rh max. after more than 672 h under these conditions moisture content will be too high for reflow soldering. in case of moisture absorption, the devices will recover to the former condition by drying under the following condition: 192 h at 40 c + 5 c/- 0 c and < 5 % rh (dry air/nitrogen) or ? 96 h at 60 c + 5 c and < 5 % rh for all device containers or ? 24 h at 100 c + 5 c not suitable for reel or tubes. an eia jedec standard jesd22-a112 level 2a label is included on all dry bags. example of jesd22-a 112 level 2a label esd precaution proper storage and handling procedures should be followed to prevent esd damage to the devices especially when they are removed from the antistatic shielding bag. electro-static sensitive device s warning labels are on the packaging. vishay semiconductors standard ? bar code labels the vishay semiconductors st andard bar code labels are printed at final packing areas. the labels are on each packing unit and contain vishay semiconductors specific data. l e v e l caution this bag contains moisture ? sensitive devices 1. shelf life in sealed bag 12 months at <40c and < 90% relative humidity (rh) 2. after this bag is opened devices that will be subjected to infrared reflow, vapor - phase reflow, or equivalent processing (peak package body temp. 260c) must be: a) mounted within 672 hours at factory condition of < 30c/60%rh or b) stored at <1 0% rh. 3. devices require baking before mounting if: a) humidity indicator card is >10% when read at 23c + 5c or b) 2a or 2b is not met. 4. if baking is required, devices may be baked for: 192 hours at 40c + 5c/ - 0c and <5%rh (dry air/nitrogen) or 96 hours at 605 o cand <5%rh for all device containers or 24 hours at 1005c not suitable for reels or tubes bag seal date: ______________________________ (if blank, see bar code label) note: level defined by eia jedec standard jesd22 - a113 2a 19786
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VLMK322

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X