Part Number Hot Search : 
FDB3501P FJY4004R GJ41C ECH8668 SPJ350F DA512 T5556 00020
Product Description
Full Text Search
 

To Download UGP30G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features low cost diffusde junction low leakage current mechanical data case:jedec do--27,molded plastic terminals: axial lead ,solderable per mil- std-202,method 208 polarity: color band denotes cathode weight: 0.041 ounces,1.15 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60hz,resistive or inductive load. for capacitive load,derate by 20%. ugp30 b ugp30 d ugp30 f ugp30 g ugp30 j ugp30 k units maximum recurrent peak reverse voltage v rrm 100 200 300 400 600 800 v ma x i mu m rms v o l t a g e v rms 70 140 210 280 420 560 v maximum dc blocking voltage v dc 100 200 300 400 600 800 v maximum average f orw ard rectif ied current 9.5mm lead length, @t a =75 peak f orw ard surge current 8.3ms single half -sine-w ave superimposed on rated load @t j =125 maximum instantaneous f orw ard voltage @ 3.0a v f 1.7 2.2 v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 maximum reverse recovery time (note1) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja <d operating junction temperature range t j storage temperature range t stg - 55 ----- + 150 easily cleaned with alcohol,isopropanol ugp30a - - - ugp30k a and similar solvents i f(av) super fast rectifier voltage range: 50 --- 800 v current: 3.0 a do - 27 plastic package has underwriters laboratory z flammability classification 94v-0 120.0 3.thermal resistance j unction to ambient a i r i fsm note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. 2. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. a 20 35 - 55 ----- + 150 ugp30 a 35 50 3.0 0.95 1.25 50 35 galaxy electrical 5.0 125.0 115.0 maximum ratings and electrical characteristics www.galaxycn.com bl document number 0264026 1. bl galaxy electrical
www.galaxycn.com document number 0264026 2. average forward current amperes peak forward surge current amperes amperes fig.4--typical reverse characteristics number of cycles at 60hz fi g. 2 --peak forward surge current fi g. 3 --typecal forward characteri sti c instantaneous reverse leakage instantaneous forward current ratings and characteristic curves ambient temperature, ugp30a - - - ugp30k fi g. 1 -- forward derati ng curve reverse voltage,volts percent of rated peak reverse voltage,% current,microamperes fi g. 5--typi cal juncti on capaci tance junction capacitance,pf instantaneous forward voltage,volts 0.01 0.1 1 10 0.2 1.0 0.6 2.2 1.4 1.8 2 4 0.02 0.04 0.2 0.4 t j =25 pulse width=300 ?? t j =100 bl galaxy electrical


▲Up To Search▲   

 
Price & Availability of UGP30G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X