Part Number Hot Search : 
CY8C20 03800 L107G A2RKB1 C1215 EGL1F M2002 W208D
Product Description
Full Text Search
 

To Download TF-PCM-8150-A21-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features specifications 02-4  intel? socket-478m pentium? m/ celeron? m/ onboard ulv intel? celeron? m processors at 600 mhz and 1 ghz  intel? 852gm + ich4  dimm ddr 266/333, up to 1 gb  10/100base-tx ethernet x 1 (gigabit ethernet optional)  dual-channel lvds, dvi and tv-out, (2nd lvds optional)  ac97 5.1ch audio, stereo amplifier  type ii compactflash? x 1, eide x 1, floppy disk drive x 1  usb2.0 x 4, com x 4, 16-bit digital i/o  mini-pci, pci and pcmcia x 2  +5v/ at/ atx 9657666600 ? jumper cap 1759291500 ? cpu cooler fan + heatsink (for socket-478m type only) quick installation guide ? utility cd ? pcm-8150 ? tf-pcm-8150-a21 (fanless) ? 5.25 board, ulv celeron ? m 600 mhz, 512 k, lcd-dvi-tv, ddr, lan, audio, 4 com, usb2.0, compactflash?, mini-pci & pcmcia, rev. a2.1 tf-pcm-8150-a21-01 (fanless) ? 5.25 board, ulv celeron ? m 600 mhz, 512 k, lcd-dvi-tv, ddr, lan, audio, 4 com, usb2.0, compactflash?, mini-pci, rev. a2.1 tf-pcm-8150-a21-02 ? 5.25 board, socket-478m, lcd-dvi-tv, ddr, lan, audio, 4 com, usb2.0, compactflash?, mini-pci & pcmcia, rev. a2.1 TF-PCM-8150-A21-03 ? 5.25 board, socket-478m, lcd-dvi-tv, ddr, lan, audio, 4 com, usb2.0, compactflash?, mini-pci, rev. a2. 1 tf-pcm-8150-a21-04 (fanless) ? 5.25 board, ulv celeron ? m 1.0 ghz, lcd-dvi-tv, ddr, lan, audio, 4 com, usb2.0, compactflash?, mini-pci, rev. a2.1 ordering information system form factor 5.25 processor socket-478m intel? pentium? m/ celeron? m up to 1.80 ghz/ onboard ulv intel? celeron? processor at 600 mhz & 1 ghz with fsb 400 mhz system memory 184-pin ddr dimm x 1, max. 1 gb ddr266/333 chipset intel? 852gm + ich4 i/o chipset ite it8712 ethernet intel? 82551, 10/100base-tx, rj-45 x 1 (gigabit ethernet optional) bios award 512 kb flash rom wake on lan yes (intel? 82551er does not support) watchdog timer generates a time-out system reset h/w status monitoring supports power supply voltages, fan speed and temperature monitoring expansion interface mini-pci x 1, pci x 1, pcmcia x 2 battery lithium battery power requirement +5v/at/atx power consumption (typical) pentium? m 1.8 ghz, ddr 400 1 gb 0.31a@+12v, 6.7a@+5v board size 8(l) x 5.75(w) (203mm x 146mm) gross weight 1.2 lb (0.5 kg) operating temperature 32f ~ 140f (0c ~ 60c) storage temperature -40f ~ 176f (-40c ~ 80c) operating humidity 0% ~ 90% relative humidity, non-condensing mtbf (hours) 50,000 display supports crt/lcd, crt/tv, crt/dvi, lcd/dvi, lcd/tv, dual view/ simul - taneous display chipset intel? 852gm + chrontel 7009 memory shared system memory up to 64 mb with dvmt resolutions up to 1600x1200@32bpp colors for crt up to 1280x1024@24bpp colors for lcd lcd interface up to 24-bit dual-channel lvds (emulated 24-bit dual-channel) tv-out supports ntsc and pal standard, s-terminal and composite video dvi yes i /o storage eide x 1 (udma 100 for two devices), type ii compactflash? x 1, floppy disk drive x 1 serial port rs-232 x 3, rs-232/422/485 x 1 parallel port spp/ epp/ ecp mode usb usb2.0 x 4 ps/2 port keyboard x 1, mouse x 1 digital i/o supports 16-bit (programmable) irda one irda tx/rx header audio mic-in, line-in, line-out, cd-in, s/pdif in/out, stereo amplifier included, 5.1ch floppy disk drive crt dvi tv-out lvds lcd power input ethernet rj-45 audio type ii pcmcia (back) com usb parallel pci 40-pin ide type iii mini pci packing list tf-per-0103 ? cable kit for pcm-8150/pcm-8152 tf-per-c10l-a10 ? mini-pci 10/100base-tx ethernet module with realtek 8100c tf-per-c10l-a10-01 ? mini-pci 10/100/1000base-tx ethernet module with realtek 8110s tf-per-c10l-a10-02 ? mini-pci 10/100base-tx ethernet module with intel? 82551qm tf-per-c10l-a10-03 ? mini-pci 10/100/1000base-tx ethernet module with intel? 82541gi tf-per-c30f-a10 ? mini-pci 3-port ieee 1394a module tf-per-v30c-a11 ? mini-pci single channel capture module with philips saa7135 tf-per-c40c-a10 ? mini-pci 2-port rs-232 module rev. a1.0 tf-per-c40c-a10-01 ? mini-pci 4-port rs-232 module rev. a1.0 optional accessories  compact board with intel? pentium? m/ celeron? m processors pcm-8150


▲Up To Search▲   

 
Price & Availability of TF-PCM-8150-A21-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X