Part Number Hot Search : 
ON2604 TD6347S 037N0059 NDUCTOR NDUCTOR NDUCTOR 1N5246A Y10EL
Product Description
Full Text Search
 

To Download SSM6K08FU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSM6K08FU high speed switching applications  small package  low on resistance: r on = 105 m ? (max) (@v gs = 4 v) r on = 140 m ? (max) (@v gs = 2.5 v)  high-speed switching: t on = 16 ns (typ.) t off = 15 ns (typ.) maximum ratings (ta     25c) characteristics symbol rating unit drain-source voltage v ds 20 v gate-source voltage v gss  12 v dc i d 1.6 drain current pulse i dp 3.2 a drain power dissipation p d (note1) 300 mw channel temperature t ch 150  c storage temperature range t stg  55~150  c note1: mounted on fr4 board. (25.4 mm  25.4 mm  1.6 t, cu pad: 0.32 mm 2  6) figure 1. marking equivalent circuit (top view) handling precaution when handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. unit: mm weight: 6.8 mg (typ.) 6 k d c 4 1 2 3 5 4 123 6 5 product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs   12 v, v ds  0    1  a v (br) dss i d  1 ma, v gs  0 20   drain-source breakdown voltage v (br) dsx i d  1 ma, v gs   12 v 12   v drain cut-off current i dss v ds  20 v, v gs  0   1  a gate threshold voltage v th v ds  3 v, i d  0.1 ma 0.5  1.2 v forward transfer admittance  y fs  v ds  3 v, i d  0.8 a (note2) 2.0   s i d  0.8 a, v gs  4 v (note2)  77 105 i d  0.8 a, v gs  2.5 v (note2)  100 140 drain-source on resistance r ds (on) i d  0.8 a, v gs  2.0 v (note2)  125 210 m input capacitance c iss v ds  10 v, v gs  0, f  1 mhz  306  pf reverse transfer capacitance c rss v ds  10 v, v gs  0, f  1 mhz  44  pf output capacitance c oss v ds  10 v, v gs  0, f  1 mhz  74  pf turn-on time t on  16  switching time turn-off time t off v dd  10 v, i d  0.8 a, v gs  0~2.5 v, r g  4.7   15  ns note2: pulse test switching time test circuit (a) test circuit (b) v in precaution v th can be expressed as voltage between gate and source when low operating current value is i d  100  a for this product. for normal switching operation, v gs (on) requires higher voltage than v th and v gs (off) requires lower voltage than v th. (relationship can be established as follows: v gs (off)  v th  v gs (on) ) please take this into consideration for using the device. v gs recommended voltage of 2.5 v or higher to turn on this product. (c) v out v dd  10 v r g  4.7 d.u.
  1% v in : t r , t f
5 ns common source ta  25c v dd out in 2.5 v 0 10  s r g t f t on 90% 10% 2.5 v 0 v 10% 90% t off t r v dd v ds ( on ) SSM6K08FU product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SSM6K08FU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X