SSM6K06FU high speed switching applications small package low on resistance : r on = 160 m ? max (@v gs = 4 v) : r on = 210 m ? max (@v gs = 2.5 v) low gate threshold voltage maximum ratings (ta 25c) characteristics symbol rating unit drain-source voltage v ds 20 v gate-source voltage v gss 12 v dc i d 1.1 drain current pulse i dp 2.2 a drain power dissipation (ta 25c) p d (note 1) 300 mw channel temperature t ch 150 c storage temperature range t stg 55~150 c note 1: mounted on fr4 board. (25.4 mm 25.4 mm 1.6 t, cu pad: 0.32 mm 2 6) figure 1. marking equivalent circuit (top view) handling precaution when handling individual devices (which are not yet mounting on a circuit board), be sure that the environment is protected against electrostatic electricity. operators should wear anti-static clothing, and containers and other objects that come into direct contact with devices should be made of anti-static materials. unit: mm weight: 6.8 mg (typ.) 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
electrical characteristics (ta 25c) characteristics symbol test condition min typ. max unit gate leakage current i gss v gs 12 v, v ds 0 1 a drain-source breakdown voltage v (br) dss i d 1 ma, v gs 0 20 v drain cut-off current i dss v ds 20 v, v gs 0 1 a gate threshold voltage v th v ds 3 v, i d 0.1 ma 0.6 1.1 v forward transfer admittance y fs v ds 3 v, i d 0.5 a (note 2) 1.2 s i d 0.5 a, v gs 4 v (note 2) 120 160 drain-source on resistance r ds (on) i d 0.5 a, v gs 2.5 v (note 2) 160 210 m input capacitance c iss v ds 10 v, v gs 0, f = 1 mhz 125 pf reverse transfer capacitance c rss v ds 10 v, v gs 0, f 1 mhz 30 pf output capacitance c oss v ds 10 v, v gs 0, f 1 mhz 75 pf turn-on time t on 42 switching time turn-off time t off v dd 10 v, i d 0.5 a, v gs 0~2.5 v, r g 4.7 100 ns note 2: pulse test switching time test circuit precaution v th can be expressed as voltage between gate and source when low operating current value is i d 100 a for this product. for normal switching operation, v gs (on) requires higher voltage than v th and v gs (off) requires lower voltage than v th . (relationship can be established as follows: v gs (off) v th v gs (on) ) please take this into consideration for using the device. v gs recommended voltage of 2.5 v or higher to turn on this product. 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com SSM6K06FU product specification
|