Part Number Hot Search : 
TM7104 BDR2G RT1468B6 6N138 XF0013Q1 3F334EL LM358A B0612BT1
Product Description
Full Text Search
 

To Download SP708REN-L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s june 2010 rev. 2.0.0 exar corporation www.exar.com 48720 kato road, fremont ca 94538, usa tel. +1 510 668-7000 ? fax. +1 510 668-7001 general description the sp706r/s/t and sp708r/s/t series is a family of microprocessor (p) supervisory circuits that integrat e myriad components involved in discrete solutions which monitor power-supply and battery in p and digital systems. the sp706r/s/t and sp708r/s/t series will significantly improve system reliability and operational efficiency when compared to solutions obtained with discrete components. the features of the sp706r/s/t and sp708r/s/t series includ e a watchdog timer, a p reset, a power fail comparator, and a manual-reset input. the sp706r/s/t and sp708r/s/t series is ideal for 3.0v or 3.3v applications in automotive systems, computers, controllers, and intelligent instruments. the sp706r/s/t and sp708r/s/t series is an ideal solution for systems in which critical monitoring of the power supply to the p and related digital components is demanded. applications ? processors & dsps based systems ? industrial & medical instruments features ? precision low voltage monitor ? sp706r/sp708r: +2.63v ? sp706s/sp708s: +2.93v ? sp706t/sp708t: +3.08v ? 200ms reset pulse width ? sp706r/s/t: active low ? sp708r/s/t: active hi gh and active low ? independent watchdog timer ? 1.6s timeout (sp706r/s/t) ? enable/disable function ? 40a maximum supply current ? debounced ttl/cmos manual reset input ? reset asserted down to v cc =1v ? v cc glitch immunity ? voltage monitor for power failure or low battery warning ? 8-pin nsoic and msop packages ? pin compatible with industry standards 706r/s/t and 708r/s/t part number reset threshold reset active manual reset watchdog pfi accuracy sp706r 2.63v low yes yes 4% sp706s 2.93v low yes yes 4% sp706t 3.08v low yes yes 4% sp708r 2.63v low and high yes no 4% sp708s 2.93v low and high yes no 4% sp708t 3.08v low and high yes no 4%
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 2/16 rev. 2.0.0 absolute maximum ratings these are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections of the specifications below is not implied. exposure to absolute maximum rating conditions for extended periods of time may affect reliability. v cc .......................................................... -0.3v to 6.0v all other inputs (note 1) ................... -0.3v to (v cc +0.3v) input current vcc ................................................................. 20ma gnd ................................................................ 20ma output current (a ll outputs) ............................... 20ma esd rating (hbm - huma n body mode l) .................... 2kv continuous power dissipation so (derate 5.88mw/c above +70c) ............... 471mw mini so (derate 4.10mw/ c above + 70c) ........330m w storage temp erature .............................. -65c to 160c lead temperature (sol dering, 10 se c) .................... 300c electrical specifications unless otherwise indicated, v cc = 2.7v to 5.5v (sp70xr), v cc = 3.15v to 5.5v (sp70xs), v cc = 3.0v to 5.5v (sp70xt), t a = t min to t max , typical at 25c. parameter min. typ. max. units conditions operating voltage range v cc 1.0 5.5 v supply current i supply 25 40 a mr =v cc or floating, wdi floating reset threshold 2.55 2.63 2.70 v sp706r. sp708r 2.85 2.93 3.00 sp706s. sp708s 3.00 3.08 3.15 sp706t. sp708t reset threshold hysteresis 20 mv note 2 reset pulse width t rs 140 200 280 ms note 2 reset output voltage v v oh 0.8xv cc v rst(max) s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 3/16 rev. 2.0.0 parameter min. typ. max. units conditions mr pulse width t mr 500 ns v rst(max) s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 4/16 rev. 2.0.0 fig. 2: sp708r/s/t block diagram pin assignment fig. 3: pin assignment
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 5/16 rev. 2.0.0 pin description name pin number description sp706r/s/t sp708r/s/t soic msop soic msop mr 1 3 1 3 manual reset this input triggers a reset pulse when pulled below 0.8v. this active low input has an internal 70a pull -up current. it can be driven from a ttl or cmos logic line or shorted to ground with a switch. v cc 2 4 2 4 voltage input gnd 3 5 3 5 ground reference for all signals pfi 4 6 4 6 power-fail input when this voltage monitor input is less than 1.25v, pfo goes low. connect pfi to ground or v cc when not in use. pfo 5 7 5 7 power-fail output this output is low until pfi is less then 1.25v wdi 6 8 - - watchdog input if this input remains high or low for 1.6s, the internal watchdog timer times out and wdo goes low. floating wdi or connecting wdi to a high-impedance tri-state buffe r disables the watchdog feature. the internal watchdog timer clears whenever reset is asserted, wdi is tri-stated, or whenever wdi sees a rising or falling edge. n.c. - - 6 8 no connect reset 7 1 7 1 active-low reset output this output pulses low for 200ms when triggered and stays low whenever v cc is below the reset threshold. it remains low for 200ms after v cc rises above the reset threshold or mr goes from low to high. a watchdog timeout will not trigger reset unless wdo is connected to mr . wdo 8 2 - - watchdog output this output pulls low when the internal watchdog timer finishes its 1.6s count and does not go high again until the watchdog is cleared. wdo also goes low during low- line conditions. whenever v cc is below the reset threshold, wdo stays low. however, unlike reset , wdo does not have a minimum pulse width. as soon as v cc is above the reset threshold, wdo goes high with no delay. reset - - 8 2 active-high reset output this output is the complement of reset . whenever reset is high, reset is low and vice-versa. note that the sp708r/s/t has a reset output only. ordering information part number temperature range marking package packing quantity note 1 note 2 sp706rcn-l 0c t a +70c sp706rc yywwl x 8-pin nsoic bulk lead free sp706rcn-l/tr 0c t a +70c 8-pin nsoic 2.5k/tape & reel lead free sp706rcu-l 0c t a +70c 706r cxxx yww 8-pin msop bulk lead free sp706rcu-l/tr 0c t a +70c 8-pin msop 2.5k/tape & reel lead free sp706ren-l -40c t a +85c sp706re yywwl x 8-pin nsoic bulk lead free sp706ren-l/tr -40c t a +85c 8-pin nsoic 2.5k/tape & reel lead free sp706reu-l -40c t a +85c 706r exxx yww 8-pin msop bulk lead free sp706reu-l/tr -40c t a +85c 8-pin msop 2.5k/tape & reel lead free sp706scn-l 0c t a +70c sp706sc yywwl x 8-pin nsoic bulk lead free sp706scn-l/tr 0c t a +70c 8-pin nsoic 2.5k/tape & reel lead free sp706scu-l 0c t a +70c 706s cxxx yww 8-pin msop bulk lead free sp706scu-l/tr 0c t a +70c 8-pin msop 2.5k/tape & reel lead free
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 6/16 rev. 2.0.0 part number temperature range marking package packing quantity note 1 note 2 sp706sen-l -40c t a +85c sp706se yywwl x 8-pin nsoic bulk lead free sp706sen-l/tr -40c t a +85c 8-pin nsoic 2.5k/tape & reel lead free sp706seu-l -40c t a +85c 706s exxx yww 8-pin msop bulk lead free sp706seu-l/tr -40c t a +85c 8-pin msop 2.5k/tape & reel lead free sp706tcn-l 0c t a +70c sp706tc yywwl x 8-pin nsoic bulk lead free sp706tcn-l/tr 0c t a +70c 8-pin nsoic 2.5k/tape & reel lead free sp706tcu-l 0c t a +70c 706t cxxx yww 8-pin msop bulk lead free sp706tcu-l/tr 0c t a +70c 8-pin msop 2.5k/tape & reel lead free sp706ten-l -40c t a +85c sp706te yywwl x 8-pin nsoic bulk lead free sp706ten-l/tr -40c t a +85c 8-pin nsoic 2.5k/tape & reel lead free sp706teu-l -40c t a +85c 706t exxx yww 8-pin msop bulk lead free sp706teu-l/tr -40c t a +85c 8-pin msop 2.5k/tape & reel lead free SP708REN-L -40c t a +85c sp708re yywwl x 8-pin nsoic bulk lead free SP708REN-L/tr -40c t a +85c 8-pin nsoic 2.5k/tape & reel lead free sp708scn-l 0c t a +70c sp708sc yywwl x 8-pin nsoic bulk lead free sp708scn-l/tr 0c t a +70c 8-pin nsoic 2.5k/tape & reel lead free sp708scu-l 0c t a +70c 708s uxxx yww 8-pin msop bulk lead free sp708scu-l/tr 0c t a +70c 8-pin msop 2.5k/tape & reel lead free sp708sen-l -40c t a +85c sp708se yywwl x 8-pin nsoic bulk lead free sp708sen-l/tr -40c t a +85c 8-pin nsoic 2.5k/tape & reel lead free sp708tcn-l 0c t a +70c sp708tc yywwl x 8-pin nsoic bulk lead free sp708tcn-l/tr 0c t a +70c 8-pin nsoic 2.5k/tape & reel lead free sp708ten-l -40c t a +85c sp706te yywwl x 8-pin nsoic bulk lead free sp708ten-l/tr -40c t a +85c 8-pin nsoic 2.5k/tape & reel lead free ?yy? = year ? ?ww? = work week ? ?x? = lot number
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 7/16 rev. 2.0.0 typical performance characteristics all data taken at v cc = 2.7v to 5.5v (sp70xr), v cc = 3.15v to 5.5v (sp70xs), v cc = 3.0v to 5.5v (sp70xt), t a = 25c, unless otherwise indicated. fig. 4: power-fail comparator de-assertion response time fig. 5: power-fail comparator de-assertion response time circuit fig. 6: power-fail comparator assertion response time fig. 7: power-fail comparator assertion response time circuit fig. 8: sp706 reset output voltage vs. supply voltage fig. 9: sp706 reset output voltage vs. supply voltage circuit
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 8/16 rev. 2.0.0 fig. 10: sp706 reset response time fig. 11: sp706 reset response time circuit fig. 12: sp708 reset and reset assertion fig. 13: sp708 reset and reset de-assertion fig. 14: sp708 reset and reset assertion and de-assertion circuit
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 9/16 rev. 2.0.0 fig. 15: sp708 reset output voltage vs. supply voltage fig. 16: sp708 reset response time fig. 17: sp708 reset output voltage vs. supply voltage and sp813l reset response time circuit
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 10/16 rev. 2.0.0 features the sp706r/s/t and sp708r/s/t series provides four key functions: 1. a reset output during power-up, power- down and brownout conditions. 2. an independent watchdog output that goes low if the watchdog input has not been toggled within 1.6 seconds. 3. a 1.25v threshold detector for power-fail warning, low battery dete ction, or monitoring a power supply other than +3.3v/+3.0v. 4. an active-low manual-reset that allows reset to be triggered by a pushbutton switch. the sp706r/s/t devices are the same as the sp708r/s/t devices exce pt for the active- high reset substitution of the watchdog timer. theory of operation the sp706r/s/t-sp708r/s/t series is a microprocessor (p) supervisory circuit that monitors the power supplied to digital circuits such as microprocessors, microcontrollers, or memory. the series is an ideal solution for portable, battery-powered equipment that requires power supply monitoring. implementing this series will reduce the number of components an d overall complexity. the watchdog func tions of this product family will continuously oversee the operational status of a system. th e operational features and benefits of the sp706r/s/t-sp708r/s/t series are described in more detail below. reset o utput a microprocessor's reset input starts the p in a known state. the sp706r/s/t-sp708r/s/t series asserts reset during power-up and prevents code execution errors during power down or brownout conditions. on power-up, once v cc reaches 1v, reset is a guaranteed logic low of 0.4v or less. as v cc rises, reset stays low. when v cc rises above the reset threshold, an internal timer releases reset after 200ms. reset pulses low whenever v cc dips below the reset threshold, such as in a brownout condition. when a brownout condition occurs in the middle of a previously initiated reset pulse, the pulse continues for at least another 140ms. on power down, once v cc falls below the reset threshold, reset stays low and is guaranteed to be 0.4v or less until v cc drops below 1v. the active-high reset output is simply the complement of the reset output and is guaranteed to be valid with v cc down to 1.1v. some ps, such as intel's 80c51, require an active-high reset pulse. w atchdog t imer the sp706r/s/t-sp708r/s/t watchdog circuit monitors the p's activity. if the p does not toggle the watchdog input (wdi) within 1.6 seconds and wdi is not tri-stated, wdo goes low. as long as reset is asserted or the wdi input is tri-stated, the watchdog timer will stay cleared and will not count. as soon as reset is released and wdi is driven high or low, the timer will start counting. pulses as short as 50ns can be detected. typically, wdo will be connected to the non- maskable interrupt input (nmi) of a p. when v cc drops below the reset threshold, wdo will go low whether or not the watchdog timer had timed out. normally this would trigger an nmi but reset goes low simultaneously and thus overrides the nmi. if wdi is left unconnected, wdo can be used as a low-line output. since floating wdi disables the internal timer, wdo goes low only when v cc falls below the reset threshold, thus functioning as a low-line output. fig. 18: watchdog timing waveforms
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 11/16 rev. 2.0.0 fig. 19: timing diagrams with wdi tri-stated. p ower -f ail c omparator the power-fail comparator can be used for various purposes because its output and non inverting input are not internally connected. the inverting input is internally connected to a 1.25v reference. to build an early-warning circuit for power failure, connect the pfi pin to a voltage divider as shown in figure 20. choose the voltage divider ratio so that the voltage at pfi falls below 1.25v just before the +5v regulator drops out. use pfo to interrupt the p so it can prepare for an orderly power-down. fig. 20: typical operating circuit m anual r eset the manual-reset input ( mr ) allows reset to be triggered by a pushbutton switch. the switch is effectively debounced by the 140ms minimum reset pulse width. mr is ttl/cmos logic compatible, so it can be driven by an external logic line. mr can be used to force a watchdog timeout to generate a reset pulse in the sp706r/s/t-sp708r/s/t. simply connect wdo to mr . ensuring a valid reset output down to v cc =0v when v cc falls below 1v, the reset output no longer sinks current, it becomes an open circuit. high-impedance cmos logic inputs can drift to undetermined voltages if left undriven. if a pull-down resistor is added to the reset pin, any stray charge or leakage currents will be shunted to ground, holding reset low. the resistor value is not critical. it should be about 100k ? , large enough not to load reset and small enough to pull reset to ground. m onitoring v oltages o ther than the u nregulated dc i nput monitor voltages other than the unregulated dc by connecting a voltage divider to pfi and adjusting the ratio appropriately. if required, add hysteresis by connecting a resistor (with a value approximately 10 times the sum of the two resistors in the potential divider network) between pfi and pfo . a capacitor between pfi and gnd will reduce the power-fail circuit's sensitivity to high-frequency noise on the line being monitored. reset can be used to monitor voltages other than the +3.3v/+3.0v v cc line. connect pfo to mr to initiate a reset pulse when pfi drops below 1.25v. figure 21 shows the sp706r/s/t-sp708r/s/t series configured to assert reset when the +3.3v/3.0v supply falls below the reset threshold, or when the +12v supply falls below approximately 11v. m onitoring a n egative v oltage s upply the power-fail comparator can also monitor a negative supply rail, show n in figure 22. when the negative rail is good (a negative voltage of large magnitude), pfo is low. by adding the
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 12/16 rev. 2.0.0 resistors and transistor as shown, a high pfo triggers reset. as long as pfo remains high, the sp706r/s/t-sp708r/s/t series will keep reset asserted (where reset = low and reset = high). note that this circuit's accuracy depends on the pfi threshold tolerance, the v cc line, and the resistors. fig. 21: monitoring +3.3v/+3.0v and +12v power supplies fig. 22: monitoring a negative voltage supply i nterfacing to p s with b idirectional reset p ins ps with bidirectional reset pins, such as the motorola 68hc11 series, can contend with the sp705/706/707/708 reset output. if, for example, the reset output is driven high and the p wants to pull it low, indeterminate logic levels may result. to correct this, connect a 4.7k ? resistor between the reset output and the p reset i/o, as shown if figure 23. buffer the reset output to other system components. fig. 23: interfacing to microprocessors with bidirectional reset i/o (sp706) n egative -g oing v cc t ransient while issuing resets to the p during power- up, power-down, and brownout conditions, these supervisors are relatively immune to short duration negative-going vcc transients (glitches). it is usually undesirable to reset the p when v cc experiences only small glitches. figure 24 shows maximum transient duration vs. reset-comparator overdrive, for which reset pulses are not generated. the data was generated using negative-going v cc pulses, starting at 3.3v and ending below the reset threshold by the magnitude indicated (reset comparator overdrive). the graph shows the maximum pulse width a negative-going v cc transient may typically have without causing a reset pulse to be issued. as the amplitude of the transient increases (i.e. goes farther below
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 13/16 rev. 2.0.0 the reset threshold), the maximum allowable pulse width decreases. typically, a v cc transient that goes 100mv below the reset threshold and lasts for 40 s or less will not cause a reset pulse to be issued. a 100nf bypass capacitor mounted close to the vcc pin provides additional transient immunity. fig. 24: maximum transient duration without causing a reset pulse vs. reset comparator overdrive applications the sp706p/r/s/t-sp708r/s/t series offers unmatched performance and the lowest power consumption for these industry standard devices. refer to figures 25 and 26 for supply current performance characteristics rated against temperature and supply voltages. fig. 25: supply current vs. temperature fig. 26: supply current vs. supply voltage
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 14/16 rev. 2.0.0 package specification 8-p in nsoic
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 15/16 rev. 2.0.0 8-p in msop
s s p p 7 7 0 0 6 6 r r / / s s / / t t - - s s p p 7 7 0 0 8 8 r r / / s s / / t t 3 3 . . 0 0 v v / / 3 3 . . 3 3 v v l l o o w w p p o o w w e e r r m m i i c c r r o o p p r r o o c c e e s s s s o o r r s s u u p p e e r r v v i i s s o o r r y y c c i i r r c c u u i i t t s s ? 2010 exar corporation 16/16 rev. 2.0.0 revision history revision date description 2.0.0 06/04/2010 reformat of datasheet for further assistance email: customersupport@exar.com exar technical documentation: http://www.exar.com/techdoc/default.aspx? e xar c orporation h eadquarters and s ales o ffices 48720 kato road fremont, ca 94538 ? usa tel.: +1 (510) 668-7000 fax: +1 (510) 668-7030 www.exar.com notice exar corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. exar corporation assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and make s no representation that the circuits are free of patent infringement. charts and schedules contai ned herein are only for illustration pu rposes and may vary depending upon a user?s specific application. while the information in this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies. exar corporation does not recommend the us e of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to cause fa ilure of the life support system or to significantly affect it s safety or effectiveness. products are not authorized for use in such applications unless exar corporation receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of exar corporation is adequately protected under the circumstances. reproduction, in part or whole, without the prior written consent of exar corporation is prohibited.


▲Up To Search▲   

 
Price & Availability of SP708REN-L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X