Part Number Hot Search : 
KP100 59000 UPD17012 NJU6395 LX1802 1N5355 MC68328V MMBT555
Product Description
Full Text Search
 

To Download RT2652 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  RT2652 ? ds2652-00 november 2012 www.richtek.com 1 ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. 2a, 1.2mhz synchronous step-down converter features z z z z z high efficiency : up to 95% z z z z z fixed frequency : 1.2mhz z z z z z no schottky diode required z z z z z internal compensation z z z z z 0.6v reference allows low output voltage z z z z z 100% duty cycle for low dropout operation z z z z z ocp, uvp, otp z z z z z rohs compliant and halogen free applications z enterprise servers z ethernet switches & routers z global storage z telecom & industrial z cell phones & dsc's general description the RT2652 is a high efficiency synchronous, step-down dc/dc converter. the available input voltage range is from 2.7v to 5.5v the regulated output voltage is adjustable from 0.6v to vin while delivering up to 2a of output current. the internal synchronous low on-resistance power switches increase efficiency and eliminate the need for an external schottky diode. the switching frequency is fixed internally at 1.2mhz. the 100% duty cycle provides low dropout operation extending battery life in portable systems. current mode operation with internal compensation allows the transient response to be optimized. the RT2652 is available in the wdfn-10l 3x3 package. simplified application circuit marking information 0k=ym dnn 0k= : product code ymdnn : date code ordering information note : richtek products are : ` rohs compliant and compatible with the current require- ments of ipc/jedec j-std-020. ` suitable for use in snpb or pb-free soldering processes. RT2652 package type qw : wdfn-10l 3x3 (w-type) lead plating system g : green (halogen free and pb free) RT2652 pgnd vin v in v out agnd lx fb en pin configurations (top view) wdfn-10l 3x3 en vin fb agnd pgnd pgnd lx agnd lx vin 9 8 7 1 2 3 4 5 10 6 pgnd 11
RT2652 2 ds2652-00 november 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. function block diagram functional pin description pin no. pin name pin function 1 en enable control input. pull high to turn on. do not float. 2, 3 vin power input. decouple this pin to gnd with a 22 f ceramic capacitor at least. 4, 6 agnd analog ground. 5 fb feedback voltage input. this pin receives the feedback voltage from an external resistive divider connected across the output. 7, 8 lx power mosfet switch node. connect this pin to the inductor. 9, 10, 11 (exposed pad) pgnd power ground. the exposed pad must be soldered to a large pcb and connected to gnd for maximum power dissipation. operation the RT2652 is a monolithic, constant-frequency, current mode step-down dc/dc converter. during normal operation, the internal high side mosfet is turned on at the beginning of each cycle. current in the inductor increases until the peak inductor current reaches the value defined by the internal error amplifier. the error amplifier adjusts the voltage of its output by comparing the feedback signal from a resistor divider on the fb pin with an internal 0.6v reference. when the load current increases, it causes a reduction in the feedback voltage relative to the reference. the error amplifier raises its output voltage until the average inductor current matches the new load current. when the high side mosfet turns off, the synchronous power switch (n-mosfet) turns on until either the bottom current limit is reached or the beginning of the next cycle. the operating frequency is set by the internal oscillator at 1.2mhz. in vin larger than 6v condition, the high side mosfet is turned off and the low side mosfet is switched on until either the vin over voltage condition is cleared or the low side mosfet's current limit is reached. in fb larger than 1.05v condition, the high side mosfet turns off, and the low side mosfet turns on, and ic is latched until restarted. driver control logic lx pgnd osc slope comp. en fb output clamp vin en n-mosfet limit nisen isen oc limit 0.6v ss ea uv 0.2v por otp agnd
RT2652 3 ds2652-00 november 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. absolute maximum ratings (note 1) z supply voltage, vin ----------------------------------------------------------------------------------------------- ? 0.3v to 6.5v z switch node v oltage, lx ------------------------------------------------------------------------------------------ ? 0.3v to (v in + 0.3v) z other pins ------------------------------------------------------------------------------------------------------------ ? 0.3v to 6.5v z power dissipation, p d @ t a = 25 c wdfn-10l 3x3 ------------------------------------------------------------------------------------------------------ 1.429w z package thermal resistance (note 2) wdfn-10l 3x3, ja ------------------------------------------------------------------------------------------------ 70 c/w wdfn-10l 3x3, jc ------------------------------------------------------------------------------------------------ 8.2 c/w z junction temperature ---------------------------------------------------------------------------------------------- 150 c z lead temperature (soldering, 10 sec.) ---------------------------- -------------------------------------------- 260 c z storage temperature range ------------------------------------------------------------------------------------- ? 65 c to 150 c z esd susceptibility (note 3) hbm (human body model) --------------------------------------------------------------------------------------- 2kv recommended operating conditions (note 4) z supply voltage, vin ----------------------------------------------------------------------------------------------- 2.7v to 5.5v z junction temperature range ------------------------------------------------------------------------------------- ? 40 c to 125 c z ambient temperature range ------------------------------------------------------------------------------------- ? 40 c to 85 c electrical characteristics (v in = 3.3v, t a = 25 c unless otherwise specified) parameter symbol test conditions min typ max unit feedback reference voltage v ref 0.594 0.6 0.606 v feedback leakage current i fb -- 0.1 0.4 a active, v fb = 0.58v, not switching -- -- -- a dc bias current shutdown -- -- 1 a output voltage line regulation v in = 2.7v to 5.5v -- 0.04 -- %/v output voltage load regulation i out = 10ma to 2000ma -- 0.2 -- %/a switch leakage current en = 0v -- -- 1 a switching frequency 0.96 1.2 1.44 mhz high r ds(on)_h -- 110 130 switch on-resistance low r ds(on)_l -- 70 90 m p-mosfet current limit i lim 2.5 3.5 -- a vdd rising -- 2.4 -- v under voltage lockout threshold vdd falling -- 2.2 -- v logic-high v ih 1.5 -- -- en input voltage logic-low v il -- -- 0.3 v en pull low resistance -- 500 -- k
RT2652 4 ds2652-00 november 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. note 1. stresses beyond those listed ? absolute maximum ratings ? may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions may affect device reliability. note 2. ja is measured at t a = 25 c on a high effective thermal conductivity four-layer test board per jedec 51-7. jc is measured at the exposed pad of the package. note 3. devices are esd sensitive. handling precaution is recommended. note 4. the device is not guaranteed to function outside its operating conditions.. parameter symbol test conditions min typ max unit over temperature protection (latch-off) -- 150 -- c soft-start time 1.3 -- -- ms v out discharge resistance -- 100 150 v out uvp (latch-off) -- 33 -- %
RT2652 5 ds2652-00 november 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. typical application circuit v out (v) r1 (k ) r2 (k ) c f (pf) l ( h) c out ( f) 3.3 37 8.2 200 2 22 2.5 26 8.2 200 2 22 1.8 16.5 8.2 200 1.5 22 1.5 12.3 8.2 200 1.5 22 1.2 8.2 8.2 200 1.5 22 1 5.6 8.2 200 1.5 22 table 1. recommended component selection RT2652 pgnd vin v in 22f c in v out agnd l c f lx fb r1 r2 en 1 2, 3 4, 6 7, 8 5 9, 10, 11 (exposed pad) c out
RT2652 6 ds2652-00 november 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. typical operating characteristics switching frequency vs. temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 -50 -25 0 25 50 75 100 125 temperature (c) switching frequency (mhz) 1 v in = 3.3v v in = 5v v out = 1.2v, i out = 0.6a switching frequency vs. temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 -50 -25 0 25 50 75 100 125 temperature (c) switching frequency (mhz) 1 v in = 5v, v out = 3.3v, i out = 0.6a output voltage vs. output current 3.32 3.33 3.34 3.35 3.36 3.37 3.38 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 output current (a) output voltage (v) v in = 5v, v out = 3.3v, i out = 0 to 2a output voltage vs. output current 1.180 1.185 1.190 1.195 1.200 1.205 1.210 1.215 1.220 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 output current (a) output voltage (v) v in = 5v v in = 3.3v v out = 1.2v, i out = 0 to 2a efficiency vs. output current 0 10 20 30 40 50 60 70 80 90 100 0.001 0.01 0.1 1 10 output current (a) efficiency (%) v in = 5v, v out = 3.3v v in = 5v, v out = 1.2v v in = 3.3v, v out = 1.2v i out = 0 to 2a efficiency vs. output current 0 10 20 30 40 50 60 70 80 90 100 0 0.25 0.5 0.75 1 1.25 1.5 1.75 2 output current (a) efficiency (%) i out = 0 to 2a v in = 5v, v out = 3.3v v in = 3.3v, v out = 1.2v v in = 5v, v out = 1.2v
RT2652 7 ds2652-00 november 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. time (100 s/div) load transient response v out (100mv/div) i out (1a/div) v in = 5v, v out = 1.2v, i out = 1a to 2a time (100 s/div) load transient response v out (100mv/div) i out (1a/div) v in = 5v, v out = 3.3v, i out = 1a to 2a time (500ns/div) output ripple voltage v out (5mv/div) v lx (5v/div) v in = 5v, v out = 1.2v, i out = 2a time (500ns/div) output ripple voltage v in = 5v, v out = 3.3v, i out = 2a v out (5mv/div) v lx (5v/div) v in uvlo vs. temperature 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 -50 -25 0 25 50 75 100 125 temperature (c) v in uvlo (v) falling rising enable voltage vs. temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 -50 -25 0 25 50 75 100 125 temperature (c) enable voltage (v) falling rising
RT2652 8 ds2652-00 november 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. time (500 s/div) power on from en v in = 5v, v out = 1.2v, i out = 2a v out (5v/div) v en (5v/div) i out (5a/div) v lx (5v/div) time (500 s/div) power on from en v in = 5v, v out = 3.3v, i out = 2a v out (5v/div) v en (5v/div) i out (5a/div) v lx (5v/div) time (5ms/div) power off from vin v in = 5v, v out = 1.2v, i out = 2a v out (5v/div) v in (5v/div) i out (5a/div) v lx (5v/div) time (5ms/div) power off from vin v in = 5v, v out = 3.3v, i out = 2a v out (5v/div) v in (5v/div) i out (5a/div) v lx (5v/div) v in = 5v, v out = 1.2v, i out = 2a time (2.5ms/div) power on from vin v out (5v/div) v in (5v/div) i out (5a/div) v lx (5v/div) v in = 5v, v out = 3.3v, i out = 2a time (2.5ms/div) power on from vin v out (5v/div) v in (5v/div) i out (5a/div) v lx (5v/div)
RT2652 9 ds2652-00 november 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. time (500 s/div) power off from en v in = 5v, v out = 3.3v, i out = 2a v out (5v/div) v en (5v/div) i out (5a/div) v lx (5v/div) reference voltage vs. temperature 0.580 0.585 0.590 0.595 0.600 0.605 0.610 0.615 0.620 -50-250 255075100125 temperature (c) reference voltage (v) i out = 0.6a time (500 s/div) power off from en v out (5v/div) v en (5v/div) v in = 5v, v out = 1.2v, i out = 2a i out (5a/div) v lx (5v/div)
RT2652 10 ds2652-00 november 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. application information the RT2652 is a single-phase buck pwm converter. it provides single feedback loop, current mode control with fast transient response. an internal 0.6v reference allows the output voltage to be precisely regulated for low output voltage applications. a fixed switching frequency (1.2mhz) oscillator and internal compensation are integrated to minimize external component count. output voltage setting the output voltage is set by an external resistive voltage divider according to the following equation : figure 1. setting the output voltage out ref r1 v = v 1 r2 ?? + ?? ?? where v ref is equals 0.6v (typ.). the resistive voltage divider allows the fb pin to sense a fraction of the output voltage as shown in figure 1. RT2652 gnd fb r1 r2 v out inductor selection for a given input and output voltage, the inductor value and operating frequency determine the ripple current. the ripple current i l increases with higher v in and decreases with higher inductance. out out l in vv i = 1 fl v ??? ? ?? ??? ? ??? ? having a lower ripple current reduces not only the esr losses in the output capacitors but also the output voltage ripple. highest efficiency operation is achieved by reducing ripple current at low frequency, but a large inductor is required to attain this goal. for ripple current selection, the value of i l = 0.4(i max ) is a reasonable starting point. the largest ripple current occurs at the highest v in . to guarantee that the ripple current stays below a specified maximum value, the inductor should be chosen according to the following equation : slope compensation and inductor peak current slope compensation provides stability in constant frequency architectures by preventing sub-harmonic oscillations at duty cycles greater than 50%. it is accomplished internally by adding a compensating ramp to the inductor current signal. normally, the maximum inductor peak current is reduced when slope compensation is added. in this ic, however, separated inductor current signal is used to monitor over current condition and this keeps the maximum output current relatively constant regardless of duty cycle. low dropout operation the RT2652 is designed to operate down to an input supply voltage of 2.7v. one important consideration at low input supply voltage is that the r ds(on) of the p-channel and n- channel power switches increases. the user should calculate the power dissipation when the RT2652 is used at 100% duty cycle with low input voltages to ensure that thermal limits are not exceeded. slope compensation and inductor peak current slope compensation provides stability in constant frequency architectures by preventing sub-harmonic oscillations at duty cycles greater than 50%.it is accomplished internally by adding a compensating ramp to the inductor current signal. normally, the maximum inductor peak current is reduced when slope compensation is added. in the RT2652, however, separated inductor current signals are used to monitor over current condition. this keeps the maximum output current relatively constant regardless of duty cycle. short circuit protection when the output is shorted to ground, the inductor current decays very slowly during a single switching cycle. a current runaway detector is used to monitor inductor current. as current increases beyond the control of current loop, switching cycles will be skipped to prevent current runaway from occurring. out out l(max) in(max) vv l = 1 fi v ??? ? ? ??? ? ??? ?
RT2652 11 ds2652-00 november 2012 www.richtek.com ? copyright 2012 richtek technology corporation. all rights reserved. is a registered trademark of ric htek technology corporation. under voltage lockout threshold the ic includes an input under voltage lockout protection (uvlo). if the input voltage exceeds the uvlo rising threshold voltage, the converter resets and prepares the pwm for operation. if the input voltage falls below the uvlo falling threshold voltage during normal operation, the device stops switching. the uvlo rising and falling threshold voltage includes a hysteresis to prevent noise caused reset. thermal shutdown the device implements an internal thermal shutdown function when the junction temperature exceeds 150 c. the thermal shutdown disables the device until the junction temperature drops below the hysteresis (20 c typ.). then, the device is re-enabled and automatically reinstates the power up sequence. thermal considerations for continuous operation, do not exceed absolute maximum junction temperature. the maximum power dissipation depends on the thermal resistance of the ic package, pcb layout, rate of surrounding airflow, and difference between junction and ambient temperature. the maximum power dissipation can be calculated by the following formula : p d(max) = (t j(max) ? t a ) / ja where t j(max) is the maximum junction temperature, t a is the ambient temperature, and ja is the junction to ambient thermal resistance. for recommended operating condition specifications, the maximum junction temperature is 125 c. the junction to ambient thermal resistance, ja , is layout dependent. for wdfn-10l 3x3 packages, the thermal resistance, ja , is 70 c/w on a standard jedec 51-7 four-layer thermal test board. the maximum power dissipation at t a = 25 c can be calculated by the following formulas : p d(max) = (125 c ? 25 c) / (70 c/w) = 1.429w for wdfn-10l 3x3 package the maximum power dissipation depends on the operating ambient temperature for fixed t j(max) and thermal resistance, ja . the derating curves in figure 2 allow the designer to see the effect of rising ambient temperature on the maximum power dissipation. figure 2. derating curve of maximum power dissipation 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 25 50 75 100 125 ambient temperature (c) maximum power dissipation (w) 1 four-layer pcb
RT2652 12 ds2652-00 november 2012 www.richtek.com richtek technology corporation 5f, no. 20, taiyuen street, chupei city hsinchu, taiwan, r.o.c. tel: (8863)5526789 richtek products are sold by description only. richtek reserves the right to change the circuitry and/or specifications without notice at any time. customers should obtain the latest relevant information and data sheets before placing orders and should verify that such information is current and complete. richtek cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a richtek product. information furnish ed by richtek is believed to be accurate and reliable. however, no responsibility is assumed by richtek or its subsidiaries for its use; nor for any infringeme nts of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of r ichtek or its subsidiaries. outline dimension dimensions in millimeters dimensions in inches symbol min max min max a 0.700 0.800 0.028 0.031 a1 0.000 0.050 0.000 0.002 a3 0.175 0.250 0.007 0.010 b 0.180 0.300 0.007 0.012 d 2.950 3.050 0.116 0.120 d2 2.300 2.650 0.091 0.104 e 2.950 3.050 0.116 0.120 e2 1.500 1.750 0.059 0.069 e 0.500 0.020 l 0.350 0.450 0.014 0.018 w-type 10l dfn 3x3 package 1 1 2 2 note : the configuration of the pin #1 identifier is optional, but must be located within the zone indicated. det ail a pin #1 id and tie bar mark options d 1 e a3 a a1 d2 e2 l b e see detail a


▲Up To Search▲   

 
Price & Availability of RT2652

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X