Part Number Hot Search : 
CEM8434 190AX351 CEM8434 8041NLI 62007 106M1 18N06L N74LS17
Product Description
Full Text Search
 

To Download NSWCHIGHERVOLTAGE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  51 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com stacked film capacitor chips nswc series (high voltage) features  stacked metallized polyethylene naphthalate (pen) film  standard eia 1913, 2416 and 2420 sizes  high heat and moisture resistant  very stable temperature, frequency, voltage, bias and n dielectric absorption characteristics  reflow soldering only  tape and reel packaging recommended land pattern (mm) nswc is recommended for new designs environmental characteristics specifications case sizes 1913 2416 2420 capacitance range 0.001 ~ 0.015 f 0.012 ~ 0.068 f 0.027 ~ 0.12 f voltage ratings 250vdc capacitance tolerance 5%(j) temperature range -55c ~ +85c dissipation factor 1.0% max. @ 1khz insulation resistance (20c) through 2k ohm resistor 3 gigohms @ 100vdc dielectric withstanding voltage 150% of rated voltage temperature characteristic 3% ? c maximum over temperature range dielectric absorption 0.05 ~ 0.10% typical life test at +85c 1,000 hours at 125% of rated voltage capacitance change within 1%/-6% of initial value dissipation factor 1.1% maximum insulation resistance 1 gig ? minimum resistance to soldering heat: +240c peak capacitance change within 5% of initial value dissipation factor 1.1% maximum insulation resistance 1 gig ? minimum or 300 ? /f whichever is lower humidity load life (90 ~ 95% rh) 1,000 hours, +40c capacitance change (1) +8%/-5% dissipation factor (1) 1.5% insulation resistance (1) 100meg ? resistance to soldering heat 240c for 5 seconds capacitance change within 5% dissipation factor maximum 1.1% insulation resistance 1gig ? solderability with 25% wt rosin-methanol flux 95% minimum coverage after 2.5 second dip into 245c solder pot eia size a b c 1913 2.6 6.6 3.0 2416 3.8 7.8 3.8 2420 3.8 7.8 4.6 rohs compliant includes all homogeneous materials *see part number system for details recommended reflow profile standard: +240 c peak temperature +250c special order (see part numbering system) 50 100 150 200 250 300 time temperature - deg. c pre-heat 150c ~ 180c 120 sec. max. 25 0 cool down time above 220c 60 sec. max. ramp-up 25c ~ 150c 90 sec. max. nswc 822 j 250 tr d1 n f rohs compliant optional high temp. re? ow (+250c)* size code tape & reel voltage tolerance code: j=5% capacitance in pf, 1st two digits are signi? cant, 3rd digit is no. of zeros series part number system *special packaging and handling required.
52 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com stacked film capacitor chips nswc series high voltage standard products and size code dimension (mm) and case code tape dimensions (mm) 21.0 0.8 17.4 1.0 13.4 1.0 80 1.0 2.0 0.5 330 2.0 13.0 0.5 embossed plastic carrier f 1.5 +0.1 -0 p t c w 1.75 0.1 b a 4.0 0.1 d ? case code a0.1 b0.1 c0.2 t w0.3 f p0.1 d+0.2/-0 qty/reel d1 3.8 5.1 2.0 0.3 0.05 12.0 5.5 0.05 8.0 1.5 3,000 d2 2.6 3,000 d3, d4 3.4 2,000 e1, e2 4.6 6.3 2.7 - 3,000 e3, e4 3.5 2,000 f1 ~ f5 5.5 6.3 4.7 1,500 case code length l0.2 width w height h0.3 p eia code d1 4.8 3.3 0.3 1.4 0.35 0.2 1913 d2 2.0 d3 2.4 d4 2.8 e2 6.0 4.10.3 2.0 2416 e3 2.4 e4 2.8 e5 3.2 f1 6.0 5.0 0.4 3.0 2420 f2 3.2 f3 3.6 f4 3.8 f5 4.5 cap. code working voltage (vdc) 250 0.001 102 d1 0.0012 122 d1 0.0015 152 d1 0.0022 222 d1 0.0027 272 d1 0.0033 332 d1 0.0039 392 d1 0.0047 472 d1 0.0056 562 d1 0.0068 682 d1 0.0082 822 d1 0.010 103 d1 0.012 123 d1 0.015 153 d1 0.018 183 d2 0.022 223 d2 0.027 273 d3 0.033 333 d4 0.039 393 e2 0.047 473 e3 0.056 563 e4 0.068 683 e5 0.082 823 f2 0.10 104 f4 0.12 124 f5 stacked element terminations: l 1 h w p p l 2 fig. 1 95.5% sn, 4% ag and 0.5% cu over phosphorus copper barrier over copper base


▲Up To Search▲   

 
Price & Availability of NSWCHIGHERVOLTAGE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X