Part Number Hot Search : 
40T03GH 08M41VSA CX550 HAF1009 RB151 24L15 EPE6210S 3329H203
Product Description
Full Text Search
 

To Download NREAX301M8V63X9F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nre-ax series rated voltage range 6.3, 8, 10 & 400vdc capacitance range 4.7 ~ 1,200 f operating temperature range -40 ~ +105c capacitance tolerance 20%(m) max. leakage current @ 20c 6.3, 8 & 10vdc 400vdc 0.01cv or 3 a whichever is less (after 2 minutes) 0.04cv + 100 a (after 1 minute) 0.02cv + 25 a (after 5 minutes) max. tan @ 120hz/20c w.v. (vdc) 6.3 8 10 400 s.v. (vdc) 8 10 13 450 tan 0.22 0.20 0.19 0.25 low temperature stability inpedance ratio @ 120hz w.v. (vdc) 6.3 8 10 400 z-25c/z+20c 2 2 2 6 z-40c/z+20c 12 12 12 10 load life test at rated w.v. @ +105c hours l < 7.5 = 1,000, l > 9 = 2,000 capacitance change within 25% of initial measured value tan less than 200% of speci ed value leakage current less than speci ed value high cv, radial leads, polarized features ? low and high voltage, wide temperature ? new reduced sizes characteristics *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz impedance ( ) +20c/100khz load life hours @ +105c nre-ax820m6.3v5x7f 82 6.3 0.22 510 0.25 1,000 nre-ax221m6.3v6.3x7f 220 0.22 720 0.13 1,000 nre-ax221m6.3v5x11f 220 0.22 800 0.14 2,000 nre-ax331m6.3v6.3x9f 330 0.22 970 0.083 2,000 nre-ax471m6.3v6.3x9f 470 0.22 970 0.083 2,000 nre-ax471m6.3v8x7.5f 470 0.22 1080 0.065 1,000 nre-ax471m6.3v6.3x11f 470 0.22 1140 0.067 2,000 nre-ax561m6.3v6.3x15f 560 0.22 1370 0.054 2,000 nre-ax681m6.3v8x9f 680 0.22 1360 0.049 2,000 nre-ax821m6.3v8x10.8f 820 0.22 1600 0.042 2,000 nre-ax102m6.3v8x16f 1000 0.22 2010 0.027 2,000 nre-ax102m6.3v10x9f 1000 0.22 1540 0.036 2,000 nre-ax122m6.3v10x12.5f 1200 0.22 1970 0.025 2,000 nre-ax750m8v5x7f 75 8 0.20 510 0.25 1,000 nre-ax201m8v6.3x7f 200 0.20 720 0.13 1,000 nre-ax201m8v5x11f 200 0.20 800 0.14 2,000 nre-ax301m8v6.3x9f 300 0.20 970 0.083 2,000 nre-ax391m8v8x7.5f 390 0.20 1080 0.065 1,000 nre-ax431m8v6.3x11f 430 0.20 1140 0.067 2,000 nre-ax511m8v6.3x15f 510 0.20 1370 0.054 2,000 nre-ax621m8v8x9f 620 0.20 1360 0.049 2,000 nre-ax751m8v8x10.8f 750 0.20 1600 0.042 2,000 nre-ax911m8v8x16f 910 0.20 2010 0.027 2,000 nre-ax911m8v10x9f 910 0.20 1540 0.036 2,000 nre-ax112m8v10x12.5f 1100 0.20 1970 0.025 2,000 nre-ax680m10v5x7f 68 10 0.19 510 0.25 1,000 nre-ax181m10v6.3x7f 180 0.19 720 0.13 1,000 nre-ax181m10v5x11f 180 0.19 800 0.14 2,000 nre-ax271m10v6.3x9f 270 0.19 970 0.083 2,000 nre-ax331m10v8x7.5f 330 0.19 1080 0.065 1,000 nre-ax391m10v6.3x11f 390 0.19 1140 0.067 2,000 nre-ax471m10v6.3x15f 470 0.19 1370 0.054 2,000 nre-ax561m10v8x9f 560 0.19 1360 0.049 2,000 nre-ax681m10v8x10.8f 680 0.19 1600 0.042 2,000 nre-ax821m10v8x16f 820 0.19 2010 0.027 2,000 nre-ax821m10v10x9f 820 0.19 1540 0.036 2,000 nre-ax102m10v10x12.5f 1000 0.19 1970 0.025 2,000 standard product, specifications and case sizes d x l (mm) new values
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change lead spacing and diameter (mm) case dia. (d ) 5 6.3 8 lead dia. (d ) 0.45 lead spacing (f) 2.0 2.5 3.5 dim. 0.5 dim. 1.0 nre-ax 150 m 400v 10x16 tb f ... rohs compliant tb = tape & box* case size (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi cant, third character is multiplier series part number system *see taping speci cations for details dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - + frequency (hz) 60 120 500 1k 10k > 4.7 ~ 8.2 f 0.65 1.00 1.20 1.30 1.50 10 ~ 15 f 0.80 1.00 1.20 1.30 1.50 ripple current frequency correction factors miniature aluminum electrolytic capacitors nre-ax series part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz load life hours @ +105c nre-ax4r7m400v8x9f 4.7 400 0.25 50 2,000 nre-ax6r8m400v8x10.8f 6.8 0.25 70 2,000 nre-ax8r2m400v8x16f 8.2 0.25 85 2,000 nre-ax8r2m400v10x9f 8.2 0.25 85 2,000 nre-ax100m400v10x12.5f 10 0.25 100 2,000 nre-ax120m400v8x20f 12 0.25 120 2,000 nre-ax150m400v10x16f 15 0.25 150 2,000 standard product, specifications and case sizes d x l (mm) frequency (hz) 120 500 1k 100k < 68 ~ 300 f 0.50 0.73 0.92 1.00 330 ~ 750 f 0.55 0.77 0.94 1.00 820 ~ 1200 f 0.60 0.80 0.96 1.00 6.3v ~ 10v 400v case dia. (d ) 5 6.3 8 10 lead dia. (d ) 0.5 0.6 lead spacing (f) 2.0 2.5 3.5 5.0 dim. 0.5 dim. 6.3v ~ 10v = 1.5 400v l < 10.8 = 1.5 l > 12.5 = 2.0 l < 7.5mm l > 9.0mm
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change nre-ax series miniature aluminum electrolytic capacitors taping dimensions (mm) standard radial taping (5mm lead spacing, formed leads) tb case dia. (d ) 5 6.3 8 case size 5x7 5x11 6.3x7 6.3x9 6.3x11 8x7.5 8x9 8x10.8 8x16 8x20 dim. d 0.05 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.6 0.6 0.6 h 0.75 18.5 18.5 18.5 18.5 18.5 20.0 20.0 20.0 20.0 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 1.0 p 0 12.7 0.2 p 1 3.85 0.5 (at end of tape) p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min. w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) p 2 p ? d p 1 w 2 w 0 w 1.0 p 0 f s ? d 0 ? d w h h 0 1max t h
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change taping dimensions (mm) special straight lead taping tbst* case dia. (d ) 5 6.3 8 case size 5x7 5x11 6.3x7 6.3x9 6.3x11 8x7.5 8x9 8x10.8 8x16 8x20 dim. d 0.05 0.5 0.5 0.5 0.5 0.5 0.6 0.6 0.6 0.6 0.6 h 0.75 18.5 18.5 18.5 18.5 18.5 20.0 20.0 20.0 20.0 20.0 f +0.8 ~ -0.2 2.0 2.0 2.5 2.5 2.5 3.5 3.5 3.5 3.5 3.5 p 1.0 12.7 0.2 p 0 12.7 0.2 p 1 5.1 5.1 5.1 5.1 5.1 4.6 4.6 4.6 4.6 4.6 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min. w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) 1max t h p 2 p ? d p 1 w 2 w 0 w 1.0 p 0 f s ? d 0 ? d w 1 h *straight leads will extend from the based of the component to the edge of the carrier. the section of lead below the adhesive tape may be straight or formed. nre-ax series miniature aluminum electrolytic capacitors
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?tbn?. case dia. (d ) 10x9 10x12.5 10x16 d 0.05 0.6 0.6 0.6 h 0.75 19.0 19.0 19.0 f +0.8 ~ -0.2 5.0 p 1.0 12.7* p 0 12.7 0.2 p 1 3.85 p 2 6.35 1.0 w 18.0 0.5 w 0 11.5 min w 1 9.0 0.5 w 2 0 ~ 2.5 h 0 16.0 0.5 i 1.0 max. d 0 4.0 0.2 h 0 1.0 (at top of can) t 0.7 0.2 (not including lead) *optional taping speci cations p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) standard radial taping (5mm lead spacing, straight leads) tb 1max t h p 2 p ? d p 1 w 2 w 0 w 1.0 p 0 f s ? d 0 ? d w 1 h nre-ax series miniature aluminum electrolytic capacitors
6 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change radial taped packaging ammo box (tape & box) tb, tbst size of box and component quantity ammo box dimensions (mm) scored corner label - case dia (d ) or case size q'ty per box (pcs) 5x7 2,000 5x11 2,000 6.3x7 2,000 6.3x9 2,000 6.3x11 2,000 6.3x15 2,000 8x7.5 1,000 8x9 1,000 8x10.8 1,000 8x16 1,000 8x20 1,000 10x9 500 10x12.5 500 10x16 500 nre-ax series miniature aluminum electrolytic capacitors


▲Up To Search▲   

 
Price & Availability of NREAX301M8V63X9F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X