Part Number Hot Search : 
ST6387 T244A SMCJ24 MC120 DTRPBF 2805S 332J100 A220A
Product Description
Full Text Search
 

To Download NRE-LX100M200V10X9F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nre-lx series rated voltage range 6.3 ~ 250vdc 350 ~ 450vdc capacitance range 4.7 ~ 10,000 f 1.5 ~ 68 f operating temperature range -40 ~ +85c -25 ~ +85c capacitance tolerance 20%(m) max. leakage current @ 20c 6.3 ~ 50vdc cv<1,000 f cv>1,000 f 0.01cv or 3 a whichever is greater after 2 minutes 0.1cv + 40 a (1 min.) 0.04cv + 100 a (1 min.) .03cv + 15 a (5 min.) 0.02cv + 25 a (5 min.) max. tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 160 200 250 350 400 450 s.v. (vdc) 8.0 13 20 32 44 63 200 250 300 400 450 500 c<1,000 f 0.26 0.22 0.18 0.16 0.14 0.12 0.20 0.20 0.20 0.20 0.20 0.20 c=2,000 f 0.28 0.24 0.20 0.18 0.16 014 ------ c=3,300 f 0.30 0.26 0.22 0.20 0.18 - ------ c=4,700 f 0.32 0.28 0.24 0.22 - - ------ c=6,800 f 0.36 0.32 0.28 - - - ------ c=10,000 f 0.44 0.40 - - - - ------ low temperature stability inpedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 160 200 250 350 400 450 z-25c/z+20c 6 4 4 3 22333557 z-40c/z+20c 12 10 8 6 4 3 ------ load life test at rated w.v. +85c 2,000 hours capacitance change within 25% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value high cv, radial leads, polarized features ? extended value and high voltage ? new reduced sizes characteristics cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 160 200 250 350 400 450 1.51r5-----------8x9 2.22r2----------8x9 10x9 3.33r3---------8x9 10x9 10x9 4.74r7------8x98x98x9 10x9 10x9 - 6.86r8------8x98x9 10x9 12.5x16 12.5x16 12.5x16 10100------ 10x9 10x9 10x9 12.5x16 12.5x16 16x16 22220-------- 12.5x16 16x16 18x16 16x20 33330------ 12.5x16 12.5x16 16x16 18x16 16x20 18x20 47470------ 12.5x16 16x16 18x16 16x20 18x20 18x25 68680------ 16x16 18x16 16x20 18x25 18x25 - 100101-----8x9 16x20 16x20 18x20 - - - 150 151 - - - - 8x9 10x9 18x20 18x25 18x25 - - - 220 221 - - - 8x9 10x9 - 18x25 ----- 330 331 - - 8x9 10x9 10x9 - - ----- 470 471 8x9 8x9 8x9 10x9 - 12.5x16 - ----- 680 681 8x9 10x9 10x9 12.5x16 12.5x16 16x16 - ----- 1,000 102 10x9 10x9 - 12.5x16 16x16 16x20 - ----- 2,200 222 12.5x16 12.5x16 16x16 16x20 18x20 18x25 - ----- 3,300 332 12.5x16 16x16 16x20 18x20 18x25 - - ----- 4,700 472 18x16 16x20 18x20 18x25 - - - ----- 6,800 682 16x20 18x20 18x25 --------- 10,000 103 18x20 18x25 ---------- standard product and case size table d x l (mm) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com *see part number system for details pnbs fdil rohs compliant includes all homogeneous materials
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors nre-lx series lead spacing and diameter (mm) case dia. (d ) 8 10 12.5 16 18 lead dia. (d ) 0.6 0.6 0.6 0.8 0.8 lead spacing (f) 3.5 5.0 5.0 7.5 7.5 dim. 0.5 0.5 0.5 0.5 0.5 part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz load life hours @ +85c nre-lx471m6.3v8x9f 470 6.3 0.26 380 2,000 nre-lx681m6.3v8x9f 680 0.26 420 2,000 nre-lx102m6.3v10x9f 1,000 0.26 550 2,000 nre-lx222m6.3v12.5x16f 2,200 0.28 1080 2,000 nre-lx332m6.3v12.5x16f 3,300 0.30 1100 2,000 nre-lx472m6.3v18x16f 4,700 0.32 1200 2,000 nre-lx682m6.3v16x20f 6,800 0.36 1550 2,000 nre-lx103m6.3v18x20f 10,000 0.44 1700 2,000 nre-lx471m10v8x9f 470 10 0.22 380 2,000 nre-lx681m10v10x9f 680 0.22 510 2,000 nre-lx102m10v10x9f 1,000 0.22 550 2,000 nre-lx222m10v12.5x16f 2,200 0.24 1080 2,000 nre-lx332m10v16x16f 3,300 0.26 1120 2,000 nre-lx472m10v16x20f 4,700 0.28 1550 2,000 nre-lx682m10v18x20f 6,800 0.32 1650 2,000 nre-lx103m10v18x25f 10,000 0.40 2150 2,000 nre-lx331m16v8x9f 330 16 0.18 350 2,000 nre-lx471m16v8x9f 470 0.18 380 2,000 nre-lx681m16v10x9f 680 0.18 510 2,000 nre-lx222m16v16x16f 2,200 0.20 1100 2,000 nre-lx332m16v16x20f 3,300 0.22 1500 2,000 nre-lx472m16v18x20f 4,700 0.24 1600 2,000 nre-lx682m16v18x25f 6,800 0.28 2050 2,000 nre-lx221m25v8x9f 220 25 0.16 320 2,000 nre-lx331m25v10x9f 330 0.16 410 2,000 nre-lx471m25v10x9f 470 0.16 460 2,000 nre-lx681m25v12.5x16f 680 0.16 760 2,000 nre-lx102m25v12.5x16f 1,000 0.16 940 2,000 nre-lx222m25v16x20f 2,200 0.18 1400 2,000 nre-lx332m25v18x20f 3,300 0.20 1550 2,000 nre-lx472m25v18x25f 4,700 0.22 2000 2,000 nre-lx151m35v8x9f 150 35 0.14 260 2,000 nre-lx221m35v10x9f 220 0.14 360 2,000 nre-lx331m35v10x9f 330 0.14 420 2,000 nre-lx681m35v12.5x16f 680 0.14 760 2,000 nre-lx102m35v16x16f 1,000 0.14 950 2,000 nre-lx222m35v18x20f 2,200 0.16 1500 2,000 nre-lx332m35v18x25f 3,300 0.18 1850 2,000 nre-lx101m50v8x9f 100 50 0.12 240 2,000 nre-lx151m50v10x9f 150 0.12 320 2,000 nre-lx471m50v12.5x16f 470 0.12 700 2,000 nre-lx681m50v16x16f 680 0.12 810 2,000 nre-lx102m50v16x20f 1,000 0.12 1050 2,000 nre-lx222m50v18x25f 2,200 0.14 1650 2,000 standard product, specifications and case sizes d x l (mm) nre-lx 151 m 50v 10x9 tb f ... rohs compliant tb = tape & box* case size (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi cant, third character is multiplier series part number system *see taping speci cations for details dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz load life hours @ +85c nre-lx4r7m160v8x9f 4.7 160 0.20 54 2,000 nre-lx6r8m160v8x9f 6.8 0.20 60 2,000 nre-lx100m160v10x9f 10 0.20 85 2,000 nre-lx330m160v12.5x16f 33 0.20 175 2,000 nre-lx470m160v12.5x16f 47 0.20 220 2,000 nre-lx680m160v16x16f 68 0.20 353 2,000 nre-lx101m160v16x20f 100 0.20 478 2,000 nre-lx151m160v18x20f 150 0.20 595 2,000 nre-lx221m160v18x25f 220 0.20 771 2,000 nre-lx4r7m200v8x9f 4.7 200 0.20 54 2,000 nre-lx6r8m200v8x9f 6.8 0.20 60 2,000 NRE-LX100M200V10X9F 10 0.20 85 2,000 nre-lx330m200v12.5x16f 33 0.20 175 2,000 nre-lx470m200v16x16f 47 0.20 313 2,000 nre-lx680m200v18x16f 68 0.20 380 2,000 nre-lx101m200v16x20f 100 0.20 478 2,000 nre-lx151m200v18x25f 150 0.20 671 2,000 nre-lx4r7m250v8x9f 4.7 250 0.20 54 2,000 nre-lx6r8m250v10x9f 6.8 0.20 69 2,000 nre-lx100m250v10x9f 10 0.20 85 2,000 nre-lx220m250v12.5x16f 22 0.20 156 2,000 nre-lx330m250v16x16f 33 0.20 270 2,000 nre-lx470m250v18x16f 47 0.20 330 2,000 nre-lx680m250v16x20f 68 0.20 414` 2,000 nre-lx101m250v18x20f 100 0.20 507 2,000 nre-lx151m250v18x25f 150 0.20 671 2,000 nre-lx3r3m350v8x9f 3.3 350 0.20 37 2,000 nre-lx4r7m350v10x9f 4.7 0.20 49 2,000 nre-lx6r8m350v12.5x16f 6.8 0.20 94 2,000 nre-lx100m350v12.5x16f 10 0.20 100 2,000 nre-lx220m350v16x16f 22 0.20 220 2,000 nre-lx330m350v18x16f 33 0.20 270 2,000 nre-lx470m350v16x20f 47 0.20 330 2,000 nre-lx680m350v18x25f 68 0.20 455 2,000 nre-lx2r2m400v8x9f 2.2 400 0.20 35 2,000 nre-lx3r3m400v10x9f 3.3 0.20 40 2,000 nre-lx4r7m400v10x9f 4.7 0.20 49 2,000 nre-lx6r8m400v12.5x16f 6.8 0.20 94 2,000 nre-lx100m400v12.5x16f 10 0.20 100 2,000 nre-lx220m400v18x16f 22 0.20 226 2,000 nre-lx330m400v16x20f 33 0.20 282 2,000 nre-lx470m400v18x20f 47 0.20 350 2,000 nre-lx680m400v18x25f 68 0.20 455 2,000 nre-lx1r5m450v8x9f 1.5 450 0.20 19 2,000 nre-lx2r2m450v10x9f 2.2 0.20 29 2,000 nre-lx3r3m450v10x9f 3.3 0.20 35 2,000 nre-lx6r8m450v12.5x16f 6.8 0.20 77 2,000 nre-lx100m450v16x16f 10 0.20 131 2,000 nre-lx220m450v16x20f 22 0.20 208 2,000 nre-lx330m450v18x20f 33 0.20 259 2,000 nre-lx470m450v18x25f 47 0.20 333 2,000 frequency (hz) 60 120 500 1k 10k > 1.5 ~ 6.8 f 0.65 1.00 1.20 1.30 1.50 10 ~ 68 f 0.80 1.00 1.20 1.30 1.50 100 ~ 1,000 f 0.80 1.00 1.10 1.15 1.20 2,200 ~ 10,000 f 0.80 1.00 1.05 1.10 1.15 ripple current frequency correction factors miniature aluminum electrolytic capacitors nre-lx series standard product, specifications and case sizes d x l (mm)


▲Up To Search▲   

 
Price & Availability of NRE-LX100M200V10X9F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X