Part Number Hot Search : 
1205N DTC124 EVPAF Y8895 SMM465 EM91450C ICS1702 PLCDA15
Product Description
Full Text Search
 

To Download NA242 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sd characteristics description applications d'sub connectors - stamped and formed contacts sd / e6 straight pcb termination standard and high density the amphenol "sd" series features precision formed contacts, and insulator with closed entry contacts cavities. this series gives you amphenol's high standards of quality and reliability to meet all of your commercial requirements. ? industrial ? telecom ? any industry standard i / o connections economical straight pcb mount connectors economical straight pcb mount connectors specifications ? connectors according to: mil c24308 - nfc 93425-he5 climatic data operating temperature -55c to +125c salt spray 24 hours standard plating thickness ? gold flash ? 0.381m (15") gold ? 0.76 m (30") gold mechanical data single contact insertion force 0.54kg (1.19lb) max single contact withdrawal force sd : 0.06kg (0.13lb) min hd : 0.02kg (0.044lb) min mating and unmating force unit: kg ( lb) no. of cts sd hd sd 9 15 25 37 50 hd 15 26 44 62 78 mate (max) 3.05 (6.74) 5.09 (11.24) 8.44 (18.66) 12.51 (27.65) 14.65 (32.38) unmate (min) 0.36 (0.79) 0.46 (1.01) 0.81 (1.8) 1.1 (2.47) 1.6 (3.56) mate (max) 3.81 (8.42) 5.95 (13.16) 9.26 (20.46) 13.48 (29.78) 15.82 (34.96) unmate (min) 0.52 (1.14) 1.05 (2.32) 1.37 (3.02) 1.76 (3.88) 2.02 (4.46) materials and platings shells steel insulator glass-filled thermoplastic, ul 94v- 0 pin contacts brass, selected gold in mating area; 2.54m (100 ") min.tin on termination area over 1.27m (50") min.nickel socket contact phosphor bronze, selected gold in mating area;2.54(100") min.tin on termination area over 1.27m (50") min.nickel rear insert brass, 2.54m (100") min.nickel plated boardlock brass, 2.54m (100") min.nickel plated screwlock brass, 2.54m (100") min.nickel plated (removable) electrical data current rating standard density:5a high density:3a voltage rating 250v ac/ rms 50hz withstanding voltage 1000v ac/rms 50hz for one minute insulation resistance 1000m? at 500v dc contact resistance 20m? max
standard density overall dimensions n b o f d i mensions mm ( inc h ) cont a cts abcd efx 9 30.84 (1.21) 24.99 (.98) 16.92 (.67) 16.24 (.64) 11.09 (.44) 19.28 (.76) 2.74 1 5 39.24 (1.54) 33.32 (1.31) 24.7 (.972) 24.56 (.97) 19.39 (.76) 27.51 (1.08) 2.74 2 5 53.04 (2.09) 47.04 (1.85) 38.96 (1.53) 38.38 (1.51) 33.24 (1.31) 41.30 (1.63) 2.77 3 7 69.32 (2.73) 63.50 (2.50) 55.42 (2.18) 54.76 (2.16) 49.86 (1.96) 57.71 (2.27) 2.77 5 0 67 (2.64) 61.11 (2.41) 52.86 (2.08) 52.34 (2.06) 44.32 (1.75) 55.3 (2.18) 2.77 a0.38 (.015) b0.13 (.005) e0.05 (.002) f0.13 (.005) 10 12.550.38 (.4940.015) 4.4 (.173) 7.90.13 (.3110.005) 5.9 (.232) position #1 d0.13 (.005) c0.13 (.005) 8.380.13 (.330.005) 2.84 (.078) j* 10.72 (.422) ? 0.62 (.024) 0.4 (.016) * see chart "panel mounting option" 6.1 (.240) plug socket detail a a x 10 c0.13 (.005) d0.13 (.005) b0.13 (.005) e0.13 (.005) f0.38 (.015) a0.38 (.015) 11.20.13 (.4410.005) 10.90.13 (.4290.005) 15.370.38 (.6050.015) 2.84 (.112) 50 contacts 13.56 (.534) 6.1 (.240) 5.9 (.232) plug socket x position #1 2.84 4.4 (.173) j
high density overall dimensions sd / e6 67 (2.64) 61.11 (2.41) 52.86 (2.08) 52.34 (2.06) 55.3 (2.18) n b o f d i mensions mm ( inc h ) cont a cts abcd e 1 5 30.84 (1.21) 24.99 (.98) 16.92 (.67) 16.24 (.64) 19.28 (.76) 2 6 39.24 (1.54) 33.32 (1.31) 24.7 (.972) 24.56 (.97) 27.51 (1.08) 4 4 53.04 (2.09) 47.04 (1.85) 38.96 (1.53) 38.38 (1.51) 41.30 (1.63) 6 2 69.32 (2.73) 63.50 (2.50) 55.42 (2.18) 54.76 (2.16) 57.71 (2.27) 7 8 10 a0.38 (.015) b0.13 (.005) d0.13 (.005) e0.13 (.005) c0.13 (.005) 8.380.13 (.330.005) 2.290.05 (.090.002) 10.72 (.422) 7.90.13 (.3110.005) 12.550.38 (.4940.015) 1.98 j * 1.98 (.078) 5.9 (.232) 4.2 (.165) 6.1 (.240) position #1 * see chart "panel mounting option" plug socket a0.38 (.015) 45.790.13 (1.803.005) c0.13 (.005) d0.13 (.005) e0.38 (.015) 13.56 (.534) 2.41 (.095) b0.13 (.005) 11.20.13 (.4410.005) 5.9 (.232) 6.1 (.240) 4.2 (.165) j 15.370.38 (.6050.015) 10.90.13 (.4290.005) 2.08 (.082)x3=6.24 (.246) 10 78 contacts plug socket position #1
how to order panel mounting option how to order do not hesitate to contact us for further information amphenol it & communication products block a3/a4, the 4th industrial district of industrial headquarters, dong keng road gong ming town, shen zhen china fax:+86(0)755 2754 9955 technical support tel:+86(0)755 2717 7945 info-dsub@amphenol.com.cn http://www.dsubconnector.com the information given in this document are as a guideline only. we reserve the right to modify our products in any way we deem necessary. any duplication is prohibited, unless approved in writing. e13/b sd : standard density hd : high density gold flash 77: tinned shell for receptable 717: tinned shell + dimples for plug 177: tinned shell for receptable 777: tinned shell + dimples for plug 0.4m (15") shell size: e, a, b, c, d rohs compliant mounting type: h = rear insert 4-40 g = rear insert m3 h,g must also be used to specify the threading of rm5 or rm8 grounding tabs. contact type: p = pin s = socket grounding tabs: no digit = standard rivet 3.05mm rm5 = retention clip rm8 = retention clip + front screwlock plating option: valid only for 0.76m (30") part numbers to be written as follow: 77...................c309 717.................c309 termination straight for pcb configuration: sd : 9,15,25,37,50 hd : 15,26,44,62,78 ... ... ... ... ... ... ol2 ... l c309 for special request, please consult factory or 5.0 (.197) 5.9 (.232) rm5 rm5g rm8 rm8g x 6.0(.236) 12.7(.500) y 4.2(.165) 3.2(.126) j 6.2(.244) 11.8(.465) m3 or # 4-40 screwlock j m3 or # 4-40 h = # 4-40 g = m3 h = # 4-40 g = m3 4.8 (.189) front female screwlock threaded rear insert rm5 standoff boardlock rm8 standoff boardlock


▲Up To Search▲   

 
Price & Availability of NA242

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X