Part Number Hot Search : 
AX886 3EZ10 EL3063 KMM36 MAX3023 KMM36 HCT59 STPS2
Product Description
Full Text Search
 

To Download MUR1520 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 MUR1520/d mur1510, mur1515, MUR1520, mur1540, mur1560 preferred devices power rectifiers . . . designed for use in switching power supplies, inverters and as free wheeling diodes, these stateoftheart devices have the following features: ? ultrafast 35 and 60 nanosecond recovery time ? 175 c operating junction temperature ? popular to220 package ? high voltage capability to 600 volts ? low forward drop ? low leakage specified @ 150 c case temperature ? current derating specified @ both case and ambient temperatures mechanical characteristics: ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube ? marking: u1510, u1515, u1520, u1540, u1560 maximum ratings device package shipping ordering information http://www.kersemi.com to220ac case 221b plastic 3 4 1 ultrafast rectifiers 15 amperes 100600 volts marking diagram u15xx u15xx = device code xx = 10, 15, 20, = 40 or 60 1 3 4 preferred devices are recommended choices for future use and best overall value. mur1510 to220 50 units/rail mur1515 to220 50 units/rail MUR1520 to220 50 units/rail mur1540 to220 50 units/rail mur1560 to220 50 units/rail
mur1510, mur1515, MUR1520, mur1540, mur1560 http://www.kersemi.com 2 maximum ratings mur rating symbol 1510 1515 1520 1540 1560 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 150 200 400 600 volts average rectified forward current (rated v r ) i f(av) 15 @ t c = 150 c 15 @ t c = 145 c amps peak rectified forward current (rated v r , square wave, 20 khz) i frm 30 @ t c = 150 c 30 @ t c = 145 c amps nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 200 150 amps operating junction temperature and storage temperature range t j , t stg 65 to +175 c thermal characteristics maximum thermal resistance, junction to case r q jc 1.5 c/w electrical characteristics maximum instantaneous forward voltage (note 1.) (i f = 15 amps, t c = 150 c) (i f = 15 amps, t c = 25 c) v f 0.85 1.05 1.12 1.25 1.20 1.50 volts maximum instantaneous reverse current (note 1.) (rated dc voltage, t c = 150 c) (rated dc voltage, t c = 25 c) i r 500 10 500 10 1000 10 m a maximum reverse recovery time (i f = 1.0 amp, di/dt = 50 amps/ m s) t rr 35 60 ns 1. pulse test: pulse width = 300 m s, duty cycle 2.0%.
mur1510, mur1515, MUR1520, mur1540, mur1560 http://www.kersemi.com 3 mur1510, mur1515, MUR1520 figure 1. typical forward voltage v f, instantaneous voltage (volts) 0.2 0.8 0.6 1.0 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 3.0 0.5 5.0 50 , instantaneous forward current (amps) f v r , reverse voltage (volts) 060 40 100 120 0.1 0.05 0.02 10 5 2 50 20 100 t j = 150 c i r 20 80 200 figure 2. typical reverse current t a , ambient temperature ( c) 020 2.0 4.0 i f(av) 0 6.0 8.0 10 12 14 40 60 100 120 140 160 200 t c , case temperature ( c) 140 150 0 4.0 2.0 6.0 10 8.0 14 12 i 180 figure 3. current derating, case figure 4. current derating, ambient 0 4.0 2.0 4.0 6.0 8.0 0 8.0 12 16 i f(av) , average forward current (amps) p f(av) figure 5. power dissipation 0.7 10 70 1.2 1.6 1.4 100 c 25 c 160 180 140 1 0.5 0.2 , reverse current ( a)  100 c 25 c 160 170 16 , average power dissipation (watts) square wave dc , average forward current (amps) t j = 125 c i 2.0 6.0 10 14 10 12 14 16 rated voltage applied , average forward current (amps) f(av) square wave dc 0.4 r  ja = t j = 150 c 0.01 i pk i av dc square wave 20 10 (capacitive load) =5.0 80 180 square wave dc as obtained in free air, no heat sink r  ja = 60 c/w 16 c/w as obtained from a small to-220 heat sink i pk i av (resistive load) = p
mur1510, mur1515, MUR1520, mur1540, mur1560 http://www.kersemi.com 4 mur1540 figure 6. typical forward voltage v f, instantaneous voltage (volts) 0.2 0.8 0.6 1.0 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 3.0 0.5 5.0 50 , instantaneous forward current (amps) f v r , reverse voltage (volts) 0 150 100 250 300 0.1 0.05 0.02 10 5 2 50 20 100 t j = 150 c i r 50 200 500 figure 7. typical reverse current t a , ambient temperature ( c) i f(av) t c , case temperature ( c) 140 150 0 4.0 2.0 6.0 10 8.0 14 12 i 180 figure 8. current derating, case figure 9. current derating, ambient i f(av) , average forward current (amps) p f(av) figure 10. power dissipation 0.7 10 70 1.2 1.6 1.4 100 c t j = 150 c 25 c 400 450 350 1 0.5 0.2 , reverse current ( a)  100 c 25 c 160 170 16 , average power dissipation (watts) , average forward current (amps) i rated voltage applied , average forward current (amps) f(av) square wave dc 0.4 0.01 020 2.0 4.0 0 6.0 8.0 10 12 14 40 60 100 120 140 160 200 0 4.0 2.0 4.0 6.0 8.0 0 8.0 12 16 square wave dc t j = 125 c 2.0 6.0 10 14 10 12 14 16 r  ja = i pk i av dc square wave 20 10 (capacitive load) =5.0 80 180 square wave dc as obtained in free air, no heat sink r  ja = 60 c/w 16 c/w as obtained from a small to-220 heat sink i pk i av (resistive load) = p
mur1510, mur1515, MUR1520, mur1540, mur1560 http://www.kersemi.com 5 mur1560 figure 11. typical forward voltage v f, instantaneous voltage (volts) 0.2 0.8 0.6 1.0 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 3.0 0.5 5.0 50 , instantaneous forward current (amps) f v r , reverse voltage (volts) 150 300 250 400 450 0.1 0.05 0.02 10 5 2 50 20 100 t j = 150 c i r 200 350 650 figure 12. typical reverse current t a , ambient temperature ( c) i f(av) t c , case temperature ( c) 140 150 0 4.0 2.0 6.0 10 8.0 14 12 i 180 figure 13. current derating, case figure 14. current derating, ambient i f(av) , average forward current (amps) p f(av) figure 15. power dissipation 0.7 10 70 1.2 1.6 1.4 100 c t j = 150 c 25 c 550 600 500 1 0.5 0.2 , reverse current ( a)  100 c 25 c 160 170 16 , average power dissipation (watts) , average forward current (amps) i rated voltage applied , average forward current (amps) f(av) square wave dc 0.4 200 020 2.0 4.0 0 6.0 8.0 10 9.0 7.0 40 60 100 120 140 160 200 0 4.0 2.0 4.0 6.0 8.0 0 8.0 12 16 square wave dc t j = 125 c 2.0 6.0 10 14 10 12 14 16 r  ja = i pk i av dc square wave 20 10 (capacitive load) =5.0 80 180 square wave dc as obtained in free air, no heat sink r  ja = 60 c/w 16 c/w as obtained from a small to-220 heat sink i pk i av (resistive-inductive load) = p 5.0 3.0 1.0
mur1510, mur1515, MUR1520, mur1540, mur1560 http://www.kersemi.com 6 0.01 0.02 0.05 0.1 0.2 0.5 1.0 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1000 t, time (ms) figure 16. thermal response d = 0.5 0.05 single pulse p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 z q jc(t) = r(t) r q jc r q jc = 1.5 c/w max d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk) z q jc(t) r(t), transient thermal resistance (normalized) 1000 10 20 50 10 100 v r , reverse voltage (volts) figure 17. typical capacitance c, capacitance (pf) 0.1 0.01 100 200 500 1.0 2.0 5.0 20 50 t j = 25 c
mur1510, mur1515, MUR1520, mur1540, mur1560 http://www.kersemi.com 7 package dimensions to220 twolead case 221b04 issue d b r j d g l h q t u a k c s 4 13 dim min max min max millimeters inches a 0.595 0.620 15.11 15.75 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.82 d 0.025 0.035 0.64 0.89 f 0.142 0.147 3.61 3.73 g 0.190 0.210 4.83 5.33 h 0.110 0.130 2.79 3.30 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.14 1.52 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.14 1.39 t 0.235 0.255 5.97 6.48 u 0.000 0.050 0.000 1.27 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. f


▲Up To Search▲   

 
Price & Availability of MUR1520

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X