Part Number Hot Search : 
1KA152 1A220 PE6131 5929A 1KA152 ULN20 MAX14532 090663
Product Description
Full Text Search
 

To Download MR16-3X1W-W6-GU10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page: 1 of 1 z product picture/ ??? z absolute maximum ratings / ??? z electrical and optical characteristics (ta=25 ) / ?? z package dimensions / ??? rating / parameter / ? symbol / min./ ? typ./ ?? max./ ? unit input voltage ac / ? v in 200 220 240 v ac frequency / ?? f 47 50 63 hz input current ac/ i(rms) 0.03 0.04 0.065 a operating tem./ ? ta -25 25 50 operating hum./ ? ha 5%-95%(no water/ ? ) - storage tem./ ? ts -35~65 parameter / ? condition/ symbol / min. / ? typ./ ?? max./ ? unit power dissipation / vin=220v~,50hz pd 3.5 4 4.5 w iv(p) 160 180 220 lm luminous flux / ? vin=220v~,50hz iv(w) 135 150 170 lm c.t.(p) 4000 6000 8000 k color temperature / ? vin=220v~,50hz c.t.(w) 3000 3500 4000 k viewing angle / ? vin=220v~,50hz - 25 - deg z features/ ? 1. emitted color/ ? : pure white/ ? warm white/ ? . 2. lens appearance/ : water clear/ ? . 3. material of crust / ? : aluminum hull / . 4. ce approved / ??Z ce ? . 5. rohs compliant / ?? rohs . 6. base type / ? : gu10. 7. choices of luminous int ensities for indoor application/ ? ?? . 8. high reliability and long life / ??? . notes / ? : 1. all dimensions are in millimeters. / ??n? mm. 2. tolerance is 0.5 mm unless otherwise specified. / ????M? 0.5 mm. 3. specifications are subject to change without notice. / ? ? ?? . 50.00 base gu10 50.00 10.00 56.00 . h e b e i i . t . (s h a ngh a i ) c o., l t d. MR16-3X1W-W6-GU10 ww w . l ed z . c om


▲Up To Search▲   

 
Price & Availability of MR16-3X1W-W6-GU10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X