Part Number Hot Search : 
212BC KW1148C BSS215P 24C64 HA12222F 191AP24 CY8C2 CD4316
Product Description
Full Text Search
 

To Download MPSA05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d s 11104 rev. g-3 1 of 1 MPSA05 / mpsa06 MPSA05 / mpsa06 npn small signal transistor features  epitaxial planar die construction  high transition frequency  recommended for driver and low-power output stages characteristic symbol MPSA05 mpsa06 unit collector-base voltage MPSA05 mpsa06 v cbo 60 80 v collector-emitter voltage MPSA05 mpsa06 v ceo 60 80 v emitter-base voltage v ebo 4.0 v collector current (continuous) (note 1) i c 500 ma power dissipation (note 1) p d 625 mw thermal resistance, junction to ambient (note 1) r  ja 200 k/w thermal resistance, junction to case r  jc 83.3 k/w operating and storage temperature range t j ,t stg -55 to +150  c notes: 1. valid provided that leads at a distance of 2.0mm from case are kept at specified ambient temperature. 2. pulse test: pulse width  300s, duty cycle  2%. maximum ratings @ t a = 25  c unless otherwise specified  case: to-92, plastic  leads: solderable per mil-std-202, method 208  terminal connections: see diagram  marking: type number  weight: 0.18 grams (approx.) mechanical data d cbe hh bottom view e a b c g to-92 dim min max a 4.32 4.83 b 4.32 4.78 c 12.50 15.62 d 0.36 0.56 e 3.15 3.94 g 2.29 2.79 h 1.14 1.40 all dimensions in mm electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min max unit test conditions collector-emitter breakdown voltage MPSA05 mpsa06 v (br) ceo 60 80  v i c = 1.0ma, i b =0 emitter-base breakdown voltage v (br)ebo 4.0  v i e = 100a, i c = 0 collector cutoff current i ceo  0.1  a v ce = 60v, i b = 0 collector cutoff current MPSA05 mpsa06 i cbo  0.1  a v cb = 60v, i e = 0 v cb = 80v, i e = 0 dc current gain h fe 50  v ce = 1.0v, i c = 10ma v ce = 1.0v, i c = 100ma collector saturation voltage (note 2) v ce(sat)  0.25 v i c = 100ma, i b = 10ma base-emitter on-voltage v be(on)  1.2 v v ce = 1.0v, i c = 100ma gain bandwidth product  t 100  mhz v ce = 2.0v, i c = 10ma, f = 100mhz


▲Up To Search▲   

 
Price & Availability of MPSA05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X