Part Number Hot Search : 
SMCJ33A NTE911 NDV4916E 32F10 SG6842J MSS0317 2SB1001 PA2047NL
Product Description
Full Text Search
 

To Download ML100D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key features: ? 1w output power ? ultra-miniature smt case ? 1,500 vdc isolation ? 5v, 12, & 24v inputs ? -40oc to +85oc operation ? 9 standard models ? 2.0 mh mtbf minimum ? available on tape/reel ML100D ultra-miniature, 1w dual output smt dc/dc con vert ers series input parameter conditions min. typ. max. units input voltage range 5 vdc input 4.5 5.0 5.5 vdc 12 vdc input 10.8 12.0 13.2 24 vdc input 21.6 24.0 26.4 reverse polarity input current 0.3 a input filter capacitor output parameter conditions min. typ. max. units output voltage accuracy 5.0 % output voltage balance balanced loads 0.1 1.0 % line regulation for vin change of 1% 1.2 1.5 % load regulation, see note 1 see model selection guide ripple & noise (20 mhz) see note 2 60 120 mv p - p ripple & noise (20 mhz) over line, load & temp. 150 mv p - p ripple & noise (20 mhz) 15 mv rms temperature coef? cient 0.01 0.02 %/oc output short circuit momentary (0.5 sec.) general parameter conditions min. typ. max. units isolation voltage 60 seconds 1,500 vdc isolation resistance 500 vdc 1,000 m? isolation capacitance 100 khz, 1v 40 100 pf switching frequency 50 100 140 khz environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +25 +85 oc operating temperature range case +90 oc storage temperature range -50 +125 oc cooling free air convection humidity rh, non-condensing 95 % physical case size 0.64 x 0.43 x 0.27 inches (16.24 x 11.0 x 7.0 mm) case material molding (ul94-v0) weight 0.07 oz (2.0g) reliability speci cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25oc, gnd benign 2.0 mhours absolute maximum ratings parameter conditions min. typ. max. units input voltage surge (1 sec) 5 vdc input -0.7 9.0 vdc 12 vdc input -0.7 18.0 24 vdc input -0.7 30.0 lead temperature 1.5 mm from case for 10 sec. 260 oc internal power dissipation all models 450 mw caution: exceeding absolute maximum ratings may damage the module. these are not continuous operating ratings. electrical speci cations speci cations typical @ +25?, nominal input voltage & rated output current, unless otherwise noted. speci cations subject to change without notice. micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com www.micropowerdirect.com
model selection guide mechanical dimensions notes: 1. load regulation is measured for an output change of 20% to 100%. 2. when measuring output ripple, it is recommended that an external 0.33 f ceramic capacitor be placed from each output to the common pin. for noise sensitive applications, the use of 3.3 f capacitors will reduce the output ripple. 3. operation at no-load will not damage these units. however, they may not meet all speci cations. 4. the converter should be connected to a low ac-impedance source. an input source with a highly inductive impedance may affect the stability of the con- verter. in applications where the converter output loading is high and input power is supplied over long lines, it may be necessary to use a capacitor on the input to insure start-up. in this case, it is recommended that a low esr (esr <1.0 ? at 100 khz) capacitor be mounted close to the converter. for 5v input units a 2.2 f is recommended; a 1.0 f for 12v input units; and for 24v input models, a 0.47 f. 5. units may be connected to provide a 10 vdc, 24 vdc or 30 vdc output. to do this, connect the load across the positive (+vout) and negative (-vout) outputs and oat the output common. 6. it is recommended that a fuse be used on the input of a power supply for protection. see the table above for the correct rating. notes: all dimensions are typical in inches (mm) tolerance x.xx = ?.01 (?.25) pin 1 is marked by a ?ot or indentation on the unit model number input output load regulation (%, max) ef ciency (%, typ) output capacitive load ( f, max) fuse rating slow-blow (ma) voltage (vdc) current (ma) voltage (vdc) current (ma, max) current (ma, min) nominal range full-load no-load ml105d-05 5 4.5 - 5.5 270 30 5.0 100 2.0 10 74 33 500 ml105d-12 5 4.5 - 5.5 259 30 12.0 42 0.8 8 78 33 500 ml105d-15 5 4.5 - 5.5 254 30 15.0 33 0.7 7 78 33 500 ml112d-05 12 10.8 - 13.2 113 15 5.0 100 2.0 8 74 33 200 ml112d-12 12 10.8 - 13.2 108 15 12.0 42 0.8 5 78 33 200 ml112d-15 12 10.8 - 13.2 104 15 15.0 33 0.7 5 79 33 200 ml124d-05 24 21.6 - 26.4 57 9 5.0 100 2.0 8 73 33 100 ml124d-12 24 21.6 - 26.4 54 9 12.0 42 0.8 5 78 33 100 ml124d-15 24 21.6 - 26.4 53 9 15.0 33 0.7 5 78 33 100 pin description 1- v i n 2+vin 3 no pin 4 common 5 -vout 6 no pin 7 +vout 8 no pin 9 no pin 10 na na = not for electrical connection pin connections board layout derating curve micropower direct we power your success - for less! 292 page street ste d stoughton, ma 02072 ? tel: (781) 344-8226 ? fax: (781) 344-8481 ? e-mail: sales@micropowerdirect.com www.micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of ML100D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X