Part Number Hot Search : 
00400 XN6213 H7468 08126 12011 IDT74A 2N3741A TLP62007
Product Description
Full Text Search
 

To Download MBR3050CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr3035ct thru mbr30100ct 30.0 amps. schottky barrier rectifiers voltage range 35 to 100 volts current 30.0 amperes features  plastic material used carries underwriters laboratory classifications 94v-0  metal silicon junction, majority carrier c onduction  low power loss, high efficiency  high current capability, low forward voltage drop  high surge capability  for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications  guardring for overvoltage protection  high temperature soldering guaranteed: 260 o c/10 seconds,0.25?(6.35mm)from case mechanical data  cases: jedec to-220 molded plastic  terminals: leads solderable per mil-std-750, method 2026  polarity: as marked  mounting position: any  mounting torque: 5 in. - lbs. max  weight: 0.08 ounce, 2.24 grams to-220 dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol mbr 3035 ct mbr 3045 ct mbr 3050 ct mbr 3060 ct mbr 3090 ct mbr 30100 ct unit s maximum recurrent peak reverse voltage v rrm 35 45 50 60 90 100 v maximum rms voltage v rms 24 31 35 42 63 70 v maximum dc blocking voltage v dc 35 45 50 60 90 100 v maximum average forward rectified current at t c =130 o c i (av) 30 a peak repetitive forward current (rated v r , square wave, 20khz) at tc=130 o c i frm 30.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 250 a peak repetitive reverse surge current (note 1) i rrm 1.0 0.5 a maximum instantaneous forward voltage at (note 2) i f =15a, tc=25 o c i f =15a, tc=125 o c i f =30a, tc=25 o c i f =30a, tc=125 o c v f 0.7 0.6 0.82 0.73 0.75 0.65 - - 0.84 0.70 0.94 0.82 v maximum instantaneous reverse current @ tc=25 at r ated dc blocking voltage per leg @ tc=125 (note 2) i r 0.2 40 0.2 50 0.2 60 ma ma voltage rate of change, (rated v r ) dv/dt 1,000 v/us maximum thermal resistance per leg (note 3) r jc 1.0 1.5 /w typical junction capacitance cj 600 460 320 pf operating junction temperature range t j -65 to +150 storage temperature range t stg -65 to +175 www.kersemi.com
ratings and characteristic curves (mbr3035ct thru mbr30100ct) fig.2- maximum non-repetitive forward surge current per leg peak for ward surge current . (a) 1 10 100 50 100 0 150 250 200 300 number of cycles at 60hz tj=tj max. 8.3ms single half sine wave jedec method fig.3- typical instantaneous forward characteristics per leg instantaneous for ward current . (a) 0.6 0.8 1.0 1.1 0.9 0.7 0.5 0.4 0.3 0.2 0.1 0 1.2 0.1 0.01 1 10 50 forward voltage. (v) pulse width=300 s 1% duty cycle tj=25 c 0 tj=150 c 0 mbr3035ct-mbr3045ct MBR3050CT & mbr3060ct mbr3090ct-mbr30100ct fig.4- typical reverse characteristics per leg instantaneous reverse current . (ma) 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) 0.001 0.1 0.01 1 10 50 mbr3035ct-mbr3045ct MBR3050CT & mbr30100ct tj=125 c 0 tj=25 c 0 tj=75 c 0 fig.6- typical transient thermal impedance per leg transient thermal impedance. ( c/w) o 1 0.01 0.1 10 100 0.1 10.0 1 100 t, pulse duration. (sec) fig.5- typical junction capacitance per leg junction cap acitance.(pf) 0.1 1 10 100 100 1,000 5,000 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0 mbr3035ct-mbr3045ct MBR3050CT & mbr3060ct mbr3090ct-mbr30100ct fig.1- forward current derating curve average for ward current . (a) 0 50 100 150 0 6 12 18 24 30 case temperature. ( c) o resistive or inductive load www.kersemi.com


▲Up To Search▲   

 
Price & Availability of MBR3050CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X