Part Number Hot Search : 
SMA231 567M0 14NM5 CT163SC 01610 DA120 MRF329 CXA1785
Product Description
Full Text Search
 

To Download MBR10150CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol mb r 1035 ca mb r 1045 ca mb r 1050 ca mb r 1060 ca mb r 1090 ca mb r 10100 ca mb r 10150 ca mb r 10200 ca units v rrm 35 45 50 60 90 100 150 200 v v rms 24 31 35 42 63 70 105 140 v v dc 35 45 50 60 90 100 150 200 v i rrm a dv/dt v/us r jc t j t stg 0.1 0.85 v 0.85 0.75 10 0.88 maximum instantaneous reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r v f 0.70 0.57 0.80 15 10 peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) 0.95 i fsm 120 0.98 note 2: pulse test : 300us pulse width, 1% duty cycle note 1: 2.0us pulse width, f=1.0khz operating junction temperature range storage temperature range - 65 to + 175 - 65 to + 150 ? terminals: pure tin plated, lead free, solderable per mil-std-750, method 2026 ? cases: jedec to-220ab molded plastic body features ? high surge capability ? metal silicon junction, majority carrier conductio n ? high temperature soldering guaranteed: 260 /10 seconds, 0.25"(6.35mm) from case ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? plastic material used carriers underwriters laboratory classification 94v-0 ? weight: 2.0 gram approximately maximum typical thermal resistance type number 1.0 voltage rate of change (rated v r ) ma ma a ? polarity: as marked ? mounting torque: 5 in. - lbs, max ? mounting position:any maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current i f(av) a 10,000 peak repetitive forward current (rated vr, square wave, 20khz) i frm 10 0.67 0.80 0.65 maximum instantaneous forward voltage at (note 2) if=5a, t a =25 if=5a, t a =125 if=10a, t a =25 if=10a, t a =125 peak repetitive reverse surge current (note 1) 1.5 25 a 0.5 0.88 0.78 0.90 0.75 ? mbr1035ca thru mbr10200ca pb free plating product mbr1035ca thru mbr10200ca 10.0 ampere dual common anode schottky barrier rectifier diodes pb .196(5.00) .054(1.39) .038(0.96) .419(10.66) .139(3.55) min .624(15.87) .269(6.85) .548(13.93) .50(12.7)min .177(4.5)max .226(5.75) .163(4.16) .045(1.15) .019(0.50) .025(0.65)max .1(2.54) .1(2.54) .387(9.85) to-220ab unit : inch (mm) positive negative common cathode case case common anode suffix "ca" suffix "ct" ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 1/2 rev.04/2014 /w
ratings and characteristic curves (mbr1035ca thru mbr10200ca) fig.1- forward current derating curve 0 1 2 3 4 5 6 0 50 100 150 case temperature ( o c) average forward a current (a) resistive or inductiveload fig. 2- maximum non-repetitive forward surge current 0 30 60 90 120 150 180 0 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine wave jedec method fig. 4- typical reverse characteristics 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ma) ta=75 ta=125 ta=25 fig. 5- typical junction capacitance 100 1000 10000 0.1 1 10 100 reverse voltage (v) junction capacitance (pf) a ta=25 f=1.0mhz vsig=50mvp-p fig. 3- typical forward characterisrics 0.1 1 10 100 1000 0.2 0.4 0.6 0.8 1 1.2 1.4 forward voltage (v) instantaneous forward current (a) ta=25 o c pulse width=300us 1% duty cycle mbr1050ca-1060ca mbr1035ca-1045ca mbr1090ca-10100ca MBR10150CA-10200ca fig. 6- typical transient thermal characteristics per leg 0.1 1 10 100 0.01 0.1 1 10 100 t-pulse duration. (sec) transient thermal impedance ( /w) creat by art ? mbr1035ca thru mbr10200ca ? 2006 thinki semiconductor co.,ltd. http://www.thinkisemi.com/ page 2/2 rev.04/2014


▲Up To Search▲   

 
Price & Availability of MBR10150CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X