Part Number Hot Search : 
76SD02 M304203 MICON 74LVC16 CC300 7014ACGZ ML12FAD AT25F
Product Description
Full Text Search
 

To Download LPS5030-105MLD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C lps5030 document 581-1 document 581-1 revised 01/23/12 dcr srf i sat (a) 5 i rms (a) 6 inductance 2 max 3 typ 4 10% 20% 30% 20c 40c part number 1 20% (h) (ohms) (mhz) drop drop drop rise rise lps5030-901ml_ 0.90 0.040 250 3.8 4.0 4.1 2.10 2.80 lps5030-122ml_ 1.2 0.043 210 3.5 3.6 3.7 2.00 2.65 lps5030-172ml_ 1.7 0.051 190 3.0 3.2 3.3 1.90 2.50 lps5030-222ml_ 2.2 0.057 168 2.9 3.1 3.2 1.60 2.15 lps5030-332ml_ 3.3 0.066 125 2.3 2.5 2.6 1.40 1.80 lps5030-472ml_ 4.7 0.083 84 1.9 2.0 2.0 1.30 1.75 lps5030-562ml_ 5.6 0.089 70 1.8 1.8 1.9 1.25 1.65 lps5030-682ml_ 6.8 0.099 56 1.6 1.7 1.7 1.20 1.60 lps5030-822ml_ 8.2 0.125 45 1.6 1.7 1.7 1.10 1.55 lps5030-103ml_ 10.0 0.127 30 1.4 1.4 1.4 1.00 1.50 lps5030-123ml_ 12.0 0.155 24 1.3 1.4 1.4 0.95 1.40 lps5030-153ml_ 15.0 0.160 32 0.80 0.90 0.90 0.92 1.40 lps5030-183ml_ 18.0 0.170 27 0.80 0.82 0.87 0.90 1.30 lps5030-223ml_ 22.0 0.190 24 0.70 0.75 0.78 0.88 1.25 lps5030-333ml_ 33.0 0.260 19 0.60 0.63 0.64 0.85 1.20 lps5030-473ml_ 47.0 0.330 16 0.50 0.53 0.55 0.75 1.00 lps5030-683ml_ 68.0 0.440 12 0.40 0.43 0.44 0.65 0.900 lps5030-823ml_ 82.0 0.470 11 0.38 0.40 0.40 0.60 0.830 lps5030-104ml_ 100 0.600 10 0.27 0.31 0.32 0.55 0.750 lps5030-124ml_ 120 0.800 9 0.26 0.29 0.30 0.45 0.660 lps5030-154ml_ 150 0.860 7.5 0.22 0.25 0.263 0.42 0.570 lps5030-224ml_ 220 1.35 6.0 0.21 0.235 0.245 0.36 0.500 lps5030-334ml_ 330 1.80 5.0 0.155 0.155 0.200 0.32 0.420 lps5030-474ml_ 470 2.80 4.0 0.117 0.134 0.146 0.28 0.370 lps5030-564ml_ 560 3.20 3.6 0.110 0.130 0.140 0.23 0.320 lps5030-684ml_ 680 3.80 3.0 0.100 0.120 0.126 0.20 0.290 lps5030-105ml_ 1000 5.10 2.5 0.100 0.110 0.110 0.18 0.250 lps5030-155ml_ 1500 7.60 2.0 0.068 0.080 0.089 0.15 0.210 lps5030-185ml_ 1800 10.0 1.8 0.069 0.081 0.086 0.13 0.170 lps5030-225ml_ 2200 11.0 1.6 0.063 0.074 0.080 0.10 0.150 lps5030-335ml_ 3300 19.5 1.3 0.056 0.063 0.067 0.090 0.125 lps5030-475ml_ 4700 26.0 1.1 0.049 0.056 0.059 0.080 0.110 ? very low dcr; excellent current handling ? 4.9 4.9 mm footprint; less than 3 mm tall designers kit c420 contains 3 each of all values core material ferrite terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 226 C 244 mg ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 750/7 reel; 2500/13 reel plastic tape: 12 mm wide, 0.32 mm thick, 8 mm pocket spacing, 3.1 mm pocket depth recommended pick and place nozzle od: 5 mm; id: 2.5 mm pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf. 1. please specify termination and packaging codes: lps5030-105m lc termination: l = rohs compliant silver-palladium- platinum-glass frit. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin- lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (750 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (2500 parts per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc using an agilent/hp 4192a impedance analyzer or equivalent. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 8753es or equivalent. 5. dc current at which the inductance drops the specifed amount from its value without current. 6. current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
shielded power inductors C lps5030 series document 581-2 typical l vs current typical l vs frequency typical current derating 0.189 0.003 4,80 0,076 winding direction dash n umber inter nal code xxx x 0.189 0.003 4,80 0,076 * * dimensions are of the case not including the ter mination. fo r maximum ov erall dimensions including the ter mination, add 0.005 i n/0,13 mm. * 0.114 0.004 2,9 0,1 0.060 1,50 0.039 1,00 typ typ 0.039 1,00 ** fo r optional tin-lead and tin-silv er-copper ter minations , dimensions are fo r the mounted par t. dimensions bef ore mounting can be an additional 0.005 inch (0,13 mm). ** 0.217 5,51 0.134 3,40 0.134 3,40 0.134 3,40 0.060 1,52 0.217 5,51 0.0665 1,689 recommended land p attern 0.134 3,40 1 10 10000 1000 100 0.01 0.1 11 0 frequency (mhz) inductance (h) 10 h 3.3 h 33 h 1000 h 3300 h 330 h 100 h -40 -20 02 04 06 08 0 100 140 120 a mbient t emperatur e (c) pe r cent of r ated c urrent 120 110 100 90 80 70 60 50 40 30 20 10 0 i sat i rm s 25 c 1 10 10000 1000 100 0.01 0.1 11 0 current (a) inductance (h) 10 h 3.3 h 33 h 1000 h 3300 h 330 h 100 h dimensions are in inches mm document 581-2 revised 01/23/12 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of LPS5030-105MLD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X