Part Number Hot Search : 
C1008 CPH6402 FP812 K1767 K1767 8C443 MIC2551 TL494CPW
Product Description
Full Text Search
 

To Download LM7805BJ3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2013.04.23 page no. : 1/7 LM7805BJ3 cystek product specification three terminal positive voltage regulators LM7805BJ3 to-252(dpak) i g o description the LM7805BJ3 series of fixed voltage monolithic integrated circuit voltage regulators is designed for a wide range of applications. these applications include on-card regulation for eliminatio n of noise and distribution problems associated with single point regulation. each of these regulators can deliver up to 1a of output current. the internal current limiting and thermal s hutdown features of these regulators make them essentially immune to overload. features: ? internal short-circuit current limiting ? high power dissipation capability ? internal thermal overload protection ? no external components required ? output transistor safe area compensation ? pb-free lead plating absolute maximum ratings (ta=25 c) parameter ratings unit input voltage 35 v output current 1 a operating junction temperature range -40 ~ +125 storage temperature range -55 ~ +125 thermal resistance, junction to ambient (r ja ) 125 /w thermal resistance, junction to case (r jc ) 12.5 /w ordering information device output voltage tolerance package shipping marking LM7805BJ3 5% to-252 (pb-free lead plating) 2500 pcs / tape & reel 7805
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2013.04.23 page no. : 2/7 LM7805BJ3 cystek product specification typical application circuit block diagram vout vin c1 c2 note: c1 and c2 are required if regulator is located far from power supply filter and load, or oscillation may induced on the loop. lm7805b 1 2 3 0.33 f 0.1 f
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2013.04.23 page no. : 3/7 LM7805BJ3 cystek product specification electrical characteristics (tj=0~125 c, vin=10v, io=500ma, cin=0.33uf, cout=0.1uf, unless otherwise noted) symbol parameter min typ max conditions units v o output voltage 4.75 - 5.25 vin=10v, io=500ma,tj=25 c 7.5v vin 20v, 5ma io 1a, pd 15w v - 3 50 7v vin 25v, tj=25 c vo line regulation - 1 25 8v vin 12v, tj=25 c mv - - 100 5ma io 1a, tj=25 c vo load regulation - - 50 250ma io 750ma, tj=25 c mv iq quiescent current - - 8 vin=10v, io=500ma, tj=25 c ma - - 0.5 5ma io 1a iq quiescent current change - - 1.3 7v vin 25v ma vn output noise voltage - 40 - 10hz f 100khz, tj=25 c v rr ripple rejection - 80 - 8v vin 18v, f=120hz, tj=25 c db vd dropout voltage - 2 - io=1a, tj=25 c v isc output short circuit current - 250 - vin=35v, tj=25 c ma ipk peak output current - 1.8 - tj=25 c a vo / tj temperature stability - -0.6 - mv/ io=5ma, 0 c tj 125 c recommended soldering footprint
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2013.04.23 page no. : 4/7 LM7805BJ3 cystek product specification characteristic curves
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2013.04.23 page no. : 5/7 LM7805BJ3 cystek product specification reel dimension carrier tape dimension
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2013.04.23 page no. : 6/7 LM7805BJ3 cystek product specification recommended wave soldering condition peak temperature soldering time product pb-free devices 5 +1/-1 seconds 260 +0/-5 c recommended temperature profile for ir reflow profile feature sn-pb eutectic assembly pb-free assembly average ramp-up rate (tsmax to tp) 3 c/second max. 3 c/second max. preheat ? temperature min(t s min) ? temperature max(t s max) ? time(ts min to ts max ) 100 c 150 c 60-120 seconds 150 c 200 c 60-180 seconds time maintained above: ? temperature (t l ) ? time (t l ) 183 c 60-150 seconds 217 c 60-150 seconds peak temperature(t p ) 240 +0/-5 c 260 +0/-5 c time within 5 c of actual peak 10-30 seconds 20-40 seconds temperature(tp) ramp down rate 6 c/second max. 6 c/second max. time 25 c to peak temperature 6 minutes max. 8 minutes max. note : all temperatures refer to topside of t he package, measured on the package body surface.
cystech electronics corp. spec. no. : c521j3 issued date : 2007.10.23 revised date : 2013.04.23 page no. : 7/7 LM7805BJ3 cystek product specification to-252(dpak) dimension inches millimeters inches millimeters dim min. max. min. max. marking: 1 2 3 4 month code : 7805 device name date code : 1 st code : year code, 1 2011, 2 2012, ?,etc 2 nd code : month code, referring to the following table 3 rd and 4 th codes : production lot serial number : 01, 02, 03,?,etc. month jan feb mar apr may jun jul aug sep oct nov dec code a b c d e f g h j k l m 3-lead to-252(dpak) plastic surface mount package style: pin 1.vin 2.ground 3.vout 4.ground cystek package code: j3 dim min. max. min. max. a 0.087 0.094 2.200 2.400 e 0.086 0.094 2.186 2.386 a1 0.000 0.005 0.000 0.127 e1 0.172 0.188 4.372 4.772 b 0.039 0.048 0.990 1.210 h 0.163 ref 4.140 ref b 0.026 0.034 0.660 0.860 k 0.190 ref 4.830 ref b1 0.026 0.034 0.660 0.860 l 0.386 0.409 9.800 10.400 c 0.018 0.023 0.460 0.580 l1 0.114 ref 2.900 ref c1 0.018 0.023 0.460 0.580 l2 0.055 0.067 1.400 1.700 d 0.256 0.264 6.500 6.700 l3 0.024 0.039 0.600 1.000 d1 0.201 0.215 5.100 5.460 p 0.026 ref 0.650 ref e 0.236 0.244 6.000 6.200 v 0.211 ref 5.350 ref notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead : pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of LM7805BJ3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X