spec-00581 h el e ctrical a cc e ssori e s lighting packages equipment protection solutions subject to change without notice a cc e ssori e s 1 spec-00581 h 763.422.2211 763.422.2600 a cc e ssori e s el e ctrical a cc e ssori e s l ighting packag e s p a ne lit e? e n closur e l ights o v e rvi e w i nd ustr y sta nd ar d s p a ne lit e l ed and fluorescent enclosure l ights ul 508a component recognized; file no. e61997 cul component recognized per csa c22.2 no 14; file no. e61997 csa file no. 42186 maintains ul/csa type 4, 4x and 12 enclosure rating when properly installed in a hoffman enclosure. 230 vac fluorescent enclosure l ight ul 508a component recognized; file no. e234324 cul component recognized per csa c22.2 no 14; file no. e61997 ce l ed l ight ul 508a component recognized; file no. e234324 cul component recognized per csa c22.2 no 14; file no. e234324 ce ingress protection : ip 20 maintains enclosure type rating up to 4x when installed per instructions a pp licatio n versatile, slim-profile led and fluorescent lights provide mounting flexibility and are easy to install in any enclosure. terminal blocks allow for easy wiring. accessories include ganging cables, power cords and door switches, all provided with plug-and-play connectors for easy connection to the terminal blocks with an innovative terminal connection system. led version provides superior lighting performance with minimal power consumption. fe atur e s ? slim profile allows light to be tucked up out of the way for easy panel installation ? versatile mounting allows the light to be positioned horizontally or vertically; two-way mounting provides for ideal orientation ? includes mounting hardware for the following enclosure installations: proline? frame, enclosure top, panel mount and unistrut ? on/off switch incorporated in light; optional remote door switch accessory available to activate light when enclosure door is opened (230 vac fluorescent enclosure light has switch or door- activated sensor) p a ne lit e o nly: ? mounting tabs provide easy access point for attachment hardware; light does not need to be disassembled for installation ? up to five lights can be daisy-chained together ? plug-and-play terminal connection system: - pre-wired connection sockets on both ends of light allow use of hoffman cable accessories - optional terminal blocks snap into the connection sockets allowing customers to use own wiring methods; two terminal blocks provided with each light kit - power supply can be wired manually with hoffman panelite power cable with leads or with hoffman optional panelite power cord - ganging cables are available in 2-, 4- and 6-ft. lengths to easily join up to five lights together using one power supply - remote door switch for easy door activation eliminates need to mount light in the exact location required to activate the light l ed l ight o nly: ? mechanical screw- or magnetic mount (non-slip rubberized) ? protection class ii (double insulated) ? operating temperature -22 f to 140 f (-30 c to 60 c) ? on / off or motion-sensor activation ? led lights with 900 lm illumination; 120 angle of illumination ? low, 5-watt power requirement ? light-weight, all-composite construction ? input and output connectors included with light (16 awg) s pe ci f icatio n s p a ne lit e: ? extruded aluminum center support ? black composite end caps ? black composite mounting tabs ? each light fixture includes two mounting tabs, two pre-wired connection sockets, two optional terminal blocks that snap into the connection sockets and enclosure attachment hardware (bulb not included with fluorescent light) 230 vac fluorescent enclosure l ight: ? light gray composite construction C ul 94v-o material ? hardware kit provides fasteners to mount to proline, nema (4, 4x, 12, and 13), concept? , fusion? and other cabinets ? easy-access terminal block that accommodates up to 16 awg wires ? fluorescent light bulb included (2g7 base) l ed l ight: ? led (light emitting diode) low-power light kit ? screw mounting using included hardware kit (maintains enclosure rating up to ul type 4x) ? no user-serviceable parts ? life expectancy of 60,000 hours at 68 f (20 c) under specifications ? operating temperature: -22 to +140 f (-30 to +60 c) under specifications ? 5-watt power consumption ? transparent, composite construction
spec-00581 h el e ctrical a cc e ssori e s lighting packages ph 763.422.2211 ? fax 763.422.2600 ? hoffmanonline.com equipment protection solutions a cc e ssori e s 2 p a ne lit e? l ed e n closur e l ight ? 24 vdc operation for superior lighting performance with minimal power consumption ? 140-degree cone angle casts a broad covering of neutral light ? center section rotates 120 degrees to re-direct light where needed ? long life; 70 percent of initial luminance at 50,000 hours (at 25 c) ? high power led emitters produce 470 lumens for superior lighting performance; provides up to 50 percent more usable light than comparable length fluorescent lights ? can be wired using optional panelite cable accessories or can be hard-wired with terminal blocks included in hardware kit ? up to five lights can be daisy- chained together using hard- wired connection to power supply or catalog number lpc72 power cable with leads bulletin: a80 lt catalog number description vdc amps w in./mm x in./mm led24v15 led light, 15 in. 24 .5 15.00 381 8.00 203 p p p p p p p p p p p a ne lit e? fluor e sc en t e n closur e l ight ? 120 vac, 50/60 hz operation ? can be wired using optional panelite? cable accessories or can be hard-wired with terminal blocks included in hardware kit ? available in 15-, 18- and 28-in. lengths with ability to daisy chain up to five lights together using one power supply ? fluorescent bulb not included bulletin: a80 lt ; : catalog number description vac hz amps w in./mm x in./mm bulb (purchase separately) replacement lens cover lf120v15 fluorescent light, 15 in. 120 50/60 .13 14.50 368 9.63 245 f6t5 lfl15 lf120v18 fluorescent light, 18 in. 120 50/60 .13 17.50 445 12.63 321 f8t5 lfl18 lf120v28 fluorescent light, 28 in. 120 50/60 .26 27.75 705 22.88 581 f14t5 lfl28
spec-00581 h el e ctrical a cc e ssori e s lighting packages equipment protection solutions subject to change without notice a cc e ssori e s 3 p a ne lit e? pow e r c or d s ? connects light to standard north american wall socket ? lf120vcord is for 120 vac fluorescent lights (up to five lights can be daisy chained together using one power cord) ? led24vcord is for 24 vdc led lights and includes a transformer to convert 100-240 vac power supply (capable of powering only one led light) ? plugs directly into a connection socket on switch end of the light ? includes one cable power cord not required. terminal blocks are provided with each light for wired connection to electric supply. bulletin: a80 lt catalog number description length lf120vcord nvaw./xl/enlcog nlhwz/.lbw.( 5dloer led24vcord catlcog nlhwz/.lbw.( 2cloer p a ne lit e? pow e r c abl e with le a d s ? 72-in. power cord provides convenient connection to an electrical supply ? eliminates need to run and tag individual wires into the light ? compatible with panelite? led and fluorescent lights ? plugs directly into connection socket on switch end of the light ? includes one 16 awg cable, black power cable not required. terminal blocks are provided with each light for wired connection to electric supply. bulletin: a80 lt catalog number length lpc72 5dloer p a ne lit e? g a n gi n g c abl e s ? ganging cables provide convenient method for joining up to five lights together while utilizing one power supply ? available in 24-, 48- and 72-in. lengths ? plugs directly into connection socket on either end of the light ? compatible with panelite? led and fluorescent lights ? includes one 16 awg cable, black ganging cables not required. terminal blocks are provided with each light for hard-wired connections. bulletin: a80 lt catalog number length lgcable24 dsloer lgcable48 sploer lgcable72 5dloer p a ne lit e? door s witch c abl e ? easily connects panelite? led or fluorescent light to a remote door switch ? t-connector allows the door switch cable to be connected with a ganging cable or power supply to the switch end of the light ? available in 18- and 72-in. lengths ? includes one 18 awg cable, black door switch cables not required. terminal blocks are provided with each light for hard-wired connection to remote door switch. bulletin: a80 lt catalog number length LDSWITCH18 mploer ldswitch72 5dloer
spec-00581 h el e ctrical a cc e ssori e s lighting packages ph 763.422.2211 ? fax 763.422.2600 ? hoffmanonline.com equipment protection solutions a cc e ssori e s 4 p a ne lit e? w iri n g op tio n s see the table on the drawing for cable clearance dimensions. 2 s w l r q ( d f k o l j k w l v f r q w u r o o h g e \ d u h p r w h g r r u v z l w f k 2 s w l r q $ o o o l j k w v d u h f r q w u r o o h g e \ d v l q j o h u h p r w h g r r u v z l w f k 2 s w l r q 7 k h o d v w o l j k w l v f r q w u r o o h g e \ d u h p r w h g r r u v z l w f k 7 k h i l u v w w z r o l j k w v d u h p d q x d o o \ r s h u d w h g ( o h f w u l f 3 r z h u ( o h f w u l f 3 r z h u ( o h f w u l f 3 r z h u 89046495 230 vac fluor e sc en t e n closur e l ight ? 230 vac, 50/60 hz operation with electronic ballast ? compact light-gray plastic housing, ul 94v-0 ? easy access to wiring terminals, integral strain relief, 16 awg max. ? versatile mounting to many enclosure types ? complete assembly, long-life fluorescent bulb included, luminosity 900 lm ? switch and door motion sensor offering bulletin: a80 lt catalog number axbxc in./mm description lf230vm mrb5lhlmirbplhlirbpl sclhlisblhl4m cog nlyonuldic)rbulvfeafvlxzonl lf230vd mrb5lhlmirbplhlirbpl sclhlisblhl4m cog nlyonuldic)rbul08lvwnowelo/exw.
spec-00581 h el e ctrical a cc e ssori e s lighting packages equipment protection solutions subject to change without notice a cc e ssori e s 5 l ed l ight kit led light kits provide interior enclosure lighting. these light kits are ideal for remote and darkened enclosure applications. the light can be mechanically fastened with included hardware to maintain enclosure ul listing (up to type 4x), or can be magnetically attached to flat steel surfaces. the lights have auto-sensing circuitry (ac voltage 90 vac to 260 vac and dc voltage 20 vdc to 60 vdc). led lights are light-weight and in a small form factor while providing 900 lm of 6500k light. power consumption for all models is 5 watts. bulletin: a80 lt 0 d j q h w 0 r x q w 0 d j q h w 0 r x q w 6 f u h z 0 r x q w 2 q 2 i i 6 z l w f k / l j k w 0 r w l r q 6 h q v r u / l j k w 6 f u h z 0 r x q w catalog number axbxc in./mm weight (oz) weight (gm) mounting style power source activation voltage leda1m35 1.34 x 1.26 x 13.82 34 x 32 x 351 4.8 135 magnetic ac on/off switch 90 vac-260 vac leda2m35 1.54 x 1.26 x 13.82 39 x 32 x 351 5.0 140 magnetic ac ir motion sensor 90 vac-260 vac leda1s35 1.42 x 2.05 x 13.82 36 x 52 x 351 4.8 135 screw ac on/off switch 90 vac-260 vac leda2s35 1.63 x 2.05 x 13.82 41 x 52 x 351 5.0 140 screw ac ir motion sensor 90 vac-260 vac ledd1m35 1.34 x 1.26 x 13.82 34 x 32 x 351 4.8 135 magnetic dc on/off switch 20 vdc-60 vdc ledd2m35 1.54 x 1.26 x 13.82 39 x 32 x 351 5.0 140 magnetic dc ir motion sensor 20 vdc-60 vdc ledd1s35 1.42 x 2.05 x 13.82 36 x 52 x 351 4.8 135 screw dc on/off switch 20 vdc-60 vdc ledd2s35 1.63 x 2.05 x 13.82 41 x 52 x 351 5.0 140 screw dc ir motion sensor 20 vdc-60 vdc l ed l ight inp ut c o nne ctor/ c abl e a ss e mbl y the input connector/cable assembly is used to provide supply power to the led light. pre-assembled connector/cable assembly with 78.7-in. (2000 mm) long cable whip. cables are constructed of 16 awg copper wire. bulletin: a80 lt catalog number a in./mm power source use with leda20c 78.74 2000 ac ac led lights ledd20c 78.74 2000 dc dc led lights l ed l ight ext en sio n c o nne ctor/ c abl e a ss e mbl y the extension connector/cable assembly is used to connect adjacent led lights (daisy chain). up to 10 led lights can be ganged or connected in series. pre-assembled connector/cable assembly with 39.4-in. (1000 mm) long cable between input and output connectors. cables are constructed of 16 awg copper wire. bulletin: a80 lt catalog number a in./mm power source use with leda10e 39.37 1000 ac ac led lights ledd10e 39.37 1000 dc dc led lights
spec-00581 h el e ctrical a cc e ssori e s lighting packages ph 763.422.2211 ? fax 763.422.2600 ? hoffmanonline.com equipment protection solutions a cc e ssori e s 6 re mot e door s witch e s ? remote door switch activates the light when the enclosure door is opened ? mounts on enclosure frame and includes mounting hardware ? mounting plate is 14 gauge steel with a plated finish ? can be hard-wired to the panelite led or fluorescent light or connected via the panelite door switch cable bulletin: a80 lt , p 20 catalog number description alfswd door switch assembly (order connection cable separately) plfswd door switch assembly for proline? (order connection cable separately) t ouch- s a fe ul l ight s witch a pp licatio n the touch-safe light switch is designed to be used with hoffman? light kits (ac and dc). it provides a ul listed touch-safe switch that can be used on many enclosure types and includes hardware for most applications. the light switch maintains enclosure overall rating up to ul 508a type 4x or 12. fe atur e s ? ul listed for a touch-safe wire connection ? easily mounted to various enclosure types; common bracket and hardware included for many enclosure types (nema, concept? /fusion? g7, proline? , freestanding type 12) ? cable pg compression hub ? wide operating temperature range: -49f to +158f (-45c to 70c) ? rugged die-cast anodized zinc construction ? connection 3 cage clamps for solid and stranded wire awg 20-14 (0.5-2.5mm2) ? protection class i (grounded) bulletin: a80 lt catalog number max. cable dia. max. voltage ldswitch .375 in. 250 ac / 48 dc m ou n ti n g b rac ke t kit f or l ight pac k ag e kit simplifies mounting light package in hoffman proline? disconnect enclosures. includes brackets, all mounting hardware and complete instructions. bulletin: a80 lt catalog number description pdlfbrkt mounting bracket kit ?. 25 [6] ?. 25 [6] .88 [22] 1.08 [27] 5.70 [145] 7.25 [184] 87574479 l ed puc k l ight the led puck light is ideal for remote and darkened applications. this versatile light provides mounting flexibility; it can be magnetically attached to flat steel surfaces or can be hung with a swivel hook. this small form factor, light-weight led light provides superior lighting performance with minimal power consumption. it can be used as a three-led flashlight or as a 24-led work light with operating temperature of 40 f to 120 f (4 c to 48 c). an on/off switch is incorporated in the light and three aaa batteries are included. bulletin: a80 lt catalog number axbxc in./mm product weight ledpuck 2.25 x 3.75 x 1.38 57 x 95 x 35 0.22 lbs.
|