Part Number Hot Search : 
ZMM9V1 0000T F16C05 TN5126 18LF2 NTE5061A UF4001 2SD2385
Product Description
Full Text Search
 

To Download KST2222A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  npn epitaxial ty transistor absolute maximum ratings t a =25 c unless otherwise noted electrical characteristics t a =25 c unless otherwise noted * pulse test: pw 300 s, duty cycle 2% symbol parameter value units v cbo collector-base voltage 75 v v ceo collector-emitter voltage 40 v v ebo emitter-base voltage 6 v i c collector current 600 ma p c collector power dissipation 350 mw t stg storage temperature 150 c symbol parameter test condition min. max. units bv cbo collector-base breakdown voltage i c =10 a, i e =0 75 v bv ceo collector-emitter breakdown voltage i c =10ma, i b =0 40 v bv ebo emitter-base breakdown voltage i e =10 a, i c =0 6 v i cbo collector cut-off current v cb =60v, i e =0 0.01 a h fe * dc current gain v ce =10v, i c =0.1ma v ce =10v, i c =1ma v ce =10v, i c =10ma v ce =10v, i c =150ma v ce =10v, i c =500ma 35 50 75 100 40 300 v ce (sat) * collector-emitter saturation voltage i c =150ma, i b =15ma i c =500ma, i b =50ma 0.3 1.0 v v v be (sat) * base-emitter saturation voltage i c =150ma, i b =15ma i c =500ma, i b =50ma 0.6 1.2 2.0 v v f t current gain bandwidth product i c =20ma, v ce =20v, f=100mhz 300 mhz c ob output capacitance v cb =10v, i e =0, f=1mhz 8 pf nf noise figure i c =100 a, v ce =10v r s =1k ? , f=1mhz 4db t on turn on time v cc =30v, i c =150ma v be =0.5v, i b1 =15ma 35 ns t off turn off time v cc =30v, i c =150ma i b1 =i b2 =15ma 285 ns 1. base 2. emitter 3. collector KST2222A general purpose transistor 1p marking sot-23 1 2 3 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification
0.96~1.14 0.12 0.03~0.10 0.38 ref 0.40 0.03 2.90 0.10 0.95 0.03 0.95 0.03 1.90 0.03 0.508ref 0.97ref 1.30 0.10 0.45~0.60 2.40 0.10 +0.05 ?.023 0.20 min 0.40 0.03 sot-23 package dimensions 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com KST2222A product specification


▲Up To Search▲   

 
Price & Availability of KST2222A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X