10 microwave slc?s general information in addition to the standard slc products shown below, avx is now able to offer bordered versions in these same dielectric families as detailed on the opposing page utilizing micron resolution photolithography and etching processes. with borders precisely defined, these parts will be ben- eficial in those applications that require enhanced visual definition during placement and wire bonding. additionally, bordered devices have proven effective in reducing susceptibility to conductive epoxy electrode bridging. custom designs to meet stringent circuit trace width matching requirements are available upon request. case code/size GH16 gh18 gh26 gh35 length & width .015.003 (.381.076) .018.003 (.457.076) .025.005 (.635.127) .035.005 (.889.127) thickness min/max .0045/.012 (.114/.035) cap (pf) cap (pf) cap (pf) cap (pf) dielectric k min max tol* min max tol* min max tol* min max tol* a 14 0.06 0.2 a 0.08 0.2 a 0.2 0.4 a 0.4 0.9 a a 31 0.1 0.4 a 0.2 0.5 a 0.4 1 a 0.7 2 a a 60 0.3 1 b 0.4 1.1 a 0.8 2 b 1.5 4.7 b 4 200 0.8 3 c 1.2 3.6 c 2.4 6.8 c 4.7 13 d 7 420 1.5 5.6 j 2.2 6.2 d 4.3 12 d 8.2 22 j y 650 2.7 10 k 4.3 11 d 7.5 22 j 15 43 j c 1100 3.3 15 k 6.8 18 j 13 36 j 27 75 j c 2000 6.2 29 k 13 36 j 24 68 j 47 130 j c 4200 13 60 k 30 75 j 56 150 j 110 300 j gh series: single layer capacitors without borders np0, temperature compensating & x7r dielectrics dimensions: inches (millimeters) dimensions: inches (millimeters) case code/size gh50 gh70 gh90 length & width .050.010 (1.27.254) .070.010 (1.78.254) .090.010 (2.29.254) thickness min/max .0045/.012 (.114/.035) cap (pf) cap (pf) cap (pf) dielectric k min max tol* min max tol* min max tol a 14 0.6 2 a 1.3 3.9 a 2.2 5.6 a a 31 1.5 4.7 b 3 8.2 b 5.1 13 c a 60 2.7 9.1 c 6.2 16 d 10 27 g 4 200 8.2 30 g 20 56 g 33 82 g 7 420 15 51 g 33 91 g 56 150 g y 650 27 100 g 62 180 g 110 270 g c 1100 47 160 j 100 300 j 180 470 j c 2000 82 300 j 220 560 j 330 820 j c 4200 180 680 j 430 1200 j 750 1800 j note: tol* - letter indicates tightest available
11 microwave slc?s case code/size gb15 gb20 gb25 gb30 length & width .015.002 (.381.051) .020.002 (.508.051) .025.002 (.635.051) .030.002 (.762.051) thickness min/max .0045/.012 (.114/.035) (b) border .002+.002,-.001 (.051+.051,-.025) cap (pf) cap (pf) cap (pf) cap (pf) dielectric k min max tol* min max tol* min max tol* min max tol* a 14 0.06 0.1 a 0.1 0.2 a 0.2 0.3 a 0.3 0.4 a a 31 0.1 0.2 a 0.3 0.4 b 0.4 0.7 b 0.6 1 b a 60 0.3 0.4 b 0.5 0.8 c 0.8 1.3 c 1.2 2 c 4 200 0.9 1.3 d 1.5 2.7 d 2.7 4.7 m 3.9 6.8 k 7 420 1.5 2.4 d 2.7 4.7 m 4.7 8.2 m 6.8 12 k y 650 2.7 4.7 m 4.7 9.1 m 8.2 15 m 12 22 k c 1100 4.7 7.5 m 8.2 15 m 15 24 m 22 36 k c 2000 9.1 13 m 16 27 m 27 47 m 39 68 k c 4200 20 33 m 36 62 m 56 100 m 91 150 k gb series: single layer capacitors with borders np0, temperature compensating & x7r dielectrics gh type code gh = w/o borders gb = w/ borders 16 case code 5 working voltage 5 = 50wvdc 1 = 100wvdc a dielectric code a = np0 4 = tc 7 = tc y = tc c = x7r 6r8 capacitance value eia cap code in pf first two digits = significant figures or r for decimal place. third digit = number of zeros or after r significant figures. k capacitance tolerance a = 0.05pf b = 0.1pf c = 0.25pf d = 0.5pf j = 5% k = 10% m = 20% n termination code n = ti/w-ni-au au (100-in min) over ni (1500? nom) over ti/w (500? nom) 6n packaging code 6n = antistatic waffle pack how to order dimensions: inches (millimeters) dimensions: inches (millimeters) case code/size gb35 gb40 gb50 length & width .035.002 (.899.051) .040.002 (1.016.051) .050.002 (1.270.051) thickness min/max .0045/.012 (.114/.035) (b) border .002+.002,-.001 (.051+.051,-.025) cap (pf) cap (pf) cap (pf) dielectric k min max tol* min max tol* min max tol a 14 0.4 0.6 a 0.5 0.9 b 0.8 1.3 b a 31 0.8 1.5 c 1.1 2 c 1.8 3 c a 60 1.6 3 c 2.2 3.9 c 3.6 6.2 d 4 200 5.1 9.1 k 6.8 13 k 11 20 k 7 420 9.1 16 k 12 22 k 20 36 k y 650 18 30 k 22 39 k 36 62 k c 1100 30 51 k 39 68 k 62 110 k c 2000 51 91 k 68 120 k 110 200 k c 4200 120 200 k 160 270 k 270 430 k note: tol* - letter indicates tightest available
|