Part Number Hot Search : 
87C51 AP1690 AV1DO B25667 7133H HE83146 Q6015 LCE20
Product Description
Full Text Search
 

To Download G24A305111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 1 2 - 8 - 044/ f /wy page 1 of 19 specification part no. : g24.a . 305 111 product name : g24 ultima series C super low profile penta band cellular antenna screw - mount gsm/gprs/cdma/hspa (permanent mount) feature : height 19.6 mm (0.77) and diameter 55 mm (2.16) heavy duty screw mount u v and vandal resistant abs housing and thread ip67 compliant standard is 3 meter low loss c able cfd200 sma(m) cables and connectors customizable rohs compliant
spe - 1 2 - 8 - 044/ f /wy page 2 of 19 1. introduction g2 4 ultima series cellular antenna is a n extremely low profile 2g/3g 800mhz to 2200mhz cellular an tenna solution for professional telematics applications . suitable for gsm/gprs/cdm a applications worldwide, at only 19.6 mm (0.77 ) in height it is the lowes t profile antenna in the market, with a diameter of only 55 mm (2.16) . it works well when mounted on both metal and non - metal . in other words it does not need a metal ground - plane to attach to, to radiate, something that competitor antennas all need. durable uv abs housing, thread and nut is resistant to vandalism and direc t attack. the ip67 waterproof robust plastic body makes it extremely light, economical for shipping and minimum weight impact on vehicles. this also makes it ideal for use in humid environments such as water pits or marine applications as there are no me tal parts to corrode. the closed cell foam with double - sided adhesive provides a permanent waterproof seal and can adjust to different curvatures, stopping water from leaking under the antenna into the mounting hole. lowest loss ptfe cable is used for maxi mum gain and reduced noise entry through the cable. also available in white.
spe - 1 2 - 8 - 044/ f /wy page 3 of 19 2. specification cellular frequency ( m hz) 824 ~ 896 880 ~ 960 1710 ~ 1880 1850 ~ 1990 1710 ~ 2170 peak gain (dbi) free space 2.0 1.8 3.9 3.9 3.9 10x10c m ground plan e - 0.6 0.7 - 0.2 1.7 1.7 20x20c m ground plane 1.8 1.8 3.1 3.1 3.1 30x30c m ground plane 0.0 0.0 1.7 1.7 2.0 average gain (dbi) free space - 4.1 - 4.0 - 2.7 - 2.8 - 2.7 10x10c m ground plane - 4.8 - 3.3 - 4.9 - 4.0 - 4.0 20x20c m ground plane - 4.3 - 4.3 - 4.2 - 4 .0 - 4.0 30x30c m ground plane - 6.3 - 6.6 - 4.4 - 4.4 - 4.4 efficiency (%) free space 39.1 39.3 53.4 52.5 53.4 10x10c m ground plane 33.8 46.2 32.1 40.0 40.0 20x20c m ground plane 36.9 36.9 37.8 39.3 39.3 30x30c m ground plane 23.4 23.4 36.0 36.0 36.0 p olarization linear radiation pattern omni input power 50? mechanical dimensions 552mm , height 30 2 mm , profile 19.6mm ? 2.16; height 1.18; profile 0.77 cable type cfd200 cable length 300030mm ( 9 10 1 ? 8 1.18) casing abs connector sma male environmental temperature range - 40c to 85c waterproof ip - 6 7 thermal shock 100 cycles - 40c to +80c shock (drop test) 1m drop on concrete 6 axes humidity non - condensing 65c 95% rh
spe - 1 2 - 8 - 044/ f /wy page 4 of 19 3. antenna characteristics 3.1 cellular antenna swr 3.2 antenna efficiency
spe - 1 2 - 8 - 044/ f /wy page 5 of 19 3.3 peak gain 3.4 average gain
spe - 1 2 - 8 - 044/ f /wy page 6 of 19 4 antenna radiation pat tern ( free space) 4.1 antenna setup (free space)
spe - 1 2 - 8 - 044/ f /wy page 7 of 19 4.2 radiation pattern (free space) 4.2.1 x - y plane (dbi) (free space)
spe - 1 2 - 8 - 044/ f /wy page 8 of 19 4.2.2 x - z plane (dbi) (free space)
spe - 1 2 - 8 - 044/ f /wy page 9 of 19 5 antenna radiation pattern ( 10*10 c m) 5.1 antenna setup (10*10 c m ground plane)
spe - 1 2 - 8 - 044/ f /wy page 10 of 19 5.2 radiation pattern (10*10 c m ground plane) 5.2.1 x - y plane (dbi) (10*10 c m ground plane)
spe - 1 2 - 8 - 044/ f /wy page 11 of 19 5.2.2 x - z plane (dbi) (10*10 c m ground plane)
spe - 1 2 - 8 - 044/ f /wy page 12 of 19 6 antenna radiation pattern (20*20 c m ground plane) 6.1 antenna setup (20*20 c m ground plane)
spe - 1 2 - 8 - 044/ f /wy page 13 of 19 6.2 radiation pattern (20*20 c m ground plane) 6.2.1 x - y plane (dbi) (20*20 c m ground p lane)
spe - 1 2 - 8 - 044/ f /wy page 14 of 19 6.2.2 x - z plane (dbi) (20*20 c m ground plane)
spe - 1 2 - 8 - 044/ f /wy page 15 of 19 7 antenna radiation pattern (30*30 c m ground plane) 7.1 antenna setup (30*30 c m ground plane)
spe - 1 2 - 8 - 044/ f /wy page 16 of 19 7.2 radiation pattern (20*20 c m ground plane) 7.2.1 x - y plane (dbi) (20*20 c m ground plane)
spe - 1 2 - 8 - 044/ f /wy page 17 of 19 7.2.2 x - z plane (dbi) (20*20 c m ground plane)
spe - 1 2 - 8 - 044/ f /wy page 18 of 19 8 drawing 9 packag in g
spe - 1 2 - 8 - 044/ f /wy page 19 of 19 9. packaging


▲Up To Search▲   

 
Price & Availability of G24A305111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X