Part Number Hot Search : 
74LVCH 01MXA C9018 106M16 ZMDK56W 01MXA MJD45H11 TZ1000
Product Description
Full Text Search
 

To Download FXP840070055B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 12- 8 - 115 / d / ez page 1 of 14 specification patent pending part no. : fxp.840.07.0055b product name : fxp.840 f reedom series super small monopole dual - band 2.4 ghz /5 ghz antenna features : flexible and tiny - ultra low p rofile 14mm*5mm*0.1mm 2dbi peak gain adheres directly inside of product plastic or glass housing form factor and cable routing convenient for integration ipex mhf1 c onnector ( u.fl compatible ) 55mm ? 0.81mm mini - coaxial cable customizable cable and connector r o hs compliant
spe - 12- 8 - 115 / d / ez page 2 of 14 1. i ntroduction the patent pending fxp.840 is a super small monopole ultra - low profile antenna for 2.4/5 ghz band s that includ es bluetooth and wi - fi dual - band application . the fxp.840 has a peak gain of 2.5dbi at 2.4ghz and efficiencies of 40 %, and 2 .5dbi gain and 5 3 % efficiency at 5.8 ghz. this taoglas patent pending antenna is unique in the market because it is made from poly - flexible material, has a tiny form factor (14mm*5.0mm*0.1mm) and has double - sided 3m tape for easy peel and stick mounting. the cable routes conveniently directly out of the bottom of the antenna, reducing the volume the antenna takes up in the device to an absolute minimum compared to other designs. the fxp.840 is the ideal all - round antenna s olution for fitting into narrow spaces and still maintaining high performance, for example on the inside top or adjacent side applied directly to the plastic housing of lcd monitors, tablets, smartphones. the cable and connector are customizable accordin g to customer requirements.
dsp - 12 - 8 - 045/ c / ez page 3 of 14 2. s pecification electrical antenna fxp.840 standard 2400 mhz 5800 mhz operation frequency (mhz) 2410 - 2490 mhz 4900~5800 mhz polarization linear linear impedance 50 ohms 50 ohms max vswr 2:1 2.5 :1 max return loss (db) - 10 - 7.0 peak ga in (dbi) 2.0 2.5 efficiency (%) 40 53 average gain (db) - 3 . 9 - 2 . 8 radiation properties omni omni max input power 2w max 2w max * the fxp840 antenn a perf ormance was measured on a 30x30 mm 2mm thickness abs plastic . mechanical dimensions (mm) 14 x 5 .0 x 0.1 required space (mm) 14 x 5.0 x 0.1 material polymer connector ipex mhf1 environmental operation temperature - 40c to 85c storage temperature - 40c to 85 c relative humidity 4 0% to 95 % rohs compliant yes spe - 12- 8 - 115 / d / ez page 3 of 14 2. s pecification electrical antenna fxp.840 standard 2400 mhz 5800 mhz operation frequency (mhz) 2410 - 2490 mhz 4900~5800 mhz polarization linear linear impedance 50 ohms 50 ohms max vswr 2:1 2.5 :1 max return l oss (db) - 10 - 7.0 peak gain (dbi) 2.0 2.5 efficiency (%) 40 53 average gain (db) - 3 . 9 - 2 . 8 radiation properties omni omni max input power 2w max 2w max * the fxp840 antenn a performance was measured on a 30x30 mm 2.0 abs plastic plane. mechanic al dimensions (mm) 14 x 5.0 x 0.1 required space (mm) 14 x 5.0 x 0.1 material polymer connector ipex mhf1 environmental operation temperature - 40c to 85c storage temperature - 40c to 85 c relative humidity 4 0% to 95 % rohs compliant yes spe - 12- 8 - 115 / d / ez page 3 of 14 2. s pecification electrical antenna fxp.840 standard 2400 mhz 5800 mhz operation frequency (mhz) 2410 - 2490 mhz 4900~5800 mhz polarization linear linear impedance 50 ohms 50 ohms max vswr 2:1 2.5 :1 max return l oss (db) - 10 - 7.0 peak gain (dbi) 2.0 2.5 efficiency (%) 40 53 average gain (db) - 3 . 9 - 2 . 8 radiation properties omni omni max input power 2w max 2w max * the fxp840 antenn a performance was measured on a 30x30 mm 2.0 abs plastic plane. mechanic al dimensions (mm) 14 x 5.0 x 0.1 required space (mm) 14 x 5.0 x 0.1 material polymer connector ipex mhf1 environmental operation temperature - 40c to 85c storage temperature - 40c to 85 c relative humidity 4 0% to 95 % rohs compliant yes
spe - 12- 8 - 115 / d / ez page 4 of 14 3. antenna characteristics 3.1 test set - up figure 1. impedance measurem ents (left side ) and peak gain , efficiency and radiation pattern measurements (right side ). 3.2 return loss figure 2. return loss of the fxp840 antenna from 2100 mhz to 2700 mhz. y x z
spe - 12- 8 - 115 / d / ez page 5 of 14 figure 3. return loss of the fxp840 antenna from 4500 mhz to 6000 mhz. 3.3 vswr figure 4. vswr of the fxp840 antenna from 2100 mhz to 2700 mhz.
spe - 12- 8 - 115 / d / ez page 6 of 14 figure 5. vswr of the fxp840 antenna from 4500 mhz to 6000 mhz 3.4 efficiency figure 6. eff iciency of the fxp840 antenna from 2300 mhz to 2700 mhz.
spe - 12- 8 - 115 / d / ez page 7 of 14 figure 7. efficiency of the fxp840 antenna from 4800 mhz to 6000 mhz. 3.5 peak gain figure 8 peak gain of the fxp840 antenna from 2300 mhz to 2700 mhz.
spe - 12- 8 - 115 / d / ez page 8 of 14 figure 9. peak gain of the fxp840 anten na from 4800 mhz to 6000 mhz. 3.6 average gain figure 10. average gain of the fxp840 antenna from 2300 mhz to 2700 mhz.
spe - 12- 8 - 115 / d / ez page 9 of 14 figure 11 average gain of the fxp840 antenna from 4800 mhz to 6000 mhz. 3.7 3d radiation patterns figure 12 . 3d radiation patt ern at 2450 mhz (left side ), radiation pattern at 5000 mhz ( right side ) of the fxp840 antenna.
spe - 12- 8 - 115 / d / ez page 10 of 14 3.8 2d radiation patterns
spe - 12- 8 - 115 / d / ez page 11 of 14 figure 13. 2d radiation pattern at 2400mhz band
spe - 12- 8 - 115 / d / ez page 12 of 14 figure 14. 2d radiation pattern at 5800mhz band
spe - 12- 8 - 115 / d / ez page 13 of 14 4. antenna d rawing figure 15. antenna drawing spe - 12- 8 - 115 / d / ez page 13 of 14 4. antenna d rawing figure 15. antenna drawing spe - 12- 8 - 115 / d / ez page 13 of 14 4. antenna d rawing figure 15. antenna drawing spe - 12- 8 - 115 / d / ez page 13 of 14 4. antenna d rawing figure 15. antenna drawing
spe - 12- 8 - 115 / d / ez page 14 of 14 5. packag ing figure 1 6. package of the fxp840 antenna. taoglas makes no warranties based on the accuracy or completeness of the contents of this document and reserves the right to make changes to specific ations and product descriptions at any time without notice. taoglas reserves all rights to this document and the information contained herein. reproduction, use or disclosure to third p arties without express permission is strictly prohibited. copyright ? 2012, taoglas ltd.


▲Up To Search▲   

 
Price & Availability of FXP840070055B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X