FCS-5051 version: 2 2-megapixel day/night poe outdoor network camera - ir leds the levelone FCS-5051 is the perfect solution for day/night surveillance projects such as school campuses, railways stations, and parking lot. it features a 2-megapixel bullet network camera with ip66 weatherproof outdoor housing and infrared leds (25m). with the assistance of 3dnr (3-dimension noise reduction) and wdr (wide dynamic range), the network camera offers crystal clear image each and every time. it also equipped with a bnc connector for camera to be connected directly to an analog monitor, ir-cut filter, a built-in micro sd/sdhc card, 10 motion detection zones and also offers a flexible installation with its triple power support (12 vdc/24 vac/poe) and mounting bracket. the FCS-5051 is indisputably the top choice for reliable and high performance surveillance. key features - 2-megapixel (1920 x 1080) high-definition resolution - compression: h.264/mjpeg - built-in infrared leds for night viewing up to 25m - weatherproof ip66-rated housing - ieee 802.3af poe compliant to simplify deployment and installation - features wdr (wide dynamic range) to enhance visibility under extremely bright or dark environments - features 3dnr (3-dimension noise reduction) to produce extremely clear picture quality even under low light condition - built-in micro sd/sdhc card slot for local storage - digital input/output (1di/1do) for sensor and alarm - bnc connector for analog video output - triple power support: 12vdc/24vac/poe (ieee 802.3af) - free 64-channel monitoring software included (supports icamsecure app) www.level1.com page 1 of 6
highlight exceptional image quality with built-in 3dnr (3?dimension noise reduction) and wdr (wide dynamic range) technology, the camera is able to filter the intense backlight surrounding a subject and remove noises from video signal. the result is that an extremely clear and exquisite picture quality can be produced even under any challenging lighting conditions. free bundled 64-channel management software we aim to offer you the most versatile and comprehensive surveillance solutions. our free ip camsecure software coming allows you to monitor up to 64 ip cameras simultaneously on one screen to enhance scalability. for added convenience and flexibility, the software includes various advanced features such as scheduling recording, event alert, and heaps more. in addition, simply install our free icamsecure app to your smartphone and connect to the pc with ip camsecure software installed, you will easily turn your iphone/android smartphone into a portable surveillance system for real-time monitoring and snapshot. works well with poi-2002 poe injector por-1100 outdoor poe repeater specifications system specifications image sensor: 2-megapixel 1/2.7" progressive scan cmos connectors and cabling: 1 x rj-45 10/100 mbps poe port 1 x 3.5mm line out 1 x 3.5mm mic/line in 1 x power terminal block 1 x bnc analog video output i/o terminal block (4 di/1 do) modularity: 1 x microsd/sdhc card slot button: reset button indicator: link/ act lens: board lens, fixed-focal, f=4.0 mm, f1.5 ir cut filter: removable infrared-cut filter for day & night function ir led: 23 ir leds for illumination up to 25m www.level1.com page 2 of 6
shutter time: 1~ 1/10,000 sec. angle of view: 78 pan/tilt/zoom: 8x digital zoom video compression: h.264 / mjpeg resolution: 2m (1920x1080) / sxga (1280x1024) / 1m (1280x720) / xga (1024x768) / svga(800x600) / d1 (720x480) / vga (640x480) / cif (352x240) video format: avi audio compression: g.711 / g.726 power: power consumption: 9w power input: dc12v / ac24v / 802.3af poe standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.3af power over ethernet (poe) ipv4/v6, tcp/ip, udp, rtp, rtsp, http, https, icmp, ftp, smtp, dhcp, pppoe, upnp, igmp, snmp, qos features general: backup: microsd/sdhc card slot for local storage ipv6: ipv4/ipv6 network operation security: alarm and notification: alarm: motion detection; tampering detection; network failure detection; di/do notification: http, ftp, smtp access control: multi-level user access with password protection ip address filtering ieee 802.1x network access control https encrypted data transmission video: image setting: - adjustable image size, quality and bit rate - configurable brightness, sharpness, contrast, saturation, white balance and exposure - acg/awb/aes - back light compensation (blc) - wide dynamic range (wdr) - 3d noise reduction (3dnr) - flip & mirror - portrait mode - privacy mask - time stamp and text caption overlay image layout: streaming: up to 4 video streams motion detection: 10 detection zones audio: streaming: 2-way audio www.level1.com page 3 of 6
input/output: mic/line input, line output performance number of clients: 20 data transfer rate: 10/100mbps frame rate: up to 15 fps at 1920x1080 up to 30 fps at 1280x1024 minimum illumination: color: 0.2 lux at f1.5 b/w: 0.02 lux at f1.5 environment temperature (c): operating: -10c ~ 50c humidity (non-condensing): operating: 10% ~ 90% physical specifications dimensions (w x d x h mm): 90 x 195 x 90 mm weight (g): 940 g enclosure: weatherproof ip66-rated housing others approval and compliance: ce, fcc, onvif deployment: cable management bracket for wall/ceiling mount operation systems: microsoft windows 7/vista/xp viewing system requirements: browser: internet explorer 6.x or above, firefox, chrome, safari cell phone: 3gpp player real player: 10.5 or above quick time 6.5 or above www.level1.com page 4 of 6
diagram order information FCS-5051 package contents power terminal block sun shield bracket quick installation guide resource cd (user manual, utility, 64-ch monitoring software) no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 5 of 6
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 6 of 6
|