Part Number Hot Search : 
MOC5007 X9587AZ LQH3C220 4GPBF BC847W UC3842B BUZ32 101DF4T
Product Description
Full Text Search
 

To Download FCS-1122 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FCS-1122 version: 1 megapixel poe network camera the levelone FCS-1122 megapixel network camera is an easy-to-use surveillance system designed for business applications such as offices, banks, and retail stores. the camera features an auto-iris lens and a removable ir-cut filter to provide top quality images for day and night surveillance. an integrated ieee 802.3af compliant poe function makes for easy installation and negates messy cabling. moreover, the free pc-based 64-channel monitoring software with iphone/android phone app within the package helps to manage multiple cameras simultaneously and offers easy mobile viewing. in addition, we offer you a free dynamic level1dns? service, which is very useful if you don?t have a fixed public ip address, and provides you with an easy to memorize domain address. the FCS-1122 is an effective and cost-efficient means of surveillance for your business. key features - megapixel (1280 x 800) high-definition resolution - easy internet monitoring via configuration free level1dns? service - ieee 802.3af poe compliant to simplify deployment and installation - digital input/output (1di/1do) for sensor and alarm - built-in microphone and external speaker for 2-way audio communication - removable ir-cut filter for day and night surveillance - supports 2 video streams simultaneously - dual power support: 12vdc/poe (ieee 802.3af) - built-in 4-pin auto iris lens connector - free 64-channel monitoring software included (supports icamsecure app) highlight free bundled 64-channel management software we aim to offer you the most versatile and comprehensive surveillance solutions. our free ip camsecure www.level1.com page 1 of 5
software coming allows you to monitor up to 64 ip cameras simultaneously on one screen to enhance scalability. for added convenience and flexibility, the software includes various advanced features such as scheduling recording, event alert, and heaps more. in addition, simply install our free icamsecure app to your smartphone and connect to the pc with ip camsecure software installed, you will easily turn your iphone/android smartphone into a portable surveillance system for real-time monitoring and snapshot. works well with cas-1300 2.8 - 8.5 mm vari-focal day/night megapixel lens cas-1400 2.8 - 12 mm vari-focal day/night 2-megapixel lens specifications system specifications image sensor: megapixel 1/4" progressive scan cmos connectors and cabling: 1 x rj-45 10/100 mbps poe port 1 x auto iris (dc drive) 1 x 3.5mm line out 1 x 3.5mm mic/line in 1 x dc power jack (12v) i/o terminal block (1 di/1 do) button: reset button indicator: power/ link lens: c/cs-mount, fixed-focal, f=4.2 mm, f1.4 ir cut filter: removable infrared-cut filter for day & night function shutter time: 1/5~1/24,500 sec. angle of view: 71 pan/tilt/zoom: 4x digital zoom video compression: h.264 / mpeg4 / mjpeg resolution: 1m (1280x800) / vga (640x480) / cif (320x192) video format: asf www.level1.com page 2 of 5
audio compression: g.711 / amr power: power consumption: 5w power input: dc12v 1a / 802.3af poe standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.3af power over ethernet (poe) tcp/ip, udp, icmp, dhcp, ntp, dns, ddns, smtp, ftp, http, samba, pppoe, upnp, bonjour, rtp, rtsp, rtcp features general: dns: easy internet monitoring via configuration free level1dns? service security: alarm and notification: alarm: motion detection; di/do notification: http, ftp, smtp, samba access control: multi-level user access with password protection ip address filtering https encrypted data transmission video: image setting: - adjustable image size, quality and bit rate - configurable brightness, sharpness, contrast, saturation, white balance and exposure - acg/awb/aes - flip & mirror - privacy mask - time stamp and text caption overlay streaming: up to 2 video streams motion detection: 3 detection zones audio: streaming: 2-way audio input/output: built-in microphone mic/line input, line output performance number of clients: 10 data transfer rate: 10/100mbps frame rate: up to 15 fps at 1200x800 up to 30 fps at 640x400 minimum illumination: 1 lux environment temperature (c): operating: 0c ~ 50c humidity (non-condensing): operating: 10% ~ 80% www.level1.com page 3 of 5
physical specifications dimensions (w x d x h mm): 120 x 60 x 60 mm weight (g): 380 g others approval and compliance: ce, fcc deployment: bracket for wall/ceiling mount operation systems: microsoft windows 7/vista/xp viewing system requirements: browser: internet explorer 6.x or above cell phone: 3gpp player real player: 10.5 or above quick time 6.5 or above diagram order information FCS-1122 package contents power adapter rj45 ethernet cable stand kit quick installation guide resource cd (user manual, utility, 64-ch monitoring software) no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 4 of 5
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 5 of 5


▲Up To Search▲   

 
Price & Availability of FCS-1122

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X