Part Number Hot Search : 
MC56F8 TA114E 00BZXC MMS3Z4B7 AD713 CU311A PK40F40 HMC45109
Product Description
Full Text Search
 

To Download ESTW015A0A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ge data sheet march 28, 2013 ?2012 general electric company. all rights reserved. page 1 ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output features ? compliant to rohs ii eu ?directive 2011/65/eu (-z versions) ? compliant to reach directive (ec) no 1907/2006 ? flat and high efficiency curve ? industry standard, dosa compliant footprint ? 57.9mm x 22.8mm x 7.6mm ? (2.28 in x 0.9 in x 0.30 in) ? low profile height and reduced component skyline ? ultra wide input voltage range: 36-75 v dc ? tightly regulated output ? remote sense ? output voltage adjust: 80% to 110% of v o,nom ? constant switching frequency ? positive remote on/off logic ? input under/over voltage protection ? output overcurrent and overvoltage protection ? overtemperature protection ? no reverse current during output shutdown ? wide operating temperature range (-40c to 85c) ? suitable for cold wall cooling using suitable gap pad applied directly to top side of module ? ul*recognized to ul60950-1, can/ csa ? c22.2 no.60950-1, and en60950-1( vde ? 0805-1) licensed ? ce mark meets 2006/95/ec directive ? meets the voltage and current requirements for etsi 300- 132-2 and complies with and licensed for basic insulation rating per en60950-1 ? 2250 vdc isolation tested in compliance with ieee 802.3 poe standards ? iso ** 9001 and iso 14001 certified manufacturing facilities applications ? distributed power architectures ? wireless networks ? access and optical network equipment ? industrial equipment options ? negative remote on/off logic (preferred) ? over current/over temperature/over voltage protections (auto-restart) (preferred) ? heat plate versions (-h) ? surface mount version (-s) description the ESTW015A0A [barracuda?] series, eighth-brick, low-height power modules are isolated dc-dc converters which provide a single, precisely regulated output voltage over an wide input voltage range of 36-75v dc . the ESTW015A0A provides 5v dc nominal output voltage rated for 15a dc output current. the module incorporates ge?s vast heritage for reliability and quality, while also using the latest in technology, and component and process standardization to achieve highly competitive cost. the open frame module construction, available in both surface-mount and through-hole packaging, enable designers to develop cost and space efficient solutions. the module achieves typical full load efficiency greater than 90% at v in =48v dc . standard features include remote on/off, remote sense, output voltage adjustment, overvoltage, overcurrent and overtemperature protection. an optional heat plate allows for external standard, eighth-brick heat sink attachment to achieve higher output current in high temperature applications. * ul is a registered trademark of underwriters laboratories, inc. ? csa is a registered trademark of canadian standards association. ? vde is a trademark of verband deutscher elektrotechniker e.v. this product is intended for integration into end-user equipm ent . all of the required proced ures of end-use equipment should be followed. ieee and 802 are registered trademarks of the institute of electrical and electronics engineers, incorporated. ** iso is a registered trademark of the international organization of standards rohs compliant
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 2 absolute maximum ratings stresses in excess of the absolute maximum ratings can cause permanent damage to the device. these are absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operat ions sections of the data sheet. exposure to absolute maximum ratings for extended periods can adversely affect the device reliabili ty. parameter device symbol min max unit input voltage continuous all v in -0.3 80 v dc transient, operational ( 100 ms) all v in,trans -0.3 100 v dc operating ambient temperature all t a -40 85 c maximum heat plate operating temperature -h t c -40 105 c (see thermal considerations section) altitude* all 4000 m storage temperature all t stg -55 125 c i/o isolation voltage (100% factory hi-pot tested) all ? ? 2250 v dc * for higher altitude applications, contact your ge sales representative for alternative conditions of use. electrical specifications unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. parameter device symbol min typ max unit operating input voltage all v in 36 48 75 v dc maximum input current all i in 2.7 a dc (v in = v in, min to v in, max , v o = v o, set , i o =i o, max ) input no load current all i in,no load 70 ma (v in = 48v, i o = 0, module enabled) input stand-by current all i in,stand-by 5 8 ma (v in = 48v, module disabled) inrush transient all i 2 t 0.5 a 2 s input reflected ripple current, peak-to-peak (5hz to 20mhz, 1 h source impedance; v in, min to v in, max, i o = i omax ; see test configuration section) all 30 ma p-p input ripple rejection (120hz) all 50 db caution: this power module is not internally fu sed. an input line fuse must always be used. this power module can be used in a wide variety of applications, ranging from simple standalone operation to an integrated part of sophisticated power architectures. to preserve maximum flexibility, internal fusing is not included, however, to achieve maximum safety and system protection, always use an input line fuse. the safety agencies require a fast-acting fuse with a maximum rating of 10 a (see safety considerations section). based on the information provided in this data sheet on inrush ener gy and maximum dc input current, the same type of fuse with a lower rating can be used. refer to the fuse manufacturer?s data shee t for further information.
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 3 electrical specifications (continued) parameter device symbol min typ max unit nominal output voltage set-point all v o, set 4.92 5.0 5.08 v dc v in = 48v i o =i o, max , t a =25c) output voltage all v o 4.85 ? 5.15 % v o, set (over all operating input voltage, resistive load, and temperature conditions until end of life) output regulation line (v in =v in, min to v in, max ) all ? ? 0.2 % v o, set load (i o =i o, min to i o, max ) all ?  0.2 % v o, set temperature (t ref =t a, min to t a, max ) all ? ? 1.0 % v o, set output ripple and noise (v in =v in, min to v in, max , i o = i o, max , t a =t a, min to t a, max ) rms (5hz to 20mhz bandwidth) all ? 10 20 mv rms peak-to-peak (5hz to 20mhz bandwidth) all ? 35 80 mv pk-pk external capacitance all c o, max 0 ? 5,000 f output current all i o 0 15 a dc output current limit inception (hiccup mode ) (v o = 90% of v o, set ) 5.0 i o, lim 16 19 24 a dc output short-circuit current all i o, s/c 5 a rms (v o 250mv) ( hiccup mode ) efficiency v in =48v, t a =25c, i o =7.5a, v o = 5.0v all 89.0 % v in =48v, t a =25c, i o =15a, v o = 5.0v all 90.0 % switching frequency all f sw 330 khz dynamic load response (di o /dt=0.1a/ ? s; v in = 48v; t a =25c; c o >100 f) load change from io= 50% to 75% or 25% to 50% of i o,max peak deviation all v pk ? 3 ? % v o, set settling time (vo<10% peak deviation) all t s ? 200 ? ? s isolation specifications parameter device symbol min typ max unit isolation capacitance all c iso ? 1000 ? pf isolation resistance all r iso 100 ? ? m ? i/o isolation voltage (100% factory hi-pot tested) all all ? ? 2250 v dc general specifications parameter device symbol min typ max unit calculated reliability based upon telcordia sr-332 issue 2: method i case 3 (i o =80%i o, max , t a =40c, airflow = 200 lfm, 90% confidence) all fit 339.0 10 9 /hours all mtbf 2,949,583 hours weight (open frame) all 19 (0.7) g (oz.) weight (with heatplate) all 30 (1.1) g (oz.)
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 4 feature specifications unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. see feature descriptions for additional information. parameter device symbol min typ max unit remote on/off signal interface (v in =v in, min to v in, max ; open collector or equivalent, signal referenced to v in- terminal) negative logic: device code suffix ?1? logic low = module on, logic high = module off positive logic: no device code suffix required logic low = module off, logic high = module on logic low - remote on/off current all i on/off ? 0.3 1.0 ma logic low - on/off voltage all v on/off -0.7 ? 1.2 v dc logic high voltage ? (typ = open collector) all v on/off ? 5 v dc logic high maximum allowable leakage current all i on/off ? ? 10 a turn-on delay and rise times (i o =i o, max , v in =v in, nom, t a = 25 o c) case 1: input power is applied for at least 1 second, and then the on/off input is set from off to on (t delay = on/off pin transition until v o = 10% of v o, set ) all t delay ? 12 ? msec case 2: on/off input is set to logic low (module on) and then input power is applied (t delay from instant at which v in = v in, min until v o =10% of v o,set ) all t delay ? ? 150 msec output voltage rise time (time for v o to rise from 10% of v o,set to 90% of v o, set ) all t rise ? 5 12 msec output voltage overshoot ? startup all ? 3 % v o, set i o = i o, max ; v in =v in, min to v in, max , t a = 25 o c remote sense range all v sense 10 % v o, set output voltage adjustment range all 80 110 % v o, set output overvoltage protection all v o, limit 5.7 ? 6.5 v dc overtemperature protection ? hiccup auto restart open frame t ref 135 o c heat plate t ref 120 o c input undervoltage lockout all v uvlo turn-on threshold ? 34 36 v dc turn-off threshold 30 32 34 v dc hysteresis 1 2 v dc input overvoltage lockout all v ovlo turn-on threshold 76 79 ? vdc turn-off threshold ? 81 83 vdc hysteresis 1 2 ? vdc
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 5 characteristic curves the following figures provide typical characteristics for the ESTW015A0A (5.0v, 15a) at 25 o c. the figures are identical for either positive or negative remote on/off logic. efficiency, ? (%) output current output voltage io(a) (5a/div) v o (v) (200mv/div) output current, i o (a) time, t (200s/div) figure 1. converter efficien cy versus output current. figure 4. transient response to 0.1a/s dynamic load change from 50% to 75% to 50% of full load, vin=48v, c o >100 f. output voltage v o (v) (50mv/div) output voltage on/off voltage v o (v) (2v/div) v on/off (v) (5v/div) time, t (2 ? s/div) time, t (10ms/div) figure 2. typical output ripple and noise (i o = i o,max ). figure 5. typical star t -up using remote on/off, negative logic version shown (v in = 48v, i o = i o,max ). output current output voltage io(a) (5a/div) v o (v) (200mv/div) output voltage input voltage v o (v) (2v/div) v in (v) (20v/div) time, t (200s/div) time, t (10ms/div) figure 3. transient response to 0.1a/s dynamic load change from 50% to 75% to 50% of full load, vin=48v, c o >100 f. figure 6. typical star t -up using input voltage (v in = 48v, i o = i o,max ).
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 6 test configurations to oscilloscope current probe l tes t 12 h battery c s 220 f e.s .r .<0 .1 ? @ 20 c 10 0khz 33-100 f vi n+ vin- note: measure input reflected ripple current with a simulated source inductance (l tes t ) of 12 h. capacitor c s offsets possible battery impedance. measure current as show n above. figure 7. input reflected ripple current test setup. note: all voltage measurem ents to be taken a t the module terminals, as shown above. if sockets are used then kelvin connections are required at the module terminals to avoid measurement errors due to socket contact resistance. v o (+ ) v o ( ? ) resistive load scope copper strip ground plane 10uf 1uf figure 8. output ripple and noise test setup. vout+ vout- vin+ vin- r load r contact r distribution r contact r distribution r contact r contact r distribution r distribution v in v o note: all voltage measurements to be taken at the module terminals, as shown above. if sockets are used then kelvin connections are required at the module terminals to avoid measurement errors due to socket contact resistance. figure 9. output voltage and efficiency test setup. ? = v o . i o v in . i in x 100 % efficiency design considerations input filtering the power module should be connected to a low ac-impedance source. highly inductive source impedance can affect the stability of the power module. for the test configuration in figure 7 a 33-100 f electrolytic capacitor (esr<0.7 ? at 100khz), mounted close to the power module helps ensure the stability of the unit. consult the factory for further application guidelines. safety considerations for safety-agency approval of the system in which the power module is used, the power module must be installed in compliance with the spacing and separation requirements of the end-use safety agency standard, i.e. ul60950-1, csa c22.2 no.60950-1, and vde0805- 1(iec60950-1). if the input source is non-selv (elv or a hazardous voltage greater than 60 vdc and less than or equal to 75vdc), for the module?s output to be considered as meeting the requirements for safety extra-low voltage (selv), all of the following must be true: ? the input source is to be provided with reinforced insulation from any other hazardous voltages, including the ac mains. ? one v in pin and one v out pin are to be grounded, or both the input and output pins are to be kept floating. ? the input pins of the module are not operator accessible. ? another selv reliability test is conducted on the whole system (combination of supply source and subject module), as required by the safety agencies, to verify that under a single fault, hazardous voltages do not appear at the module?s output. note: do not ground either of the input pins of the module without grounding one of the output pins. this may allow a non-selv voltage to appear between the output pins and ground. the power module has extra-low voltage (elv) outputs when all inputs are elv. all flammable materials used in the manufacturing of these modules are rated 94v-0, or tested to the ul60950 a.2 for reduced thickness. for input voltages exceeding ?60 vdc but less than or equal to ?75 vdc, these converters have been evaluated to the applicable requirements of basic insulation between secondary dc mains distribution input (classified as tnv-2 in europe) and unearthed selv outputs. the input to these units is to be provided with a maximum 6 a fast-acting fuse in the ungrounded lead.
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 7 feature descriptions remote on/off two remote on/off options are available. positive logic turns the module on during a logic high voltage on the on/off pin, and off during a logic low. negative logic remote on/off, device code suffix ?1?, turns the module off during a logic high and on during a logic low. on/off vin+ vin- i on/off v on/off vout+ trim vout- figure 10. remote on/off implementation. to turn the power module on and off, the user must supply a switch (open collector or equivalent) to control the voltage (v on/off ) between the on/off terminal and the v in (-) terminal (see figure 10). logic low is 0v v on/off 1.2v. the maximum i on/off during a logic low is 1ma; the switch should maintain a logic low level whilst sinking this current. during a logic high, the typical maximum v on/off generated by the module is 5v, and the maximum allowable leakage current at v on/off = 5v is 1 a. if not using the remote on/off feature: for positive logic, leave the on/off pin open. for negative logic, short the on/off pin to v in (-). remote sense remote sense minimizes the effects of distribution losses by regulating the voltage at the remote-sense connections (see figure 11). the voltage between the remote-sense pins and the output terminals must not exceed the output voltage sense range given in the feature specifications table: [v o (+) ? v o (?)] ? [sense(+) ? sense(?)] ? 0.5 v although the output voltage can be increased by both the remote sense and by the trim, the maximum increase for the output voltage is not the sum of both. the maximum increase is the larger of either the remote sense or the trim. the amount of power delivered by the module is defined as the voltage at the output terminals multiplied by the output current. when using remote sense and trim, the output voltage of the module can be increased, which at the same output current would increase the power output of the module. care should be taken to ensure that the maximum output power of the module remains at or below the maximum rated power (maximum rated power = vo,set x io,max). figure 11. circuit configuration for remote sense . input undervoltage lockout at input voltages below the input undervoltage lockout limit, the module operation is disabled. the module will only begin to operate once the input voltage is raised above the undervoltage lockout turn-on threshold, v uv/on . once operating, the module will continue to operate until the input voltage is taken below the undervoltage turn-off threshold, v uv/off . overtemperature protection to provide protection under certain fault conditions, the unit is equipped with a thermal shutdown circuit. the unit will shutdown if the thermal reference point, tref, exceeds 135 o c (figure 13, typical) or 120 o c (figure 14, typical), but the thermal shutdown is not intended as a guarantee that the unit will survive temperatures beyond its rating. the module will automatically restart upon cool-down to a safe temperature. output overvoltage protection the output over voltage protection scheme of the modules has an independent over voltage loop to prevent single point of failure. this protection feature latches in the event of over voltage across the output. cycling the on/off pin or input voltage resets the latching protection feature. if the auto-restart option (4) is ordered, the module will automatically restart upon an internally programmed time elapsing. overcurrent protection to provide protection in a fault (output overload) condition, the unit is equipped with internal current-limiting circuitry and can endure current limiting continuously. at the point of current-limit inception, the unit enters hiccup mode. if the unit is not configured with auto?restart, then it will latch off following the over current condition. the module can be restarted by cycling the dc input power for at least one second or by toggling the remote on/off signal for at least one second. if the unit is configured with the auto-restart option (4), it will remain in the hiccup mode as long as the overcurrent condition exists; it operates normally, once the output current is brought back into its specified range. the average output current during hiccup is 10% i o, max . v o (+) sense(+) sense(?) v o (?) v i (+) v i (-) i o load cont act and distribution loss e suppl y i i contact resist ance
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 8 feature descriptions (continued) output voltage programming trimming allows the output voltage set point to be increased or decreased from the default value; this is accomplished by connecting an external resistor between the trim pin and either the v o (+) pin or the v o (-) pin. v o (+) v o trim v o (-) r trim-down load v in (+) on/off v in (-) r trim-up figure 12. circuit configuration to trim output voltage. connecting an external resistor (r trim-down ) between the trim pin and the v o (-) (or sense(-)) pin decreases the output voltage set point. to maintain set point accuracy, the trim resistor tolerance should be 1.0%. the following equation determines the required external resistor value to obtain a percentage output voltage change of ? % ?? ? ? ? ? ? ? ? ? ? ? 22 . 10 % 511 down trim r where 100 0 . 5 0 . 5 % ? ? ? ? ? ? ? ? ? ? v v v desired for example, to trim-down the output voltage of the module by 6% to 4.7v, rtrim-down is calculated as follows: 6 % ? ? ?? ? ? ? ? ? ? ? ? ? 22 . 10 6 511 down trim r ?? ? ? 9 . 74 down trim r connecting an external resistor (r trim-up ) between the trim pin and the v o (+) (or sense (+)) pin increases the output voltage set point. the following equation determines the required external resistor value to obtain a percentage output voltage change of ? %: ?? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 22 . 10 % 511 % 225 . 1 %) 100 ( 0 . 5 11 . 5 up trim r where 100 0 . 5 0 . 5 % ? ? ? ? ? ? ? ? ? ? desired v for example, to trim-up the output voltage of the module by 4% to 5.2v, r trim-up is calculated is as follows: 4 % ? ? ?? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 22 . 10 4 511 4 225 . 1 ) 4 100 ( 0 . 5 11 . 5 up trim r ?? ? ? 3 . 404 up trim r the voltage between the v o (+) and v o (?) terminals must not exceed the minimum output overvoltage protection value shown in the feature specifications table. this limit includes any increase in voltage due to remote-sense compensation and output voltage set-point adjustment trim. although the output voltage can be increased by both the remote sense and by the trim, the maximum increase for the output voltage is not the sum of both. the maximum increase is the larger of either the remote sense or the trim. the amount of power delivered by the module is defined as the voltage at the output terminals multiplied by the output current. when using remote sense and trim, the output voltage of the module can be increased, which at the same output current would increase the power output of the module. care should be taken to ensure that the maximum output power of the module remains at or below the maximum rated power (maximum rated power = v o,set x i o,max ).
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 9 thermal considerations the power modules operate in a variety of thermal environments; however, sufficient cooling should be provided to help ensure reliable operation. considerations include ambient temperature, airflow, module power dissipation, and the need for increased reliability. a reduction in the operating temperature of the module will result in an increase in reliability. the thermal data presented here is based on physical measurements taken in a wind tunnel. the thermal reference points, t ref , used in the specifications for open frame modules is shown in figure 13. for reliable operation these temperatures should not exceed 125 o c. figure 13. t ref temperature measurement locations for open frame module. the thermal reference point, t ref , used in the specifications for modules with heatplate is shown in figure 14. for reliable operation this temperature should not exceed 105 o c. figure 14. t ref temperature measurement location for module with heatplate. heat transfer via convection increased airflow over the module enhances the heat transfer via convection. derating curves showing the maximum output current that can be delivered by each module versus local ambient temperature (t a ) for natural convection and up to 3m/s (600 ft./min) forced airflow are shown in figures 16 - 21. please refer to the application note ?thermal characterization process for open-frame board-mounted power modules? for a detailed discussion of thermal aspects including maximum device temperatures. figure 15. thermal resistance for the open frame module; airflow in the tran sverse direction from v out (-) to v out (+); v in =48v, v o =5.0v. output current, i o (a) ambient temeperature, t a ( o c ) figure 16. output current derating for the open frame module; airflow in the tran sverse direction from v out (-) to v out (+); v in =48v, v o =5.0v. output current, i o (a) ambient temeperature, t a ( o c ) figure 17. output current derating for the module with heatplate; airflow in the transverse direction from v out (-) to v out (+);v in =48v, v o =5.0v. heat transfer via conduction the module can also be used in a sealed environment with cooling via conduction from the module?s top surface through a gap pad material to a cold wall, as shown in figure 22. this capability is achieved by insuring the top side component skyline profile achieves no more than 1mm height difference between the tallest and the shortest power train part that benefits from contact with the gap pad material. the output current derating versus cold wall temperature, when using a gap pad such as bergquist gp2500s20, is shown in figure 23. airflow airflow
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 10 figure 18. cold wall mounting output current, i o (a) coldplate temeperature, t c ( o c) figure 19. derated output current versus cold wall temperature with local ambient temperature around module at 85c; v in =48v. through-hole sold ering information lead-free soldering the ESTW015A0Axx rohs-compliant through-hole products use sac (sn/ag/cu) pb-free solder and rohs-compliant components. they are designed to be processed through single or dual wave soldering machines. the pins have a rohs-compliant finish that is compatible with both pb and pb-free wave soldering processes. a maximum preheat rate of 3 ? c/s is suggested. the wave preheat process should be such that the temperature of the power module board is kept below 210 ? c. for pb solder, the recommended pot temperature is 260 ? c, while the pb-free solder pot is 270 ? c max. paste-in-hole soldering the ESTW015A0Axx module is compatible with reflow paste- in-hole soldering processes shown in figures 25-27. since the ESTW015A0Axxz module is not packaged per j-std-033 rev.a, the module must be baked prior to the paste-in-hole reflow process. ESTW015A0Axx-hz modules are not compatible with paste-in-hole reflow soldering. please contact your ge sales representative for further information. surface mount information msl rating the ESTW015A0A-sz module has a msl rating of 2a. storage and handling the recommended storage environment and handling procedures for moisture-sensitive surface mount packages is detailed in j-std-033 rev. a (handling, surface mount information (continued) packing, shipping and use of moisture/reflow sensitive surface mount devices). moisture barrier bags (mbb) with desiccant are provided for the ESTW015A0Axx-sz modules. these sealed packages should not be broken until time of use. once the original package is broken, the floor life of the product at conditions of ? 30c and 60% relative humidity varies according to the msl rating (see j-std-033a). the shelf life for dry packed smt packages is a minimum of 12 months from the bag seal date, when stored at the following conditions: < 40 c, < 90% relative humidity . pick and place the ESTW015A0A modules use an open frame construction and are designed for a fully automated assembly process. the modules are fitted with a label designed to provide a large surface area for pick and place operations. the label meets all the requirements for surface mount processing, as well as safety standards, and is able to withstand reflow temperatures of up to 300 o c. the label also carries product information such as product code, serial number and the location of manufacture. figure 20. pick and place location. nozzle recommendations the module weight has been kept to a minimum by using open frame construction. even so, these modules have a relatively large mass when compared to conventional smt components. variables such as nozzle size, tip style, vacuum pressure and placement speed should be considered to optimize this process. the minimum recommended nozzle diameter for reliable operation is 6mm. the maximum nozzle outer diameter, which will safely fit within the allowable component spacing, is 9 mm. oblong or oval nozzles up to 11 x 9 mm may also be used within the space available.
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 11 surface mount information (continued) reflow soldering information the surface mountable modules in the estw family use our newest smt technology called ?column pin? (cp) connectors. figure 25 shows the new cp connector before and after reflow soldering onto the end-board assembly. the cp is constructed from a solid copper pin with an integral solder ball attached, which is composed of tin/lead (sn/pb) solder for non-z codes, or sn/ag 3 /cu (sac) solder for ?z codes. ehhd board insulator solder ball end assembly pcb figure 21. column pin connector before and after reflow soldering . the cp connector design is able to compensate for large amounts of co-planarity and still ensure a reliable smt solder joint. typically, the eutectic solder melts at 183 o c (sn/pb solder) or 217-218 o c (sac solder), wets the land, and subsequently wicks the device connection. sufficient time must be allowed to fuse the plating on the connection to ensure a reliable solder joint. there are several types of smt reflow technologies currently used in the industry. these surface mount power modules can be reliably soldered using natural forced convection, ir (radiant infrared), or a combination of convection/ir. the following instructions must be observed when smt soldering these units. failure to observe these instructions may result in the failure of or cause damage to the modules, and can adversely affect long-term reliability. tin lead soldering the ESTW015A0A power modules are lead free modules and can be soldered either in a lead-free solder process or in a conventional tin/lead (sn/pb) process. it is recommended that the customer review data sheets in order to customize the solder reflow profile for each application board assembly. the following instructions must be observed when soldering these units. failure to observe these instructions may result in the failure of or cause damage to the modules, and can adversely affect long-term reliability. in a conventional tin/lead (sn/pb) solder process peak reflow temperatures are limited to less than 235 o c. typically, the eutectic solder melts at 183 o c, wets the land, and subsequently wicks the device connection. sufficient time must be allowed to fuse the plating on the connection to ensure a reliable solder joint. there are several types of smt reflow technologies currently used in the industry. these surface mount power modules can be reliably soldered using natural forced convection, ir (radiant infrared), or a combination of convection/ir. for reliable soldering the solder reflow profile should be established by accurately measuring the modules cp connector temperatures. lead free soldering the ?z version of the ESTW015A0A modules are lead-free (pb-free) and rohs compliant and are both forward and backward compatible in a pb-free and a snpb soldering process. failure to observe the instructions below may result in the failure of or cause damage to the modules and can adversely affect long-term reliability. reflow temp ( ? c) reflow time (s) figure 22. reflow profile for tin/lead (sn/pb) process. max temp solder ( ? c) figure 23. time limit curve above 205 o c for tin/lead (sn/pb) process 0 50 10 0 15 0 200 250 300 p reheat zo ne max 4 o cs -1 so ak zo ne 30-240s heat zo ne max 4 o cs -1 p eak temp 235 o c cooling zo ne 1- 4 o cs -1 t lim above 205 o c 200 205 210 215 220 225 230 235 240 0 10 203040 5060
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 12 pb-free reflow profile power systems will comply with j-std-015 rev. c (moisture/reflow sensitivity classification for nonhermetic solid state surface mount devices) for both pb-free solder profiles and msl classification procedures. this standard provides a recommended forced-air-convection reflow profile based on the volume and thickness of the package (table 4-2). the suggested pb-free solder paste is sn/ag/cu (sac). the recommended linear reflow profile using sn/ag/cu solder is shown in figure 28. figure 24. recommended linear reflow profile using sn/ag/cu solder. post solder cleaning and drying considerations post solder cleaning is usually the final circuit-board assembly process prior to electrical board testing. the result of inadequate cleaning and drying can affect both the reliability of a power module and the testability of the finished circuit-board assembly. for guidance on appropriate soldering, cleaning and drying procedures, refer to ge board mounted power modules: soldering and cleaning application note (an04-001). per j-std-020 rev. c 0 50 100 150 200 250 300 reflow time (seconds) reflow temp (c) heating zone 1c/second peak temp 260c * min. time above 235c 15 seconds *time above 217c 60 seconds cooling zone
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 13 emc considerations the circuit and plots in figure 25 shows a suggested configuration to meet the conducted emission limits of en55022 class b. figure 25. emc considerations for further information on designing for emc compliance, please refer to the flt007a0 data sheet (ds05-028). vin = 48v, io = io,max, l line vin = 48v, io = io,max, n line
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 14 mechanical outline for through-hole module dimensions are in millimeters and [inches]. tolerances: x.x mm ? 0.5 mm [x.xx in. ? 0.02 in.] (unless otherwise indicated) x.xx mm ? 0.25 mm [x.xxx in ? 0.010 in.] *top side label includes ge name, product designation and date code.
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 15 mechanical outline for surface mount module (-s option) dimensions are in millimeters and [inches]. tolerances: x.x mm ? 0.5 mm [x.xx in. ? 0.02 in.] (unless otherwise indicated) x.xx mm ? 0.25 mm [x.xxx in ? 0.010 in.] * top side label includes ge name, product designation and date code.
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 16 mechanical outline for through-hole module with heat plate (-h option) dimensions are in millimeters and [inches]. tolerances: x.x mm ? 0.5 mm [x.xx in. ? 0.02 in.] (unless otherwise indicated) x.xx mm ? 0.25 mm [x.xxx in ? 0.010 in.]
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 17 recommended pad layout dimensions are in millimeters and [inches]. tolerances: x.x mm ? 0.5 mm [x.xx in. ? 0.02 in.] (unless otherwise indicated) x.xx mm ? 0.25 mm [x.xxx in ? 0.010 in.] pin function 1 vi(+) 2 on/off 3 vi(-) 4 vo(-) 5 sense(-) 6 trim 7 sense(+) 8 vo(+) smt recommended pad layout (component side view) notes: for 0.030? x 0.025? rectangular pin, use 0.050? plated through hole diameter for 0.62 dia? pin, use 0.076? plated through hole diameter pin function 1 vi(+) 2 on/off 3 vi(-) 4 vo(-) 5 sense(-) 6 trim 7 sense(+) 8 vo(+) th recommended pad layout (component side view)
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output march 28, 2013 ?2012 general electric company. all rights reserved. page 18 packaging details the surface mount versions of the ESTW015A0A (suffix ?s) are supplied as standard in the plastic trays shown in figure 26. tray specification material antistatic coated pvc max surface resistivity 10 12 ? /sq color clear capacity 12 power modules min order quantity 48 pcs (1 box of 4 full trays + 1 empty top tray) each tray contains a total of 12 power modules. the trays are self-stacking and each shipping box for the ESTW015A0A (suffix ?s) surface mount module will contain 4 full trays plus one empty hold down tray giving a total number of 48 power modules. figure 26. surface mount packaging tray
ge data sheet ESTW015A0A barracuda? series; dc-dc converter power modules 36-75vdc input; 5.0vdc, 15a, 75w output contact us for more information, call us at usa/canada: +1 888 546 3243 , or +1 972 244 9288 asia-pacific: +86.021.54279977*808 europe, middle-east and africa: +49.89.878067-280 india: +91.80.28411633 www.ge.com/powerelectronics march 28, 2013 ?2012 general electric com pany. all rights reserved. version 1.0 ordering information please contact your ge sales representative for pricing, availability and optional features. table 1. device codes product codes input voltage output voltage output current on/off logic connector type comcodes ESTW015A0A41z 48v (36-75vdc) 5.0v 15a negative through hole 150031193 ESTW015A0A41-hz 48v (36-75vdc) 5.0v 15a negative through hole 150031191 ESTW015A0A41-sz 48v (36-75vdc) 5.0v 15a negative surface mount 150031192 table 2. device coding scheme and options


▲Up To Search▲   

 
Price & Availability of ESTW015A0A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X