Part Number Hot Search : 
BZX55 GBL401 M3L2828S HT95L200 OPI8015 23151 0J100 107H30
Product Description
Full Text Search
 

To Download EEETK1A331UP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ tk C eee-55 C a0.2 w ( ) reference size l 0 d0.5 h b0.2 (i) k (p) (i) + C 0.3 max. pressure relief ( 0 10 and larger)  5, " capacitance (f) rated voltage mark series identi?cation lot number negative polarity marking (C) mark for lead-free products black dot (square) features endurance : 125 c 3000 h low esr at C40 c (50 % lower than tg series) added esr speci? cation after the endurance test vibration-proof product is available upon request. aec-q200 quali? ed ? rohs directive compliant surface mount type series: tk type: v specifi cations category temp. range C40 c to +125 c rated w.v. range 10 v.dc to 35 v.dc nominal cap. range 47 f to 470 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv after 2 minutes tan d please see the attached standard products list characteristics at low temperature w.v. (v) 10 16 25 35 (impedance ratio at 120 hz) z(C25 c)/z(+20 c)3222 z(C40 c)/z(+20 c)4333 endurance after the life test with dc rated woking voltage at +125 c 2 c for 3000 hours, the capacitors shall meet the limits speci? ed below. capacitance change 30 % of initially measured values (code u : 35 %) tan d < 300 % of initially speci? ed values (code u : 350 %) dc leakage current < initially speci? ed values shelf life after storage for 1000 hours at +125 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci? ed in endurance. (with voltage treatment) esr after the life test after the life test with dc rated working voltage at +125 c2 c for 3000 hours, esr value shall meet the speci? ed below. after 1000 hours 20 c < 150 % of the initially measured speci? ed value. C40 c < 200 % of the initially measured speci? ed value. after 2000 hours 20 c < 300 % of the initially measured speci? ed value. C40 c < 400 % of the initially measured speci? ed value. after 3000 hours 20 c < 1000 % of the initially measured speci? ed value. C40 c < 1500 % of the initially measured speci? ed value. di men sions in mm (not to scale) marking example:10 v 220 f (polarized) marking color: black size code d l a, b h i w p k f 8.0 10.20.3 8.3 10.0 max. 3.4 0.900.2 3.1 0.700.2 g 10.0 10.20.3 10.3 12.0 max. 3.5 0.900.2 4.6 0.700.2 frequency (hz) 120 1 k 10 k 100 k to correction factor 0.65 0.85 0.95 1.00 frequency correction factor for ripple current (unit : mm) a 10 v c 16 v e 25 v v 35 v rated voltage mark ? this product qualify for aec-q200, but it has some deviations. 03 mar. 2014
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ tk C eee-56 C standard prod ucts w.v. cap. (20 %) case size speci? cation part no. (rohs:compliant) re? ow min. packaging q'ty dia. length ? size code ripple current (10 0 khz) (+125 c) esr (10 0 khz) tan d (120 hz) (+20 c) taping ( ) (v) (f) (mm) (mm) (ma r.m.s.) +20 oc -40 oc (pcs) 10 220 8 10.2 f 197 0.3 5 0.30 eeetk1a221p (8) 500 330 8 10.2 (f) 197 0.3 5 0.30 EEETK1A331UP (8) 500 10 10.2 g 270 0.2 3 0.30 eeetk1a331p (8) 500 470 10 10.2 (g) 270 0.2 3 0.30 eeetk1a471up (8) 500 16 100 8 10.2 f 197 0.3 5 0.23 eeetk1c101p (8) 500 220 810.2(f) 1970.3 5 0.23 eeetk1c221up (8) 500 10 10.2 g 270 0.2 3 0.23 eeetk1c221p (8) 500 330 10 10.2 (g) 270 0.2 3 0.23 eeetk1c331up (8) 500 25 100 8 10.2 f 197 0.3 5 0.18 eeetk1e101p (8) 500 220 810.2(f) 1970.3 5 0.18 eeetk1e221up (8) 500 10 10.2 g 270 0.2 3 0.18 eeetk1e221p (8) 500 330 10 10.2 (g) 270 0.2 3 0.18 eeetk1e331up (8) 500 35 47 810.2f 1970.3 5 0.16 eeetk1v470p (8) 500 100 810.2(f) 1970.3 5 0.16 eeetk1v101up (8) 500 10 10.2 g 270 0.2 3 0.16 eeetk1v101p (8) 500 220 10 10.2 (g) 270 0.2 3 0.16 eeetk1v221up (8) 500 ? size code( ) : miniaturization product please refer to the page of re? ow pro? le and the taping dimensions. when requesting vibration-proof product, please put the last v instead to p endurance : 125 c 3000 h 03 mar. 2014


▲Up To Search▲   

 
Price & Availability of EEETK1A331UP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X