Part Number Hot Search : 
VTC5764C K2368 BR808 A9108 GV2SN35 8A218 MB89636 K2368
Product Description
Full Text Search
 

To Download EEEFT1A152AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ ft C eee-45 C a0.2 w ( ) reference size l 0 d0.5 h b0.2 (i) k (p) (i) + C 0.3 max. pressure relief ( 0 10 and larger)  '5 & capacitance (f) rated voltage mark series identi?cation lot number negative polarity marking (C) features endurance: 2000 h at 105 c miniaturized, low esr (1 size smaller than series fk) rohs directive compliant surface mount type series: ft type: v high temperature lead-free refl ow(suffi x:a ? ) specifi cations category temp. range C55 c to +105 c rated w.v.range 6.3 v.dc to 50 v.dc nominal cap.range 10 f to 2200 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv after 2 minutes tan d please see the attached high temperature lead-free re? ow products list. endurance after applying rated working voltage for 2000 hours at +105 c2 c and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change 30 % of initial measured value tan d < 200 % of initial speci? ed value dc leakage current < initial speci? ed value shelf life after storage for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci? ed in endurance. (with voltage treatment) resistance to soldering heat after re? ow soldering and then being stabilized at +20 c, capacitor shall meet the following limits. capacitance change 10 % of initial measured value tan d < initial speci? ed value dc leakage current < initial speci? ed value di men sions in mm (not to scale) marking example:25 v 22 f marking color : black size code dl a, b h iwpk b 4.0 5.80.3 4.3 5.5 max. 1.8 0.650.1 1.0 0.35 - 0.20 c 5.0 5.80.3 5.3 6.5 max. 2.2 0.650.1 1.5 0.35 - 0.20 d 6.3 5.80.3 6.6 7.8 max. 2.6 0.650.1 1.8 0.35 - 0.20 d8 6.3 7.70.3 6.6 7.8 max. 2.6 0.650.1 1.8 0.35 - 0.20 f 8.0 10.20.3 8.3 10.0 max. 3.4 0.900.2 3.1 0.700.20 g 10.0 10.20.3 10.3 12.0 max. 3.5 0.900.2 4.6 0.700.20 + 0.15 + 0.15 + 0.15 + 0.15 cap (f) frequency (hz) 120 1 k 10 k 100 k to 10 to 470 0.65 0.85 0.95 1.00 560 to 2200 0.70 0.90 0.95 1.00 frequency correction factor for ripple current (unit : mm) j 6.3 v a 10 v c 16 v rated voltage mark e 25 v v 35 v h 50 v 02 oct. 2013
design and speci cations are each subject to change without notice. ask factory for the current technical speci cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ ft C eee-46 C high temperature lead-free refl ow prod ucts ? size code( ):miniaturization product if part number exceeds 12 digits, voltage code is abbreviated as follows; 0j j, 1a a, 1c c, 1e e, 1v v, 1 h h please refer to the page of re? ow pro? le and the taping dimensions. endurance : 105 c 2000 h w.v. cap. (20 %) case size speci? cation part no. (rohs:compliant) re? ow min. packaging q'ty dia. length ? size code ripple current (10 0 khz) (+105 c) esr (10 0 khz) (+20 c) tan d (120 hz) (+20 c) taping (v) (f) (mm) (mm) (ma r.m.s.) ( )(pcs) 6.3 100 4 5.8 b 160 0.85 0.26 eeeft0j101ar (5) 2000 220 5 5.8 c 240 0.36 0.26 eeeft0j221ar (5) 1000 330 6.3 5.8 d 300 0.26 0.26 eeeft0j331ap (5) 1000 470 6.3 7.7 d8 600 0.16 0.26 eeeftj471xap (5) 900 680 6.3 7.7 d8 600 0.16 0.26 eeeftj681xap (5) 900 1500 8 10.2 f 850 0.08 0.26 eeeft0j152ap (6) 500 2200 10 10.2 g 1190 0.06 0.28 eeeft0j222ap (6) 500 10 68 4 5.8 b 160 0.85 0.19 eeeft1a680ar (5) 2000 150 5 5.8 c 240 0.36 0.19 eeeft1a151ar (5) 1000 220 6.3 5.8 d 300 0.26 0.19 eeeft1a221ap (5) 1000 3 3 0 6 . 3 7.7 d 8 6 0 0 0.16 0.19 eeefta331xap (5) 900 470 6 . 3 7.7 d 8 6 0 0 0.16 0.19 eeefta471xap (5) 900 1000 8 10.2 f 850 0.08 0.19 eeeft1a102ap (6) 500 1500 10 10.2 g 1190 0.06 0.19 EEEFT1A152AP (6) 500 16 47 4 5.8 b 160 0.85 0.16 eeeft1c470ar (5) 2000 68 5 5.8 c 240 0.36 0.16 eeeft1c680ar (5) 1000 100 5 5.8 c 240 0.36 0.16 eeeft1c101ar (5) 1000 150 6.3 5.8 d 300 0.26 0.16 eeeft1c151ap (5) 1000 220 6.3 5.8 d 300 0.26 0.16 eeeft1c221ap (5) 1000 3 3 0 6 . 3 7.7 d 8 6 0 0 0.16 0.16 eeeftc331xap (5) 900 680 8 10.2 f 850 0.08 0.16 eeeft1c681ap (6) 500 1000 10 10.2 g 1190 0.06 0.16 eeeft1c102ap (6) 500 25 22 4 5.8 b 160 0.85 0.14 eeeft1e220ar (5) 2000 33 4 5.8 b 160 0.85 0.14 eeeft1e330ar (5) 2000 47 5 5.8 c 240 0.36 0.14 eeeft1e470ar (5) 1000 68 5 5.8 c 240 0.36 0.14 eeeft1e680ar (5) 1000 100 6.3 5.8 d 300 0.26 0.14 eeeft1e101ap (5) 1000 15 0 6 . 3 7.7 d 8 6 0 0 0.16 0.14 eeefte151xap (5) 900 2 2 0 6 . 3 7.7 d 8 6 0 0 0.16 0.14 eeefte221xap (5) 900 470 8 10.2 f 850 0.08 0.14 eeeft1e471ap (6) 500 820 10 10.2 g 1190 0.06 0.14 eeeft1e821ap (6) 500 35 22 4 5.8 b 160 0.85 0.12 eeeft1v220ar (5) 2000 33 5 5.8 c 240 0.36 0.12 eeeft1v330ar (5) 1000 47 5 5.8 c 240 0.36 0.12 eeeft1v470ar (5) 1000 68 6.3 5.8 d 300 0.26 0.12 eeeft1v680ap (5) 1000 100 6.3 5.8 d 300 0.26 0.12 eeeft1v101ap (5) 1000 15 0 6 . 3 7.7 d 8 6 0 0 0.16 0.12 eeeftv151xap (5) 900 330 8 10.2 f 850 0.08 0.12 eeeft1v331ap (6) 500 560 10 10.2 g 1190 0.06 0.12 eeeft1v561ap (6) 500 50 10 45.8(b)852.300.10 eeefth100uar (5) 2000 5 5.8 c 165 0.88 0.10 eeeft1h100ar (5) 1000 22 5 5.8 c 165 0.88 0.10 eeeft1h220ar (5) 1000 47 6.3 5.8 d 195 0.68 0.10 eeeft1h470ap (5) 1000 100 6.3 7.7 d8 350 0.34 0.10 eeefth101xap (5) 900 2 2 0 8 10. 2 f 670 0.18 0.10 eeeft1h221ap (6) 500 330 10 10.2 g 900 0.12 0.10 eeeft1h331ap (6) 500 02 oct. 2013


▲Up To Search▲   

 
Price & Availability of EEEFT1A152AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X