Part Number Hot Search : 
12D05 MT5006A AN7006NS 2SK354 84C10 005000 D2008 6X223U
Product Description
Full Text Search
 

To Download EE-SPX302-W2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  slot-type photomicrosensor with cable ee-spx-w photomicrosensor with built-in amplifier and attached cable reduces external light interference. light modulation effectively reduces external light interference. wide operation volt age range: 5 to 24 vdc easy operation monit oring with bright light indicator. be sure to read safety precautions on page 3. ordering information * these models (ee-spx305/405-w2a only) are not conformed to ce standards. appearance sensing method sensing distance (slot width) output type output configuration cable length model through-beam type npn output dark-on 1 m EE-SPX302-W2A light-on ee-spx402-w2a dark-on ee-spx304-w2a light-on ee-spx404-w2a dark-on ee-spx306-w2a light-on ee-spx406-w2a dark-on ee-spx305-w2a * light-on ee-spx405-w2a * infrared li g ht 3.6 mm 3.6 mm 3.6 mm 5 mm 1
ee-spx-w ratings and specifications i/o circuit diagrams npn output item models EE-SPX302-W2A, ee-spx402-w2a ee-spx304-w2a, ee-spx404-w2a ee-spx306-w2a, ee-spx406-w2a ee-spx305-w2a ee-spx405-w2a sensing distance 3.6 mm (slot width) 5 mm (slot width) *1. the indicator is a gap red led (peak wavelength: 700 nm). *2. the response frequency was measured by detecting the following rotating disk. sensing object opaque: 1 u 0.5 mm min. opaque: 2 u 0.8 mm min. differential distance 0.05 mm max. light source gaas infrared led (pulse lighting) with a peak wavelength of 940 nm indicator * 1 light indicator (red) supply voltage 5 to 24 vdc 10%, ripple (p-p): 5% max. current consumption average: 15 ma max.; peak: 50 ma max. control output npn voltage output: load power supply voltage: 5 to 24 vdc load current: 80 ma max. 80 ma load current with a residual voltage of 1.0 v max. 10 ma load current with a residual voltage of 0.4 v max. response frequency * 2 500 hz min. ambient illumination 3,000 lx max. with incandescent light or sunlight on the surface of the receiver ambient temperature range operating: 10 to +55 q c storage: 25 to +65 q c ambient humidity range operating: 5% to 85% storage: 5% to 95% vibration resistance destruction: 10 to 55 hz, 1.5-mm double amplitude for 2 h each in x, y, and z directions shock resistance destruction: 500 m/s 2 for 3 times each in x, y, and z directions enclosure rating iec ip50 connecting method pre-wired (standard cable length: 1 m) weight 18.5 g material case polycarbonate holder 2 mm 2 mm 2 mm disk disk disk ee-spx305-w2a EE-SPX302-W2A ee-spx306-w2a model output configuration timing charts output circuit ee-spx402-w2a ee-spx404-w2a ee-spx405-w2a ee-spx406-w2a light-on EE-SPX302-W2A ee-spx304-w2a ee-spx305-w2a ee-spx306-w2a dark-on incident interrupted on off on off operates releases h l light indicator (red) output transistor load 1 (relay) load 2 5 to 24 vd c light indicator (red) 1.5 to 3 ma load 1 load 2 main circuit black blue brown ? * volta g e out p ut ( when the sensor is connected to a transistor circuit ) incident interrupted on off on off operates releases h l light indicator (red) output transistor load 1 (relay) load 2 2
ee-spx-w dimensions (unit: mm) ? optical axis (0.5-mm wide) optical axis (1-mm wide) see note. 2.5 2.5 13 3.6 c0.5 2 dia. 6.6 indicator window r3.2 r3.2 7 dia. 6 7 15.6 3 3.5 dia. hole 6.5 21.2 8 1,000 * vinyl-insulated round cable of 3.5 dia., 3 cores, (0.14 mm 2 with 1.0-dia. insulator); standard length: 1 m note: the lug is used to prevent turning and to indicate the optical axis. when installin g , make a fixed hole of 2.1 to 2.3 mm dia. EE-SPX302-W2A ee-spx402-w2a ? optical axis (0.5-mm wide) optical axis (1-mm wide) see note. 2.5 2.5 13 3.6 c0.5 2 dia. 6.6 indicator window r3.2 r3.2 7 dia. 6 6 7 15.6 3 3.5 dia. hole 6.5 21.2 8 1,000 note: the lug is used to prevent turning and to indicate the optical axis. when installing, make a fixed hole of 2.1 to 2.3 mm dia. * vinyl-insulated round cable of 3.5 dia., 3 cores, (0.14 mm 2 with 1.0-dia. insulator); standard length: 1 m ee- s px304-w2a ee-spx404-w2a 3.6 6.6 two, 3.5 dia. holes optical axis (0.5-mm wide) 7.4 7 1.5 max. indicator window 6 8 21.2 1,000 optical axis (1-mm wide) 15.6 3 13.8 19 25 ? * vinyl-insulated round cable of 3.5 dia., 3 cores, ( 0.14 mm 2 with 1.0-dia. insulator ) ; standard len g th: 1 m indicator window ee- s px306-w2a ee-spx406-w2a ? 14.5 1,000 8 6.95 7.2 12.7 15.5 6.35 optical axis window (2 0.8) 3.6 3.2 9 20 two, 3.2 dia. 14.4 20 27.2 5 four, r2 indicator window * vinyl-insulated round cable of 3.5 dia., 3 cores, (0.14 mm 2 with 1.0-dia. insulator); standard length: 1 m 7 dia. ee- s px305-w2a ee-spx405-w2a 4


▲Up To Search▲   

 
Price & Availability of EE-SPX302-W2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X