Part Number Hot Search : 
AM720 BSS84DW1 CSC2271C HD74L SKIIP3 LTC1258 2SC2362 FBL2040
Product Description
Full Text Search
 

To Download DRR-20A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cliq ii redundancy module 20a 40a www.deltapsu .com 1 description mode l no. dr r - 20a , drr - 40a weight: 0. 37 kg , 0.51kg size : 1 21 mm x 50 mm x 1 2 2.1 mm ( h x w x d ) features rohs compliant relay alarm indirection built - in 2 channel dc ok signal caused by rugged handing ease of wire connection to terminals wide input & output range 22 - 60 vdc full corrosion resistance aluminium chassis even with deep scratches the new redundancy module drr 20a is the latest offering from one of the w orlds no.1 p ower s upply company. the product offers a variable input & output voltage from 22 - 60v , a wide t emperature range from - 40c to 80 c . the state - of - the - art design is made to withstand harsh industrial envi ronments. the rugged, compact aluminium case is shock and vibration resistant according to iec60068 - 2 - 6 . due to the wide input & output voltage range from 22 to 60vd c, the deltas cliq ii redundancy module is able to support power supply in parallel operat ion. the drr module has an alarm relay contact as an indicator. drr - 20a drr - 40 a 1 ) input terminal block connector 2 ) output terminal block connector 3 ) led indicator of v in 1 & v in 2 4 ) universal mounting rail system 5 ) earth connection
cliq ii redundancy module 20a 40a www.deltapsu .com 2 m echanical drawing: drr - 20a dimension (w x h x d) + mounting rail 121mm x 50mm x122.1mm weight 0.37 kg drr - 4 0a dimension (w x h x d) + mounting rail 121mm x 50mm x122.1mm weight 0.51 kg
cliq ii redundancy module 20a 40a www.deltapsu .com 3 block diagram: drr - 20a drr - 4 0a
cliq ii redundancy module 20a 40a www.deltapsu .com 4 derating curve: model drr 20a, 40 a note 1 . do not use the redundancy module in areas outside the shaded portion as shown in the above graph, internal parts may occasionally deteriorate or be damaged. 2 . for the power derating refer above graph ambient temperature > 50c, the output capacity has to be reduced by 2.5% per degree celsius increase in temperature. if the output capacity is not reduced when amb > 50c, some device will run into thermal stress problem, the oring diodes will get too hot. 3 . if the redundancy module has to be mounted in any other direction please contact your service provider. 4 . in order for the device to function in the manner intended, it is also necessary to observe lateral spacing of 2 0m m . to other modules. 5 . depending on the ambient temperature and load of the device, the temperature of the housing can become very high!
cliq ii redundancy module 20a 40a www.deltapsu .com 5 parallel operation when 2 power supplies are connected in parallel, they can share the load if the following steps are taken. step1. measure th e output voltages at no load from anode1 to ground i.e. voltage anode1 to ground of psu1 and voltage anode2 to ground of psu2. if the voltages are not the same, follow step 2. if they are the same, skip to step 3. step2. . adjust the output voltages, with the help of vr on the po wer supply front panel market as adjust, to the same level. for e.g. if psu1 is measuring 24.15vdc and psu2 is measuring 24.25vdc, adjust the output voltage of one to be the same as the other step3. connect the power supply to the end system load and meas ure the output voltages from a1 to ground i.e. voltage anode 1 to ground of psu1 and voltage anode 2 to ground of psu2. ensure that the output voltages are the same even after the 2 power supplies are connected to load. if not, adjust them with the vr avai lable on the front panel. a tolerance of +/ - 25mv would be acceptable. note 1 ) if the output voltage of any power supply is higher, it will take the initial load and share the maximum load. 2 ) if the output voltages are the same, then an equal load current sharing between the 2 power supplies can be achieved. 3 ) the oring diode must be of an appropriate rating. the rating must be at least 4 times of the output load current and at least reverse voltage rating of 20vrr. 4 ) the use of a heat sink is advised to ensure the oring diode does not overheat. 5 ) recommended redundancy module: drr - 20a redundancy operation with drp 20a - (40a)
cliq ii redundancy module 20a 40a www.deltapsu .com 6 redundancy module drr - 20a drr - 40a 1.) input data nominal input voltage 24 - 48vdc voltage range 22 - 60vdc nominal current 20a max 40a max input voltage alarm / relay contacts 24v system: both vin1 & vin2 >18v +/ - 5% or <30v max. relay contacts 48v system: both vin1 & vin2 >36v +/ - 5% or <60v max. relay contacts note: the led will turn on when the vin1 & vin2 > 18v +/ - 5% (for 24v system) or > 36v +/ - 5% (for 48v system) and not more than 30v (for 24v system) or not more than 60v (for 48v system), the relay contacts will be closed. if vin1 & vin2 is un der or over this range, the led will be turn off. 2.) output data nominal output voltage u n / tolerance vin - 0.65v (typ) nominal current 20a max / 40a max derating above +50 c > 50c (2.5% / k.) short circuit / over load limit (<25a for drr - 20a) (<50a for drr - 40a) note: the overload condition must be controlled by the psus in parallel; the limit of input current would not more than 25a ( for 20a module) or not more than 50a (for 60a module). efficiency > 97% typical. 3.) certification / standards electrical equipment of machines iec60204 - 1 (over voltage category iii) electrical safety (information technology equipment) ur/cur recognized to ul60950 - 1, siq bg to en60950 - 1, cb test certificate and report to iec60950 - 1 and ce. industrial control equipment ul/cul recognize to ul508 electronic equipment for use in electrical power installations en50178 / iec62103 safety entry low voltage pelv (en60204), selv (en60950) rohs compliant yes, rohs directive, weee directive protection against electric shock din 57100 - 410 4.) general data isolation voltage: input / pe type test/routine test: output / pe type test/routine test: 1.5 kvac / 1.5 kvac 1.5 kvac / 1.5 kvac degree of protection ip20 class of protection class ii with pe connection mtbf > 800,000hrs. as per bell core std or iec61709 type of housing aluminium (al1100f) dimensions (w / h / d) + mounting rail 121 mm x 50 mm x 122.1 mm (l x w x h) weight 0.375kg 0.515kg led (dc input ok) vin1 ok and vin2 ok (green led) 5.) climatic data ambient temperature (operating) ambient temperature (storage) - 40c to 80c (> 50c derating) - 40c to 85c humidity at+25 c, no condensation < 95% rh vibration (non - operating) 10hz to 500hz @ 30 m/s2 (3g peak); displacement of 0.35mm; 60min per axis for all x, y, z direction. refer to iec 60068 - 2 - 6. note: all figures quoted are amplitudes (peak values) shock (in all directions) iec60068 - 2 - 27, 30g (300m/s2) for duration 18ms 1 shock in 2 directions tested with fixture with eut mounted on dinrail in vertical and horizontal position. pollution degree 2 according to en50178 climatic class 3k3 according to en 60721 conformance with emc guideline 2004/108/ec and for low voltage guideline 2006/95/ec : drr - 20a (eoe21010284) drr - 40a(eoe21010285) emc (electromagnetic compatibility) immunity to interference : according to en 61000 - 6 - 2 ce (emc and low voltage directive) ? en 61000 - 4 - 2 1) discharge of static electricity (esd) housing: contact discharge: air discharge: level 4 8 kv 15 kv ? en 61000 - 4 - 3 1) radiate field immunity housing: frequency/field intensity: level 3 80mhz - 1ghz / 10v/m with 1khz tone / 80% modulation ? en 61000 - 4 - 8 2) power frequency magnetic fields input: current: level 3 10a/meter en55011 corresponds to cispr11 / en55022 corresponds to cispr22 / em 61000 corresponds to iec 1000 1) criterion a: normal operating behavior within the defined limits. 2) criterion b: temporary impairment to operational behavior that is corrected by the device itself. 3) symmetrical: conductor to conductor. 4) asymmetrical: conductor to ground. 5) class b: area of application industry and residential.


▲Up To Search▲   

 
Price & Availability of DRR-20A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X