Part Number Hot Search : 
STB15N25 JS28F128 2SA133 50N60 CPH3338 12N10 54FCT S7142
Product Description
Full Text Search
 

To Download CSE2450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cs series ? ratings from 10a to 90a @ 24-280 v ac ? 3-32 v dc input range ? low off-state leakage current (snubberless) ? scr output for heavy industrial loads ? zero-crossing (resistive loads) or random-fire (inductive loads) output product selection control voltage 10a 25a 50a 75a 90a 3.5-15 vdc csd2410 csd2425 csd2450 csd2475 csd2490 15-32 vdc cse2410 cse2425 CSE2450 cse2475 cse2490 available options output specifications (1) description 10a 25a 50a 75a 90a operating voltage (47-440hz) [vrms] 24-280 24-280 24-280 24-280 24-280 transient overvoltage [vpk] 600 600 600 600 600 maximum off-state leakage current @ rated voltage [marms] 1.0 1.0 1.0 1.0 1.0 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 500 500 500 maximum load current (3) [arms] 10 25 50 75 90 minimum load current [arms] 0.15 0.15 0.15 0.25 0.25 maximum 1 cycle surge current (50/60) [apk] 115/120 239/250 597/625 954/1000 1145/1200 maximum on-state voltage drop @ rated current [vpk] 1.6 1.6 1.6 1.6 1.6 thermal resistance juncti on to case (rjc) [c/w] 1.48 1.02 0.63 0.31 0.28 maximum i2 t for fusing 50/60hz (1/2 cycle) [a2 sec] 66/60 285/259 1779/1621 4555/4150 6560/5976 minimum power factor (with maximum load) 0.5 0.5 0.5 0.5 0.5
input specifications (1) description prefix csd prefix cse control voltage range 3.5-15 vdc 15-32 vdc minimum turn-on voltage 3.5 vdc 15.0 vdc minimum turn-off voltage 1.0 vdc 1.0 vdc typical input current 15 ma @ 5 v 7 ma @15 v nominal input impedance 300 ohm 2k ohm maximum turn-on time [msec] (4) 1/2 cycle 1/2 cycle maximum turn-off time [msec] 1/2 cycle 1/2 cycle general specifications description parameters dielectric strength, input/output/base (50/60hz) 4000 vrms minimum insulation resistance (@ 500 v dc) 10 9 ohm maximum capacitance, input/output 10 pf ambient operating temperature range -40 to 80 c ambient storage temperature range -40 to 125 c weight (typical) 3.0 oz (86.5 g) encapsulation thermally conductive epoxy terminals srews and saddle clamps furnished, unmounted recommended terminal screw torque range: 6-32 screws-10 in/lbs. 8-32 & 10-32 screws - 20 in. lbs. (screws dry without grease) fastons: single pair (up to 25a) double pair* (up to 50a). *caution: user must connect to both pairs general notes 1) all parameters at 25c unless otherwise specified. 2) off-state dv/dt test method per eia/narm standard rs-443, paragraph 13.11.1 3) heat sinking required, for derating curves see page 2. 4) turn-on time for random turn-on version (-10 suffix) is 0.1ms
mechanical specifications thermal derate information agency approvals e116949 lr81689 10143 ug rev. 113011

annex - enviromental information


▲Up To Search▲   

 
Price & Availability of CSE2450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X