Part Number Hot Search : 
THC956 TWN6201 LT147A ASI10516 MC79M00 FPL37PT HS247200 F102R4
Product Description
Full Text Search
 

To Download CPCI-3970Q715QM8G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3u cpci blades http://www.adlinktech.com/cpci/ cpci-3970 series specifcations processor & system cpu fc-bga intel ? core? i7-2715qe processor 2.1ghz (turbo boost to 3.0ghz), 6mb llc cache, 45w tdp fc-bga intel ? core? i7-2655le processor 2.2ghz (turbo boost to 2.9ghz), 4mb llc cache, 25w tdp fc-bga intel ? core? i7-2610ue processor 1.5ghz (turbo boost to 2.4ghz), 4mb llc cache, 17w tdp supports intel ? hyper-threading and turbo boost technology chipset intel ? qm67 pch memory dual channel ddr3-1067/1333 sdram with ecc via two sodimm sockets, up to 16gb capacity (dependent on availability of memory modules) bios ami ? efi bios, 64mbit spi fash memory compactpci bus pci 32-bit/33 mhz, 3.3v or 5v universal v(i/o) supports operation in system slot as master or in peripheral slot as stand-alone blade without connectivity to compactpci bus (satellite mode) picmg standards picmg 2.0 compactpci r3.0 picmg 2.1 hot swap r2.0 picmg 2.9 system management r1.0 connectivity pmc/xmc one optional pci 32-bit/66 mhz pmc site or pci-express x1 xmc site on 2nd or 3rd layer ethernet four pcie intel ? 82574l gigabit ethernet controllers on sbc for four 10/100/1000base-t ports on front panel rtm cpci-r3p00: two gbe on i/o panel switched from sbc rtm cpci-r3p00t: two gbe on i/o panel from onboard intel ? 82580db gbe controller graphics integrated in intel ? processor, 3d engine db-15 vga port on front panel, switchable to rear, supports up to qxga 2048x1536 pixels @75hz, 32-bits two displayports on front panel, support up to 25601600 pixels @60hz; dvi, vga and hdmi interfaces available by adapter cable (cpci-3970g only) dual independent display serial port up to four serial ports one rs-232/422/485 port on front panel one rs-232/422/485 10-pin header on db-3970l2 two serial ports on rear panel: one with tx, rx signal only, one converted from usb port supporting rs-232/422/485 ps/2 front panel ps/2 keyboard mouse port (8/12 hp version only) usb up to four usb 2.0 front panel ports three usb ports to rear, two on rtm panel audio line-in and line-out ports on front panel (cpci-3970d only) storage sbc one sata 6 gb/s direct connector for 2.5 onboard hdd (8hp & 12hp version only) compactflash socket optional cfast socket (site shared with cf adapter board) rtm three 7-pin sata signal connectors supports sata raid 0/1/5/10 operat ing system os microsoft windows ? xp professional microsoft windows ? 7, 64bit version red hat enterprise linux 6 32/64-bit fedora? 14 wind river vxworks 6.8, 6.9 (please contact adlink for other os support) miscellaneous led power (green/red), wdt (amber), hdd (blue), overheat (red) battery coin cell lithium battery onboard for rtc cmos ram watchdog timer system reset and nmi, with programmable interval, 1-65535 sec or 1-65535 minutes hardware monitor monitors cpu temperature, system temperature, and dc voltages by ipmi tpm infneon slb 9635 tt1.2 (optional, support upon request) mechanical & environmental form factor 3u 4hp/8hp/12hp compactpci 100mm x 160mm (lxw) operating temperature 0c to 60c -20c to 70c extended temperature (cpci-et3970, cpus with tdp 25w or lower) -40c to 80c extreme extended temperature (cpci-ex3970, core i7-2610ue only) storage temperature -40c to 85c rel. humidity 95% non-condensing shock 20g peak-to-peak, 11ms duration, non-operating vibration 2 grms random vibration, 5-500hz, each axis, operating power consumption core i7-2655le, 4gb ddr3-1333 sodimm under windows xp with 100% cpu loading: 0.71a@3.3v, 6.97a@5v, total 37.2w weight net weight 389g with heatsink certifcations ce/ fcc 3u compactpci ? 2nd generation intel ? core? i7 processor with ecc features 2nd generation intel ? core? i7 quad/dual-core processor supports ddr3-1333 sdram with ecc via sodimm, up to 16gb supports ipmi for system health monitoring displayport, vga, dvi, hdmi graphics interfaces supports system/peripheral slot operation cpci-3970d cpci-3970g cpci-3970 vga vga audio kb/ms lan lan usb com com dp usb usb compactpci r 4 4-5
gbe usb 2.0 com vga dp dvi ps/2 kb/ms sata cf cfast line-in line-out pmc/ xmc cpci-3970 (4hp) faceplate 2 2 1 onboard 1 optional (3) cpci-3970d (8hp) faceplate 2 4 1 1 1 1 1 onboard 1 (for 2.5 hdd) 1 optional (3) cpci-3970g (8hp) faceplate 2 3 1 (rj-45) 1 2 1 onboard 1 (10-pin) 1 (for 2.5 hdd) 1 optional (3) cpci-3970l (8hp) faceplate 4 4 1 1 onboard 1 (for 2.5 hdd) 1 optional (3) cpci-3970m (8hp) faceplate 2 4 (4) 2 (4) 1 2 (4) 1 (4) 1 (4) 1 (4) onboard cpci-3970p (12hp) faceplate 2 4 1 1 1 1 1 onboard 1 (for 2.5 hdd) 1 optional (3) 1 cpci-3970u (12hp) faceplate 2 3 1 (rj-45) 1 2 1 onboard 1 (10-pin) 1 (for 2.5 hdd) optional (3) 1 cpci-r3p00 (t) faceplate 2 (1) 2 2 1 (2) onboard 3 (7-pin) i/o table ordering information model number description/confguration processor blades cpci-3970d/655l/m4g 2-slot (8hp) 3u compactpci ? blade with intel ? i7-2655le processor and 2x 2gb ddr3-1333, 2x gbe, vga, 4x usb, audio, kb/ms, com, sata, cf cpci-3970d/610u/m4g 2-slot (8hp) 3u compactpci ? blade with intel ? i7-2610ue processor and 2x 2gb ddr3-1333, 2x gbe, vga, 4x usb, audio, kb/ms, com, sata, cf cpci-3970g/610u/m4g 2-slot (8hp) 3u compactpci ? blade with intel ? i7-2610ue processor and 2x 2gb ddr3-1333, 2x gbe, vga, 4x usb, kb/ms, com, 2x dp, sata, cf (one dp to dvi cable is included) cpci-3970q/715q/m8g 2-slot (8hp) 3u compactpci ? blade with intel ? i7-2715qe processor and 2x 4gb ddr3-1333, 2x gbe, vga, 2x usb, cf cpci-3970p/655l/m4g 3-slot (12hp) 3u compactpci ? blade with intel ? i7-2655le processor and 2x 2gb ddr3-1333, 2x gbe, vga, 4x usb, audio, kb/ms, com, sata, cf, pmc/xmc cpci-et3970d/610u/m4g -20c to +70c extended temperature cpci-3970d/610u/m4g (no tpm) cpci-ex3970g/610u/m4g -40c to +80c extreme extended temperature cpci-3970d/610u/m4g (no tpm) cpci-3970m/610u/m8g 2-slot (8hp) 3u compactpci ? blade with intel ? i7-2610ue processor and 2x 4gb ddr3-1333, 2x gbe, vga, 2x usb, sata, cf; additional high density 100-pin connector with line-in/line-out, 2x dvi, 2x type a usb, ps/2 kb/ms, 2x db-9 com rear transition modules cpci-r3p00 8 hp rear i/o module for cpci-3970 with gbe x2,com x2, usb x2, sata x3, vga, 50mm depth cpci-r3p00t 8 hp rear i/o module for cpci-3970 with gbe x2,com x2, usb x2, sata x3, vga, 80mm depth accessories db-3cfast cfast socket adapter board dp-dvi cable* displayport to dvi adapter cable dp-vga cable displayport to vga adapter cable dp-hdmi cable displayport to hdmi adapter cable contact us for different cpu, memory, hdd and cfast combinations. *one dp-dvi cable is included with the cpci-3970g. (1) switched from front ports for cpci-r3p00, independent ports for cpci-r3p00t (2) switched from front port (3) available by replacing cf socket adapter board with cfast socket adapter board (db-3cfast) (4) two usb type a connectors, two com rs-232/422/485, two dvi-d, two ps/2 kb/ms, line-in/line-out are integrated in 100-pin high density connector on layer two daughter board. lan sata usb com vga cpci-r3p00(t) 4-6 7 2 1 3 4 5 6 9 8 6u cpci blades 6u cpci platforms 3u cpci blades ssds ipc accessories 3u cpci platforms embedded computing systems advancedtca industrial computers


▲Up To Search▲   

 
Price & Availability of CPCI-3970Q715QM8G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X