Part Number Hot Search : 
L6562 L6278 SF15L ST723244 BT878 L1431 L6278 AM79C901
Product Description
Full Text Search
 

To Download CM1000DXL-24S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual igbt nx-series module 1000 amperes/1200 volts CM1000DXL-24S 1 05/13 rev. 6 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com description: powerex igbt modules are designed for use in switching applications. each module consists of two igbt transistors in a half-bridge configuration with each transistor having a reverse- connected super-fast recovery free-wheel diode. all components and interconnects are isolated from the heat sinking baseplate, offering simplified system assembly and thermal management. features: lo w drive power lo w v ce(sat) discrete super-fast recovery free-wheel diode isolat ed baseplate for easy heat sinking applications: a c motor control motion/ser vo control phot ovoltaic/fuel cell ordering information: example: select the complete module number you desire from the table below -i.e. CM1000DXL-24S is a 1200v (v ces ), 1000 ampere dual igbt power module. type current rating v ces amperes v olts (x 50) cm 1 000 24 outline drawing and circuit diagram di mensions inches millimeters a 5.98 152.0 b 5.39 137.0 c 4.79 121.7 d 4.61 117.2 e 4.330.02 110.00.5 f 3.72 94.5 g 0.6 1 5.14 h 0.26 6.5 j 0.53 13.5 k 0.14 3.6 l 0.3 7 .75 m 0.016 4.05 n 1.53 39.0 p 0.86 22.0 q 1.95 49.72 r 1.62 41 .22 s 0.83 21 .14 t 0.23 6.0 u 0.47 1 2.0 v 0.41 1 0.53 w m6 metric m6 x 0.22 dia. 5.5 dia. y 0.75 1 9.24 dimensions inches millimeters z 0.86 22.0 aa 1.08 27 .53 ab 0.14 3.5 ac 0.51 1 3.0 ad 0.19 3.0 ae 0.42 1 0.74 af 0.67+0.04/-0.02 17.0+1.0/-0.5 ag 0.81 20.5 ah 0.29 7 .4 aj 0.05 1 .2 ak 0.02 0.65 al 0.04 1 .15 am 0.15 3.81 an 0.5 1 2.5 ap 0.12 3.0 aq 0.088 dia. 2.25 dia. ar 0.102 dia. 2.6 dia. as 0.16 dia. 4.3 dia. at 0.67 1 6.9 au 0.6 1 5.24 av 0.75 1 9.05 aw 0.27 7 .0 di1d i2 tr 1t r2 es 1 (62) g1 (61) th2 (57) th1 (56) th cs1 (52) es 2 (47) g2 (46) cs2 (42) c1(1) c1(2) e2(3) e2(4) c2e1 (32) c2e1 (33) ntc detail "b" a b c d e f g j k l l k y aafed z z ac h ab ad aw ac af ag u t p qr nc s m ah aj an as ar aq ap am al ak detail "b" detail "a" w(6 places) x(4 places) detail "a" 1 2 3 4 5678 91 01 11 21 31 41 51 61 71 81 92 02 12 22 32 42 52 62 7 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 28 29 30 31 32 33 37 38 39 34 35 36 40 at ae v au au av au am am am h the to lerance of si ze betw een te rm inals is assumed to 0.4 division of dimension to leranc e 0.5 to 3 0.2 ov er 3 to 6 0.3 ov er 6 to 30 0.5 ov er 30 to 1 20 0.8 ov er 120 to 400 1.2 to lerance otherwise specif ied (mm)
CM1000DXL-24S dual igbt nx-series module 1000 amperes/1200 volts 2 05/13 rev. 6 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com absolute maximum ratings, t j = 25c unless otherwise specifed inverter part igbt/fwdi characteristics symbol rating units collector-emitter voltage (v ge = 0v) v ces 1200 v olts gate-emitter voltage (v ce = 0v) v ges 20 v olts collector current (dc, t c = 124c) *2,*4 i c 900* amperes collector current (pulse) *3 i crm 2000 amper es total power dissipation (t c = 25c) *2,*4 p tot 7500 watts emitter current (t c = 25c) *2 i e *1 900* amperes emitter current (pulse) *3 i erm *1 2000 amper es *limited by power terminals. module characteristics symbol rating units isolation voltage (terminals to baseplate, rms, f = 60hz, ac 1 minute) v iso 2500 v olts maximum junction temperature, instantaneous event (overload) t j(max) 175 c maximum case temperature *4 t c(max) 125 c operating junction temperature, continuous operation (under switching) t j(op) -40 t o +150 c storage temperature t stg -40 t o +125 c *1 r epresent ratings and characteristics of the anti-parallel, emitter-to-collector free wheeling diode (fwdi). *2 c ase temperature (t c ) and heatsink temperature (t s ) is measured on the surface (mounting side) of the baseplat e and the heatsink side just under the chips. r efer to the figure to the right for chip location. the heatsink ther mal resistance should be measured just under the chips. *3 p ulse width and repetition rate should be such that device junction temperature (t j ) does not e xceed t j(max) rating. *4 junction temperature (t j ) should not increase beyond maximum junction t emperature (t j(max) ) rating. 0 20.9 32.6 46.0 72.6 73.6 86.0 87.0 0 26.4 40.0 72.2 73.2 86.8 85.8 0 27.2 57.6 42.2 81.8 83.8 98.6 94.0 53.2 38.0 79.2 23.0 0 label side tr1 / tr2: igbt, di1 / di2: fwdi, th: ntc thermistor each mark points to the center position of each chip. di2 th tr 2 di2 tr 2 di1 tr 1 di1 tr 1 di1 tr 1 di2 tr 2 di1 tr 1 di1 tr 1 di2 tr 2 di2 tr 2
CM1000DXL-24S dual igbt nx-series module 1000 amperes/1200 volts 3 05/13 rev. 6 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com electrical characteristics, t j = 25c unless otherwise specifed inverter part igbt/fwdi characteristics symbol test conditions min. typ. max. units collector-emitter cutoff current i ces v ce = v ces , v ge = 0v 1.0 ma gate-emitter leakage current i ges v ge = v ges , v ce = 0v 0.5 a gate-emitter threshold voltage v ge(th) i c = 100ma, v ce = 10v 5.4 6.0 6.6 volts collector-emitter saturation voltage v ce(sat) i c = 1000a, v ge = 15v, t j = 25c *5 1.85 2.30 volts (t erminal) i c = 1000a, v ge = 15v, t j = 125c *5 2.05 volts i c = 1000a, v ge = 15v, t j = 150c *5 2.1 0 volts collector-emitter saturation voltage v ce(sat) i c = 1000a, v ge = 15v, t j = 25c *5 1.70 2.15 volts (chip) i c = 1000a, v ge = 15v, t j = 125c *5 1.90 volts i c = 1000a, v ge = 15v, t j = 150c *5 1.95 volts input capacitance c ies 100 nf output capacitance c oes v ce = 10v, v ge = 0v 20 nf reverse transfer capacitance c res 1.7 nf gate charge q g v cc = 600v, i c = 1000a, v ge = 15v 2300 nc turn-on delay time t d(on) 800 ns rise time t r v cc = 600v, i c = 1000a, v ge = 15v, 200 ns turn-off delay time t d(off) r g = 0?, inductive load 600 ns fall time t f 300 ns emitter-collector voltage v ec *1 i e = 1000a, v ge = 0v, t j = 25c *5 1.85 2.30 volts (t erminal) i e = 1000a, v ge = 0v, t j = 125c *5 1.85 volts i e = 1000a, v ge = 0v, t j = 150c *5 1.85 volts emitter-collector voltage v ec *1 i e = 1000a, v ge = 0v, t j = 25c *5 1.70 2.15 volts (chip) i e = 1000a, v ge = 0v, t j = 125c *5 1.70 volts i e = 1000a, v ge = 0v, t j = 150c *5 1.70 volts reverse recovery time t rr *1 v cc = 1000v, i e = 600a, v ge = 15v 300 ns reverse recovery charge q rr *1 r g = 0?, inductive load 53.3 c turn-on switching energy per pulse e on v cc = 600v, i c = i e = 1000a, v ge = 15v 45.6 mj turn-off switching energy per pulse e off r g = 0?, t j = 150c 97.1 mj reverse recovery energy per pulse e rr *1 inductive load 96.7 mj internal lead resistance r cc' + ee' main terminals-chip, 0.5 m? p er switch,t c = 25c *2 internal gate resistance r g per switch 2.0 ? *1 r epresent ratings and characteristics of the anti-parallel, emitter-to-collector free wheeling diode (fwdi). *2 c ase temperature (t c ) and heatsink temperature (t s ) is measured on the surface (mounting side) of the baseplat e and the heatsink side just under the chips. r efer to the figure to the right for chip location. the heatsink ther mal resistance should be measured just under the chips. *5 p ulse width and repetition rate should be such as to cause negligible temperature rise. 0 20.9 32.6 46.0 72.6 73.6 86.0 87.0 0 26.4 40.0 72.2 73.2 86.8 85.8 0 27.2 57.6 42.2 81.8 83.8 98.6 94.0 53.2 38.0 79.2 23.0 0 label side tr1 / tr2: igbt, di1 / di2: fwdi, th: ntc thermistor each mark points to the center position of each chip. di2 th tr 2 di2 tr 2 di1 tr 1 di1 tr 1 di1 tr 1 di2 tr 2 di1 tr 1 di1 tr 1 di2 tr 2 di2 tr 2
CM1000DXL-24S dual igbt nx-series module 1000 amperes/1200 volts 4 05/13 rev. 6 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com electrical characteristics, t j = 25c unless otherwise specifed (continued) ntc thermistor part characteristics symbol test conditions min. typ. max. units zero power resistance r 25 t c = 25c *2 4.85 5.00 5.15 k? deviation of resistance ? r/r t c = 100c *2 , r 100 = 493? -7.3 +7.8 % b constant b (25/50) approximate by equation *6 3375 k power dissipation p 25 t c = 25c *2 10 mw thermal resistance characteristics thermal resistance, junction to case *2 r th(j-c) q per inverter igbt 20 k/kw thermal resistance, junction to case *2 r th(j-c) d per inverter fwdi 38 k/kw contact thermal resistance, r th(c-f) thermal grease applied, 7 k/kw case to heatsink *2 per 1 module *7 mechanical characteristics mounting torque m t main terminals, m6 screw 31 35 40 in-lb mounting torque m s mounting to heatsink, m5 screw 22 27 31 in-lb creepage distance d s terminal to terminal 13.2 mm terminal to baseplate 15.3 mm clearance d a terminal to terminal 13.2 mm terminal to baseplate 14.8 mm weight m 690 grams flatness of baseplate e c on centerline x, y *8 0 100 m recommended operating conditons, t a = 25c dc supply voltage v cc applied across c1-e2 terminals 600 850 volts gate-emitter drive voltage v ge(on) applied across 13.5 15.0 16.5 volts g1 -es1/g2-es2 terminals external gate resistance r g per switch 0 5.1 ? *2 c ase temperature (t c ) and heatsink temperature (t s ) is measured on the surface (mounting side) of the baseplat e and the heatsink side just under the chips. r efer to the figure to the right for chip location. the heatsink ther mal resistance should be measured just under the chips. *6 b (25/50) = in( r 25 )/( 1 C 1 ) r 50 t 25 t 50 r 25 ; resistance at absolute temperature t 25 [k]; t 25 = 25 [c] + 273.15 = 298.15 [k] r 50 ; resistance at absolute temperature t 50 [k]; t 50 = 50 [c] + 273.15 = 323.15 [k] *7 t ypical value is measured by using thermally conductive grease of = 0.9 [w/(m ? k)]. *8 baseplat e (mounting side) flatness measurement points (x, y) are shown in the figure below. ? : concave + : convex ? : concave x y + : convex mounting side label side mounting side 0 20.9 32.6 46.0 72.6 73.6 86.0 87.0 0 26.4 40.0 72.2 73.2 86.8 85.8 0 27.2 57.6 42.2 81.8 83.8 98.6 94.0 53.2 38.0 79.2 23.0 0 label side tr1 / tr2: igbt, di1 / di2: fwdi, th: ntc thermistor each mark points to the center position of each chip. di2 th tr 2 di2 tr 2 di1 tr 1 di1 tr 1 di1 tr 1 di2 tr 2 di1 tr 1 di1 tr 1 di2 tr 2 di2 tr 2
CM1000DXL-24S dual igbt nx-series module 1000 amperes/1200 volts 5 05/13 rev. 6 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com gate-emitter voltage, v ge , (volts) collector-emitter saturation voltage characteristics (typical) 10 6 8 10 1412 16 18 20 8 6 4 2 0 t j = 25c i c = 2000a i c = 1000a i c = 400a collector-emitter voltage, v ce , (volts) output characteristics (typical) 0 2 4 6 8 10 0 v ge = 20v 10 11 12 13.5 9 t j = 25 c 2000 400 800 1200 1600 collector-current, i c , (amperes) collector-emitter saturation voltage characteristics (typical) 3.5 3.0 0 2.0 2.5 1.0 1.5 0.5 0 2000 1600 1200 800 400 15 v ge = 15v t j = 25c t j = 125c t j = 150c 0 0.5 1.0 1.5 2.0 2.5 3.0 10 1 emitter-collector voltage, v ec , (volts) free-wheel diode forward characteristics (typical) 10 2 10 4 10 3 v ge = 15v t j = 25c t j = 125c t j = 150c emitter current, i e , (amperes) collector-emitter saturation voltage, v ce(sat) , (volts) collector current, i c , (amperes) collector-emitter saturation voltage, v ce(sat) , (volts )
CM1000DXL-24S dual igbt nx-series module 1000 amperes/1200 volts 6 05/13 rev. 6 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com collector-emitter voltage, v ce , (volts) capacitance vs. v ce (typical) 10 0 10 2 10 3 10 2 10 1 10 -1 10 0 10 1 v ge = 0v c ies c oes c res 10 -1 collector current, i c , (amperes) 10 3 10 1 10 2 10 1 10 2 half-bridge switching characteristics (typical) t d(off) t d(on) t r v cc = 600v v ge = 15v r g = 0 t j = 125c inductive load t f 10 3 collector current, i c , (amperes) 10 3 10 1 10 2 10 2 10 1 half-bridge switching characteristics (typical) t d(off) t d(on) t r v cc = 600v v ge = 15v r g = 0 t j = 150c inductive load t f 10 3 external gate resistance, r g , () 10 3 10 -1 10 0 10 1 10 1 10 2 switching time vs. gate resistance (typical) t d(off) t d(on) t r v cc = 600v v ge = 15v i c = 1000a t j = 125c inductive load t f 10 2 10 4 10 2 10 3 switching time, t d(on) , (ns) capacitance, c ies , c oes , c res , (nf) switching time, (ns) switching time, (ns) switching time, t r , t f , t d(off) , (ns)
CM1000DXL-24S dual igbt nx-series module 1000 amperes/1200 volts 7 05/13 rev. 6 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com external gate resistance, r g , () 10 3 10 -1 10 0 10 1 10 1 switching time vs. gate resistance (typical) t d(off) t d(on) t r v cc = 600v v ge = 15v i c = 1000a t j = 150c inductive load t f 10 2 10 4 10 2 10 3 gate charge, q g , (nc) gate charge vs. v ge 20 0 16 12 8 4 0 500 1000 1500 2000 2500 35003000 i c = 1000a v cc = 600v emitter current, i e , (amperes) reverse recovery characteristics (typical) 10 3 10 1 10 2 10 2 10 1 10 3 v cc = 600v v ge = 15v r g = 0 t j = 125c inductive load i rr t rr emitter current, i e , (amperes) reverse recovery characteristics (typical) 10 3 10 1 10 2 10 2 10 1 10 3 v cc = 600v v ge = 15v r g = 0 t j = 150c inductive load i rr t rr switching time, t r , t f , t d(off) , (ns) gate-emitter voltage, v ge , (volts) reverse recovery, i rr (a), t rr (ns) reverse recovery, i rr (a), t rr (ns) switching time, t d(on) , (ns)
CM1000DXL-24S dual igbt nx-series module 1000 amperes/1200 volts 8 05/13 rev. 6 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com gate resistance, r g , (?) 10 3 10 2 10 -1 10 0 10 1 10 1 10 0 10 4 10 3 10 2 10 1 10 3 10 2 10 1 10 0 10 4 10 3 10 2 10 1 10 2 half-bridge switching characteristics (typical) v cc = 600v v ge = 15v r g = 0 t j = 125c v cc = 600v v ge = 15v r g = 0 t j = 150c v cc = 600v v ge = 15v i c /i e = 1000a t j = 125c collector current, i c , (amperes) emitter current, i e , (amperes) 10 2 10 1 10 1 10 2 10 0 10 3 half-bridge switching characteristics (typical) collector current, i c , (amperes) emitter current, i e , (amperes) 10 2 10 1 10 1 10 2 10 0 10 3 half-bridge switching characteristics (typical) e on e off e rr e on e off e rr e on e off e rr gate resistance, r g , (?) 10 -1 10 0 10 1 10 2 half-bridge switching characteristics (typical) v cc = 600v v ge = 15v i c /i e = 1000a t j = 150c e on e off e rr switching energy, e on , e off , (mj) reverse recovery energy, e rr , (mj) switching energy, e on , e off , (mj) reverse recovery energy, e rr , (mj) switching energy, e on , e off , (mj) switching energy, e on , e off , (mj) reverse recovery energy, e rr , (mj) reverse recovery energy, e rr , (mj)
CM1000DXL-24S dual igbt nx-series module 1000 amperes/1200 volts 9 05/13 rev. 6 powerex, inc., 173 pavilion lane, youngwood, pennsylvania 15697 (724) 925-7272 www.pwrx.com time, (s) transient thermal impedance characteristics (maximum) 10 0 10 -1 10 -2 10 -3 10 -5 10 -3 10 -4 10 -2 10 -1 10 0 10 1 single pulse t c = 25c per unit base = r th(j-c) = 20k/kw (igbt) r th(j-c) = 38k/kw (fwdi) z th = r th ? (normalized value) normalized transient thermal impedance, z th(j-c')


▲Up To Search▲   

 
Price & Availability of CM1000DXL-24S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X