Part Number Hot Search : 
2SD2678 WSD751D TPB130RL TGH47A TB0614A 2SD2678 SB380 700ETT
Product Description
Full Text Search
 

To Download CGRB303 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  glass passivated type reverse v oltage: 50 - 1000 volts forward current: 3.0 amp cgrb301 thru cgrb307 features ideal for surface mount applications easy pick and place plastic package has underwriters lab. flammability classification 94v-0 built-in strain relief high surge current capability mechanical data case: jedec do-214aa molded plastic t erminals: solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any approx. weight:0.093 gram smd genenal purpose rectifier smd genenal purpose rectifier www.com chip.co m.tw c o m c h ip c o m c h ip parameter max. repetitive peak reverse voltage max. dc blocking voltage max. rms v oltage peak surge forward current 8.3ms single half sine-wave superimposed on rate load ( jedec method ) max. average forward current max. instantaneous forward current at 3.0 a max. dc reverse current at rated dc blocking voltage ta=25 ta=100 max. thermal resistance (note 1) operating junction t emperature storage t emperature symbol v rrm v dc v rms i fsm i o v f i r r ja t j t stg maximum ratings and electrical characterics unit v v v a a v ua mds0301002a page 1 note 1: thermal resistance from junction to ambient. cgrb 301 cgrb 302 50 5035 1000 1000 700 600 600420 400 400280 100 100 70 100 3.0 1.1 -55 to +150 50 5 50 -55 to +150 cgrb 307 cgrb 306 cgrb 305 cgrb 304 cgrb 303 800 800560 200 200140 c/w c c c c s m b /d o -2 1 4 a a d im en si on s in in ch es a nd ( m ill im et er ) 0.0 08 (0 .20 ) 0.2 03 (0 .10 ) 0.0 83 (2. 11) 0.0 75 (1. 91 ) 0.0 96 (2. 44 ) 0.0 83 (2. 13 ) 0.0 50 (1. 27 ) 0.0 30 (0. 76 ) 0.1 55 (3. 94 ) 0.1 30 (3. 30 ) 0.1 85 (4. 70 ) 0.1 60 (4. 06 ) 0.0 12 (0. 31 ) 0.0 06 (0. 15 ) 0.2 20 (5. 59 ) 0.2 00 (5. 08 )
rating and characteristic curves (cgrb301 thru cgrb307) www.com chip.co m.tw c o m c h ip c o m c h ip mds0301002a page 2 smd genenal purpose rectifier smd genenal purpose rectifier fig. 1 - rev erse ch aract eristi cs percent of rated peak reverse v oltage (%) r e v e r s e c u r r e n t ( u a ) fig. 4 - curren t de rating curve 0 1.5 3.0 175 0 25 50 75 100 125 150 a v e r a g e f o r w a r d c u r r e n t ( a ) 0 2 0 4 0 6 0 8 0 1 0 0 1 2 0 1 4 0 0.5 1.0 2.5 2.0 p e a k s u r g e f o r w a r d c u r r e n t ( a ) fig. 5 - non re petiti ve forw ard su rge cur rent 120 100 80 60 40 20 0 1 5 10 50 1 00 number of cycles at 60hz 1 00 0 10 0 1 0 1 .0 0 .1 0. 01 fig. 3 - junc tion cap acita nce reverse voltage (v) j u n c t i o n c a p a c i t a n c e ( p f ) 0.1 1.0 10 100 1 10 100 20 single phase half wave 60hzresistive or inductive load ambient t emperature ( c) tj=25 c 8.3ms single half sine wave jedec methode tj=25 c tj=125 c tj=25 c f=1.0mhzvsig=50mvp-p f o r w a r d c u r r e n t ( a ) forw ard vol tage ( v) fig.2 - fo rward c harac terist ics 0 0 .2 0 .4 0 .6 0 .8 1 .0 1 .2 1 .4 10 1.0 0.1 0.01 tj=25 c pulse width 300us4% duty cycle 3.5


▲Up To Search▲   

 
Price & Availability of CGRB303

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X