Part Number Hot Search : 
LSWR24 IT122 04598 WP7113 250AT 08130 74279 120EC
Product Description
Full Text Search
 

To Download CAT93C86VE-GT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product overview cat93c86: 16 kb microwire serial eeprom memory for complete documentation, see the data sheet product description the cat93c86 is a 16 kb serial eeprom memory device which is configured as either registers of 16 bits (org pin at vcc) or 8 bits (org pin at gnd). each register can be written (or read) serially by using the di (or do) pin. the cat93c86 features a self- timed internal write with auto-clear. on-chip power-on reset circuit protects the internal logic against powering up in the wrong state. features ? high speed operation: 4 mhz (5 v), 2 mhz (1.8 v) ? 1.8 v (1.65 v) to 5.5 v supply voltage range ? selectable x8 or x16 memory organization ? self-timed write cycle with auto-clear ? sequential read ? hardware and software write protection ? power-up inadvertent write protection ? low power cmos technology ? program enable (pe) pin ? 1,000,000 program/erase cycles part electrical specifications product compliance status type densit y organi zation data trans missio n stand ard fcycle max (khz) tacc max ns vcc min (v) vcc max (v) istandby max (a) iact max (ma) t min (c) t max (c) packa ge type cat93c86hu4e-gt3 pb-free halide free productprev iew serial 16 kb 2k x 8 micro wire 2000 150 1.8 5.5 10 3 -40 125 udfn- 8 cat93c86hu4i-gt3 pb-free halide free productprev iew serial 16 kb 2k x 8 micro wire 2000 150 1.8 5.5 10 3 -40 85 udfn- 8 cat93c86li-g pb-free halide free active serial 16 kb 2k x 8 micro wire 2000 150 1.8 5.5 10 3 -40 85 pdip- 8 CAT93C86VE-GT3 pb-free halide free productprev iew serial 16 kb 2k x 8 micro wire 2000 150 1.8 5.5 10 3 -40 125 soic- 8 cat93c86vi-g pb-free halide free active serial 16 kb 2k x 8 micro wire 2000 150 1.8 5.5 10 3 -40 85 soic- 8 cat93c86vi-gt3 pb-free halide free active serial 16 kb 2k x 8 micro wire 2000 150 1.8 5.5 10 3 -40 85 soic- 8 cat93c86yi-g pb-free halide free productprev iew serial 16 kb 2k x 8 micro wire 2000 150 1.8 5.5 10 3 -40 85 tsso p-8 cat93c86yi-gt3 pb-free halide free productprev iew serial 16 kb 2k x 8 micro wire 2000 150 1.8 5.5 10 3 -40 85 tsso p-8 for more information please contact your local sales support at www.onsemi.com created on: 6/13/2013


▲Up To Search▲   

 
Price & Availability of CAT93C86VE-GT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X