Part Number Hot Search : 
CT244 MC35172 4STRL UPC2933 HMC441 MLX902 67DWR2 2N6078
Product Description
Full Text Search
 

To Download BAT64-04W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bat64w;BAT64-04W bat64-05w;bat64-06w features for low-loss, fast-recovery, meter protection, bias isolation and clamping applications integrated diffused guard ring low forward voltage absolute maximum ratings ta = 25 parameter symbol value unit diode reverse voltage v r 40 v forward current i f 250 ma average forward current (50/60hz, sinus) i fav 120 ma surge forward current (t 100ms) i fsm 800 ma total power dissipation bat 64w , t s 120 p tot 250 mw total power dissipation bat64-04/06w , t s 111 p tot 250 mw total power dissipation bar 64-05w , t s 104 p tot 250 mw junction temperature t j 150 storage temperature t stg -50 to+150 junction - ambient (note 1) bat 64w r thja 255 junction - ambient (note 1) bat 64-04/06w r thja 290 junction - ambient (note 1) bat 64-05w r thja 455 junction - soldering point bat 64w r thjs 120 junction - soldering point bat 64-04/06w r thjs 155 junction - soldering point bat 64-05w r thjs 185 note 1.package mounted on epoxy pcb 40mm 40mm 1.5mm / 6cm2 cu k/w k/w product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com 4008-318-123
electrical characteristics ta = 25 parameter symbol conditions min typ max unit v r =30v 2 v r =30v,t a =85 200 i f = 1 ma 320 350 i f = 10 ma 380 430 i f = 30 ma 440 520 i f = 100 ma 570 750 diode capacitance c t v r =1v,f=1mhz 4 6 pf v f mv a reverse current i r forward voltage marking type bat64w BAT64-04W bat64-05w bat64-06w marking 63s 64s 65s 66s sales@twtysemi.com 2 of 2 http://www.twtysemi.com bat64w;BAT64-04W bat64-05w;bat64-06w product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of BAT64-04W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X