Part Number Hot Search : 
MX602 FJA4313 N5232 82550080 TD308 FQB9N25 00318241 SGGP25A
Product Description
Full Text Search
 

To Download AQG12112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ aq-g asctb23e 201201-t1 ordering information types standard packing: carton 20 pcs., case 500 pcs. slim type ssr for 1a and 2a control a q-g relays type load current load voltage input voltage part no. zero-cross 1a 75 to 264 v ac 5 v dc aqg12105 12 v dc AQG12112 24 v dc aqg12124 2a 75 to 264 v ac 5 v dc aqg22105 12 v dc aqg22112 24 v dc aqg22124 random 1a 75 to 264 v ac 5 v dc aqg12205 12 v dc aqg12212 24 v dc aqg12224 2a 75 to 264 v ac 5 v dc aqg22205 12 v dc aqg22212 24 v dc aqg22224 vde rohs compliant features 1. space saving, vertical size with a maximum thickness of 4.5 mm. mounting space has been reduced to 30% (compared to conventional ssrs) while meeting high density pc board mounting requirements. 2. snubber circuit preventing malfunction 3. zero-cross type and random type av ailable 4. high dielectric strength of 3,000v ac (between input and output) 5. snubber circuit integrated the snubber circuit is integrated to prevent malfunction caused by the rapid r ise of voltage on the output side, such as inductive load and current. typical applications household appliances such as air conditioners, refrigerators and humidi?rs healthcare and medical equipment industrial machinery such as nc machines, mounters, injection molders, and robots microcomputer boards ?m usement and amenity related equipment load current 1: 1 a 2: 2 a aqg load voltage 2: 75 to 264 v ac type 1: zero-cross (3,000 v) 2: random (3,000 v) input voltage 05: 5 v dc 12: 12 v dc 24: 24 v dc
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ aq-g asctb23e 201201-t1 rating 1. ratings (ambient temperature: 20 c 68 f , input voltage ripple: 1% or less) 1) zero-cross type 2) random type notes: *1. refer to reference data ?. input current vs. input voltage characteristics? *2. refer to reference data ?. load current vs. ambient temperature? *3. refer to reference data ?. non-repetitive surge current vs. carrying time? *4. when the load current is less than the rated minimum load current, please refer to ?autions for use of ssr? 2. characteristics (ambient temperature: 20 c 68 f , input voltage ripple: 1% or less) item type part no. remarks aqg12105 AQG12112 aqg12124 aqg22105 aqg22112 aqg22124 input side input voltage 4 to 6 v dc 9.6 to 14.4 v dc 19.2 to 28.8 v dc 4 to 6 v dc 9.6 to 14.4 v dc 19.2 to 28.8 v dc * 1 input impedance approx. 0.3k ? approx. 0.8k ? approx. 1.6k ? approx. 0.3k ? approx. 0.8k ? approx. 1.6k ? drop-out voltage, min. 1 v reverse voltage 3 v load side max. load current 1 a ac* 2 2 a ac* 2 1a: ta = max. 40 c 104 f 2a: ta = max. 25 c 77 f load voltage 75 to 264 v ac frequency 45 to 65 hz non-repetitive surge current 8 a* 3 30 a* 3 in one cycle at 60 hz max. ?ff-state leakage current 1.5 ma at 60 hz at 200 v ac max. ?n-state voltage drop 1.6 v at max. carrying current min. load current 20 ma* 4 item type part no. remarks aqg12205 aqg12212 aqg12224 aqg22205 aqg22212 aqg22224 input side input voltage 4 to 6 v dc 9.6 to 14.4 v dc 19.2 to 28.8 v dc 4 to 6 v dc 9.6 to 14.4 v dc 19.2 to 28.8 v dc * 1 input impedance approx. 0.3k ? approx. 0.8k ? approx. 1.6k ? approx. 0.3k ? approx. 0.8k ? approx. 1.6k ? drop-out voltage, min. 1 v reverse voltage 3 v load side max. load current 1 a ac* 2 2 a ac* 2 1a: ta = max. 40 c 104 f 2a: ta = max. 25 c 77 f load voltage 75 to 264 v ac frequency 45 to 65 hz non-repetitive surge current 8 a* 3 30 a* 3 in one cycle at 60 hz max. ?ff-state leakage current 1.5 ma at 60 hz at 200 v ac max. ?n-state voltage drop 1.6 v at max. carrying current min. load current 20 ma* 4 item zero-cross type random type remarks operate time max. 1/2 cycle of voltage sine wave + 1 ms 1 ms release time, max. 1/2 cycle of voltage sine wave + 1 ms insulation resistance, min. 10 9 ? between input and output at 500 v dc breakdown voltage 3,000 vrms between input and output for 1 min. vibration resistance 10 to 55 hz double amplitude of 0.75 mm x, y, z axes shock resistance min. 1,000 m/s 2 x, y, z axes ambient temperature ?0 c to +80 c ?2 f to +176 f non-condensing at low temperatures storage temperature ?0 c to +100 c ?2 f to +212 f operational method zero-cross (turn-on and turn-off) random turn on, zero-cross turn off
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ aq-g asctb23e 201201-t1 reference data dimensions (mm inch ) 1. load current vs. ambient temperature 2.-(1) non-repetitive surge current vs. carrying time (1a type) 2.-(2) non-repetitive surge current vs. carrying time (2a type) 0.5 1.0 1.5 2.0 2.5 0 0-30 20 40 60 80 ambient temperature, c load current, a 1a type 2a type 0 4 2 10 8 6 110 100 no. of cycles at 60 hz non-repetitive surge current, a 0 10 5 40 30 35 25 15 20 110 100 no. of cycles at 60 hz non-repetitive surge current, a 3. input current vs. input voltage characteristics 4.-(1) load current vs. ambient temperature characteristics for adjacent mounting (1a type) 4.-(2) load current vs. ambient temperature characteristics for adjacent mounting (2a type) 5 10 15 20 25 30 10 155 0202535 30 input voltage, v input current, ma (5 v type) (12 v type) (24 v type) 1.0 1.2 0.8 0.6 0.2 0.4 0 200-30 40 60 80 ambient temperature, c =15 mm .591 inch =10 mm .394 inch =5 mm .197 inch = adjacent mounting pitch load current, a 2.0 2.5 1.5 1.0 0.5 0 200-30 40 60 80 ambient temperature, c =15 mm =10mm =5mm .591 inch .394 inch .197 inch = adjacent mounting pitch load current, a the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ 1. 1a type external dimensions general tolerance: 0.2 .008 24.5 max. 4-0.7 4-1.6 2.54 10.16 7.62 1.2 0.25 4.5 max. 13.5 max. 0.8 3.7 .965 max. 4-.028 4-.063 .100 .400 .300 .047 .010 .177 max. .531 max. .031 .146 pc board pattern (bottom view) tolerance: 0.1 .004 schematic 2.54 10.16 7.62 4-1.0 dia. 1.2 .100 .400 .300 4-.039 dia. .047 outputinput + cad data 2. 2a type external dimensions general tolerance: 0.2 .008 24.5 max. 7.6210.162.54 4-1.6 4-0.7 4.5 max. 0.25 1.2 20.5 max. 0.8 3.7 .965 max. .300.400.100 4-.063 4-.028 .177 max. .010 .047 .807 max. .031 .146 pc board pattern (bottom view) tolerance: 0.1 .004 schematic 2.54 10.16 7.62 4-1.0 dia. 1.2 .100 .400 .300 4-.039 dia. .047 outputinput + cad data
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ aq-g asctb23e 201201-t1 recommended temperature controllers 48mm 56mm 1.890inch 2.205inch 48mm 1.890inch our temperature controller is recommended for use with our solid state relays. features ?space saving requiring only a depth of 65 mm ?data collection possible through a plc using rs485 communication ?tool port is standard for easy data setting ?inverted lcd + backlight for good legibility with large characters ?excellent operability and rich optional control functions substitute part numbers *f or detailed product information about temperature controllers, please refer to our website: http://industrial.panasonic.com/ac/e/ pow er supply control output part no. 100 to 240 v ac non-contact voltage output akt4h112100
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: panasonic: ? aqg12105? AQG12112? aqg12124? aqg12205? aqg12212? aqg12224? aqg22112? aqg22124? aqg22205? aqg22212? aqg22224


▲Up To Search▲   

 
Price & Availability of AQG12112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X