Part Number Hot Search : 
SRT110 MBR40 K10101WE HRM1800 HA11244 TZS4704 SMD0705 HC12383
Product Description
Full Text Search
 

To Download A516PG-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? cf card header compactflash ? type i, surface mount 7e50 series physical electrical environmental compactflash is a registered trademark of sandisk corporation. insulation material: liquid crystal polyester (lcp) flammability: ul 94v-0 color: beige contact material: copper alloy plating underplating: 100 ? [ 2.54 m ] nickel wiping area: gold flash over 80/20 palladium nickel , lubricated (see ordering information) solder tails: gold flash (see ordering information) marking 3m logo, part number on ejector only current rating: .5 a insulation resistance: >1 10 9 at 500 v dc , >1 10 8 at 500 v dc after environmental conditioning withstanding voltage: 500 v rms at sea level temperature rating: -55 c to +85 c process rating: maximum 260 c (per j-std-020c) ts-0662-c sheet 1 of 4 ? meets cfa standards ? single row solder tails with 0.635 mm spacing ? board component clearance with 1.64 mm standoff ? ejector option for easy removal of cf card ? retainer clip option permits stability for mobile and high vibration applications ? see regulatory informa tion appendix (ria) for chemical compliance information date modified: september 13, 2007 ul file no.: e68080
3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 -a- 3m ? cf card header compactflash type i, surfac e mount 7e50 series pin type interface dim a pin no. detect 3.50 [ .138 ] 25, 26 general 4.25 [ .167 ] all other pins power 5.00 [ .197 ] 1, 13, 38 & 50 ts-0662-c sheet 2 of 4 mm [inch] mm tolerance unless noted [ ] dimensions for reference only r .3 .000 .00 .0 r .15 ordering information note: normal ( option ?7" ) style shown. for inverse style rotate polarization keys and pin call outs 180 q . n7e50-x516xx-20 plating : pg = au flash over 25 p " [0.64 p m] pdni lubricated with au flash tails pk = au flash over 20 p " [0.5 p m] pdni lubricated with au flash tails options: cf card polarization 7 = normal a = inverse 26.5 [ 1.04 ] 40.16 [ 1.581 ] 23.5 [ .93 ] 16.0 [ .63 ] 11.3 [ .44 ] 35.9 [ 1.41 ] 46.6 [ 1.83 ] 0.75 [ .030 ] 0.635 typ [ .0250 ] 43.03 r 0.06 [ 1.694 ] 1.40 r 0.05 [ .055 ] (see note ) 1.27 typ [ .050 ] 2x .89 r 0.05 [ .035 ] 2x ? 2.20 [ .087 ] 2x 4.00 [ .157 ] 1.00 [ .039 ] 1.50 [ .059 ] 19.00 [ .748 ] 2.54 [ .100 ] 1.75 [ .069 ] 2x 2.00 [ .079 ] 1.8 [ .07 ] 9.50 [ .374 ] a 11.0 [ .43 ] 4.5 [ .18 ] 2x 2.71 [ .107 ] 6.64 r 0.08 [ .261 ] .79 r 0.05 [ .031 ] (see note) ?1.50 [ .059 ] pin 1 pin 50 pin 26 pin 25 pin 13 pin 38 5.00 [ .197 ] 40.16 [ 1.58 ] 30.48 ref [ 1.200 ] pin 1 pin 50 pin 26 pin 25 pin 13 pin 38 2.00 [ .079 ] section a-a -b- a a 0.64 [ .025 ] -a- 3.50 [ .138 ] 2.5 [ .098 ] 3.50 r 0.08 [ .138 ] (ria e1 & c1 apply)
3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? cf card header compactflash ? type i, surface mount 7e50 series ts-0662-c sheet 3 of 4 31.11 0.05 [ 1.225 ] 0.635 0.030 typ [ .0250 ] 0.40 0.03 typ [ .016 ] detail a pin 26 pin 1 pin 1 pin 26 ( normal ) ( inverse ) 40.16 0.10 [ 1.581 ] 2x 3.00 0.15 [ .118 ] recommended pcb solder pad pattern the direction of inserting card 2x ?2.20 0.05 [ .087 ] ( through for m2 ) 2x ?1.70 0.03 [ .067 ] ( through for locating boss ) the end of p.c. board 2.00 0.15 [ .079 ] 46.13 0.15 [ 1.816 ] 3.50 0.05 [ .138 ] 40.16 0.05 [ 1.581 ] 2x 5.0 0.15 [ .197 ] 7.55 0.05 [ .297 ] 3.00 0.10 [ .118 ] 20.5 min [ .81 ] detail a
3 interconnect solutions http://www.3m.com/interconnects/ 3m is a trademark of 3m company. for technical, sales or ordering information call 800-225-5373 3m ? cf card header compactflash ? type i, surface mount 7e50 series ts-0662-c sheet 4 of 4 note: use of either an ejector or a reta iner clip excludes the use of the other. right button ejector 3m part d7e50-7316-03 ( order separately - see note ) 26.5 [ 1.04 ] 4.0 [ .16 ] ejecting length 52.1 [ 2.05 ] marking area centerline of header 7.0 [ .28 ] pushing length 4.0 [ .16 ] 5.5 [ .22 ] 7.0 ref [ .28 ] for sliding length 43.9 ref [ 1.73 ] 23.82 ref [ .938 ] 25.81 ref [ 1.016 ] 17.4 ref [ .69 ] 0.75 ref [ .030 ] 7.1 [ .28 ] installed height material holder: glass filled lcp button: pbt plate: stainless steel 2x 7.16 [ .282 ] cf card retainer clip 3m part 3505-34 material: 1.0mm dia, type 302 stainless steel wire per astm a-313 ( order separately - see note ) 47.0 ref [ 1.85 ] 2x 4.6 [ .18 ] 18.0 [ .71 ] 38.9 [ 1.53 ] 6.38 [ .251 ] 2x 4.42 [ .174 ] 34.8 [ 1.37 ]
regulatory information appendix 3m electronic solutions division/interconnect europe appendix e1: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec. this product is rohs compliant 2005/95/ec. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e2: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec. this product contains lead in the compliant pin area in excess of the maximum concentration value allowed but is compliant by exemption under eu commission decision 2005/747/ec. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e3: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment as amended by commission decision 2005/618/ec. this product contains lead in the solder tail area in excess of the maximum concentration value allowed . unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix e4: european union rohs directive 2002/95/ec, restriction of the use of certain hazardous substances in electrical & electronic equipment, as amended by eu commission decision 2005/618/ec. this product contains decabde in the insulating material in excess of the maximum concentration value allowed but is compliant by exemption under eu commission decision 2005/17/ec. rohs compliant 2005/95/ec means that the product or part (product) does not contain any of the substances in excess of the maximum concentration values in eu directive 2002/95/ec, as amended by commission decision 2005/618/ec, unless the substance is in an application that is exempt under eu rohs. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. ria-2217b-b
china appendix c1: china rohs electronic industry standard of the peoples republic of china, sj/t11363-2006, requirements for concentration limits for certain hazardous substances in electronic information products. this symbol, per marking for the control of pollution caused by electronic information products, sj/t11364-2006, means that the product or part does not contain any of the following substances in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the warranty stated below. appendix c2: china rohs electronic industry standard of the peoples republic of china, sj/t11363-2006, requirements for concentration limits for certain hazardous substances in electronic information products. this symbol, per marking for the control of pollution caused by electronic information products, sj/t11364-2006, means that the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. unless otherwise stated by 3m in writing, this information represents 3ms best knowledge and belief based upon information provided by third party suppliers to 3m. the numerical reference in the symbol above should not be construed as a representation regarding the products life or an extension of a product warranty. the product warranty is stated below. in the event any product is proven not to conform with 3ms regulatory information appendix, then 3ms entire liability and buyers exclusive remedy will be in accordance with the product warranty stated below. important notice ll tatement tecnical inormation and recommendation related to prodct are baed on inormation belieed to be reliable bt te accracy or completene i not aranteed. eore in ti prodct yo mt ealate it and determine i it i itable or yor intended application. o ame all ri and liability aociated it c e. ny tatement related to te prodct ic are not contained in crrent pblication or any contrary tatement contained on yor prcae order all ae no orce or eect nle eprely areed pon in ritin by an atoried ocer o . warranty; limited remedy; limited liability. i prodct ill be ree rom deect in material and manactre or a period o one year rom te time o prcae. 3m makes no other warranties including, but not limited to, any implied warranty of merchantability or fitness for a particular purpose. if this product is defectie within the warranty period stated aboe, your exclusie remedy shall be, at 3ms option, to replace or repair the 3m product or refund the purchase price of the 3m product. except where prohibited by law, 3m will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3m product, regardless of the legal theory asserted. please recycle. printed in usa. 3m . all rights resered. riabb 3 3m electronics interconnect products rier place bld. austin, t u.s.a. 33 3m is a trademar of 3m company.


▲Up To Search▲   

 
Price & Availability of A516PG-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X