Part Number Hot Search : 
BU400 AHE8I 7C1462A 284168 M27C32 C1317 PC817X LQ104V1
Product Description
Full Text Search
 

To Download 9SG5724P5H61 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  173  172 ? 0.8 162 ? 0.5 150 ? 0.8 7. 5 ? 0.4 7. 5 ? 0.4 51 ? 0.8 8-  4.5 ? 0.3 10 y 30 300 0
' zm2 s 8m2 ???
 ?;@ awg22 ul1430 55.5 ? 55 .5 ? ? 4-  4.5 55.5 162 ? 0.5  168 147 55.5 ? 8.5 4-r4.25 0  1  152 5.5  0.5  1  172  0.4  0.2  4.3  1. 6  1. 6 55.5 ?  162 71.3 ? 1 71.3 ? 1  147  specifi cations the following nos. have pwm controls and pulse sensors.  dimensions  unit : mm   172 mm  150 mm  51 mm  mass  760g   general specifi cations ~ material ???????? frame: aluminum, impeller: plastics (flammability: ul94v-1) ~ expected life ????? refer to specifi cations  l10:survival rate:90% at 60 ? , rated voltage, and continuously run in a free air state  ~ lead wire ???????  red  black sensor yellow control brown ~ storage temperature ? 30 ? to  70 ? non-condensing  25mm thick(sidecut type) 51mm thick(sidecut type sg type) 51mm thick(sidecut type gv type) 51mm thick(sidecut type) 51mm thick(round type) san ace 172 dc fan sg type  reference dimension of mounting holes and vent opening  unit : mm  inlet side, outlet side  options  unit : mm  rotating direction air flow direction lead wire mounting hole type sidecut  17 2 mm model no. rated voltage operating voltage range pwm duty cycle t | %  rated current rated input rated speed max. air flow max. static pressure spl operating temperature expected life | v | v | a | w | min -1  | m3/min  | cfm | pa | inchh 2 o | db(a) |? | h  9SG5724P5H61 24 20.4 to 27.6 100 2.8 67.2 6,500 11.6 410 540 2.16 71  20 to  70 40,000 0 0.18 4.32 1,300 2.32 81.9 30 0.12 28 9sg5748p5g01 48 36 to 72 100 2.91 140 8,600 15.46 546 1,000 4.02 78  20 to  60 0 0.21 10.1 2,000 3.59 127 75.1 0.30 40 9sg5748p5h01 100 1.62 78 6,500 11.60 410 770 3.09 71 0 0.21 10.1 2,000 3.59 127 75.1 0.30 40 t pwm frequency  25khz for the fi nger guard model: 109-319j, fi x the fi nger guard to four holes as shown in the diagram. finger guards fan hexagonal nuts screws spring washers plain washers finger guards model  109-319j surface treatment  nickel-chrome plating  silver  color inlet side, outlet side ~ available options: e without sensor pulse sensor
174  172  0.5 ? 1  148  162  62.2  1. 6  1.6 4.3  0.4 3.2 y 0 ? 1 ? 0.2  148  162  172  1.6  1. 6  152 4.3 9.5 y 0 ? 1  0.4 ? 0.2 ? 1  0.5  pa   inch h 2 o   cfm   m 3 /min  0 1,200 800 400  ? dc 48v 200 1,000 600 5101520 
iy 0% 50% 1.0 0 2.0 3.0 4.0 5.0 100 0 200 300 400 500 600 700 pwm ??a? 100% 9sg5748p5g01 dc 48v 
iy  ?  pa   inch h 2 o   cfm   m 3 /min  0 15 510 700 2.0 1.0 3.0 0 600 900 800 500 400 300 200 100 0% pwm ??a? 100% 50% 0 100 200 300 400 500  pa   inch h 2 o  
iy  ? dc 24v  cfm   m 3 /min  0 100 2 200 300 400 500 600 700 4 6 8 10 12 14 1.0 0 0.5 1.5 2.0 2.5 0 100 200 300 400 500 pwm ??a? 100% 0% 50% 9sg5748p5h01 9SG5724P5H61 9sg5748p5h01 9SG5724P5H61  ? pwm ??a? 100 ? 
iy  pa   inch h 2 o   cfm   m 3 /min  2.0 1.0 3.0 0 0 15 510 700 600 900 800 500 400 300 200 100 36v 48v/72v 0 100 200 300 400 500  pa   inch h 2 o   cfm   m 3 /min  
iy  ? pwm ??a? 100 ? 700 200 0 100 300 400 500 600 4 2610 81214 0 0.5 1.0 1.5 2.0 2.5 300 0 100 200 400 500 27.6v 20.4v 24v  ? 0 1,200 800 400  pa  pwm ??a? 100 ?  inch h 2 o   cfm   m 3 /min  200 1,000 600 5101520 36v 48v 72v 
iy 1.0 0 2.0 3.0 4.0 5.0 100 0 200 300 400 500 600 700 9sg5748p5g01 0 100 1,000 0 2,000 3,000 4,000 5,000 6,000 7,000 8,000 9,000 8,600min -1 2,000min -1  s 8  s min -1  pwm ??a???? %  ?y dc48v pwm * t
: 25khz 9sg5748p5g01  s 8  s min -1  pwm ??a???? %  ?y dc48v pwm * t
: 25khz 0 100 2,000min -1 1,000 0 2,000 3,000 4,000 5,000 6,000 7,000 8,000 9,000 6,500min -1  s 8  s min -1  pwm ??a???? %  ?y dc24v pwm * t
: 25khz 1,000 0 50 0 100 2,000 3,000 4,000 5,000 6,000 7,000 6,500min -1 1,300min -1 9sg5748p5h01 9SG5724P5H61 dc fan 172mm  options  unit : mm  finger guards model  109-319e  109-319h surface treatment  nickel-chrome plating  silver   cation electropainting  black  color inlet side, outlet side model  109-320 surface treatment  nickel-chrome plating  silver  color outlet side  air flow - static pressure characteristics pwm duty cycle operating voltage range  pwm duty - speed characteristics example  static pressure  static pressure  static pressure  static pressure  static pressure  static pressure  air flow  air flow  air flow  air flow  air flow  air flow pwm duty cycle 100 ? pwm duty cycle 100 ? pwm duty cycle 100 ?  rotation speed  min -1  pwm duty cycle  %  voltage  48v dc pwm frequency  25khz  rotation speed  min -1   rotation speed  min -1  pwm duty cycle  %  pwm duty cycle  %  voltage  48v dc pwm frequency  25khz voltage  24v dc pwm frequency  25khz pwm duty cycle pwm duty cycle pwm duty cycle for the fi nger guard model: 109-319e, 109-319h, 109-320, fi x the fi nger guard to two holes as shown in the diagram. do not fi x it to any other holes. plain washers finger guards screws spring washers hexagonal nuts fan


▲Up To Search▲   

 
Price & Availability of 9SG5724P5H61

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X