Part Number Hot Search : 
M25P40 F4109 186CRP UV3844 C2837 IR333C 1N6612 G2010
Product Description
Full Text Search
 

To Download 62N00-040S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  62nxx-xxx c xxxx x- x gr ay hill 6 5 4 3 2 1 co nnec to r version stripped cable version .320 (8,13) ref . .250 + .002 (6,35 + 0,05) dia. .312 (7,9) .375 + .015 (9,5 + 0,38) .250 (6,35) .250 (6,35) .540 (13,72) .066. + 002 (1,68 + 0,05) .390 (9,91) .250 (6,35) .500 (12,7) .152 (3,86) .219 + .003 (5,6 + 0,1) 3/8-32 unef-2a thread threads to be within .030 of shoulder. dim. 4.000 " + .20? .670 + .015 (17,02 + 0,38) .592 + .015 (15,04 + 0,38) .125 + .002 (3,18 + 0,05) dia. .375 + .015 (9,5 + 0,38) .250 (6,35) .094 + .003 (2,4 + 0,08) .100 (2,54) stripped and tinned co nnec to r is amp p/n 215083-6, .050 (1,27) centers p/n 640443-6, .100 (2,54) centers 28 aw g cable wires on .050 (1,27) centers 62nx x- p xxxx x- x gr ay hill 6 5 4 3 2 1 3/8-32 unef-2a thread threads to be within .030 of shoulder .470 + .020 (11,9 + 0,5) .450 + .010 (11,43 + 0,3) .100 (2,54) ty p. .940 + .050 (23,8 + 1,3) .066 + .002 (1,68 + 0,05) .250 (6,35) .540 (13,72) .152 (3,86) .250 (6,35) .500 (12,7) .522 (13,26) .219 + .003 (5,6 + 0,1) .301 (7,6) .602 (15,29) .250 + .002 (6,35 + 0,05) dia. .250 (6,35) .375 + .015 (9,5 0,38) .312 (7,9) .620 (15,7) .094 + .003 (2,4 + 0,08) .375 + .015 (9,5 + 0,38) .125. + 002 (3,18 + 0,05) dia. .250 (6,35) .592 + .015 (15,04 + 0,38) .670 + .015 (17,02 + 0,38) .267 + .015 (6,8 + 0,38) t op v iew fr ont v iew side v iew fr ont vi ew side v iew t op v iew series 62n 1/2'' package, non-turn, dedicated shaft features ? non-turn pushbutton to ensure pushbutton text and orientation ? seperate pushbutton function ? low cost ? economical size ? optically coupled for more than a million cycles ? compatible with cmos, ttl and hcmos logic dimensions in inches (and millimeters) unless otherwise specifed, standard tolerances are 0.10 (0,25) cable version ? available in 12, 16, 24, and 32 detent positions (non-detent also available) ? choices of cable length and termi - nations applications ? global positioning/driver information systems ? medical equipment ? cockpit controls grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.grayhill.com optical and mechanical encoders optical encoders
series and style = 1/2" package, non-turn, dedicated shaft angle of throw: detent non-detent 11 = 11.25 or 32 pos. 01 = 11.25 or 32 positions 15 = 15 or 24 positions 05 = 15 or 24 positions 22 = 22.25 or 16 positions 02 = 22.5 or 16 positions 62n22-040s 30 = 30 or 12 positions 00 = 30 or 12 positions termination: s = stripped cable; .050" centers sh = stripped cable; .100" centers c = connector; .050" centers ch = connector; .100" centers p = pin; .100" centers cable termination: 040 = 4.0in. cable is terminated with amp connector p/n 215088-6. see amp mateability guide for mating connector details. *eliminate cable length if ordering pins (ex: 62n22-p) specifications pushbutton switch ratings rating: at 5 vdc, 10 ma, resistive contact resistance: less than 10 ohms (ttl or cmos compatible) pushbutton life: 3 million actuations mini - mum voltage breakdown: 250 vac between mutu - ally insulated parts contact bounce: less than 4 ms at make and less than 10 ms at break actuation force: 1000 300g pushbutton travel: .010/.025 inch encoder ratings coding: 2-bit quadrature coded output operating voltage: 5.0 .25 vdc supply current: 30 ma maximum@5.0 vdc logic output characterisitics: logic high: 3.8 vdc minimum logic low: 0.8 vdc maximum mechanical life: 1,000,000 cycles minimum (one cycle is a rotation through all positions and a full return) minimum sink current : 2.0 ma for 5 vdc power consumption: 150mw maximum output: open collector phototransistor logic rise and fall times: less than 30 ms maximum operating torque: detent: 2.0 in-oz 70% initially non-detent: less than 1.5 in-oz initially shaft push out force: 45 lbs minimum mounting torque: 15 in-lbs maximum terminal strength: 15 lbs cable pull-out force minimum operating speed: 100 rpm maximum environmental ratings operating temperature range: -40c to 85c storage temperature range: -55c to 100c vibration resistance: harmonic motion with amplitude of 15g, within a varied 10 to 2000 hz frequency for 12 hours mechanical shock: test 1: 100g, 6 ms, half sine, 12.3 ft/s; test 2: 100g, 6 ms, sawtooth, 9.7 ft/s relative humidity: 90C95% at 40c for 96 hours materials and finishes code housing: reinforced thermoplastic shafts: aluminum bushing: zinc casting shaft retaining ring: stainless steel detent spring: stainless steel printed circuit boards: nema grade fr-4 gold over nickel or palladium terminals: brass, tin-plated mounting hardware: one brass, nickel-plated nut and zinc-plated spring steel with clear trivalent chromate fnish lockwasher supplied with each switch. (nut is 0.094 inches thick by 0.433 inches across fats) rotor: thermoplastic code housing: thermoplastic pushbutton dome: stainless steel dome retaining disk: thermoplastic pushbutton housing: thermoplastic phototransistor: planar silicon npn infrared emitter: gallium aluminum arsenide pushbutton contact: brass, nickel-plated flex cable: 28 awg, stranded/top coated wire, pvc coated on .050 or .100" centers (cabled version) header pins: phospher bronze, tin-plated spacer: thermoplastic endcap: thermoplastic non-turn pin: stainless steel backplate/strain relief: stainless steel studs: stainless steel ordering information these switches have quadrature 2-bit code output and an optional shaft actuated pushbutton switch. custom materials, styles, colors, and markings are available. control knobs available. circuitry, truth table, and waveform standard quadrature 2-bit code output a output b high low high low position number 1 2 3 4 5 6 ? indicates logic high; blank indicates logic low. code repeats every 4 positions. clockwise rotation position output a output b 1 2 3 4 ? ? ? ? 1 2 3 4 5 6 power +5v output a output b n.o. push- button switch ground pin # r* r* available from your local grayhill component distributor. for prices and discounts, contact a local sales offce, an authorized local distributor , or grayhill. optical and mechanical encoders grayhill, inc. ? 561 hillgrove avenue ? lagrange, illinois 60525-5997 ? usa ? phone: 708-354-1040 ? fax: 708-354-2820 ? www.grayhill.com optical encoders


▲Up To Search▲   

 
Price & Availability of 62N00-040S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X