Part Number Hot Search : 
MX25L163 74BC245 LT1308B XN6537 MBRF20 6M181RPA AOD4130 OP14CJ
Product Description
Full Text Search
 

To Download 5KP140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  axial lead transient voltage suppressors (tvs) revision october 18, 2013 1 / 6 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5kp series 5.0 to 190 v 5000w un semiconductor co., ltd. www.unsemi.com.tw the 5kp series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. uni-directional bi-directional u glass passivated chip junction in p600 package u low leakage u uni and bidirectional unit u excellent clamping capability u 5000w peak power capability at 10 1000 s waveform repetition rate (duty cycle):0.01% u fast response time: typically less than 1.0ps from 0 volts to v br min u typical i r less than 5 a above 12v. u high temperature soldering: 260 c/40 seconds at terminals u typical maximum temperature coefficient v br = 0.1% v br @25 c t u plastic package has underwriters laboratory flammability 94v-0 u matte tin lead C free plated u halogen free and rohs compliant u typical failure mode is short from over-specified voltage or current u whisker test is conducted based on jedec jesd201a per its table 4a and 4c u iec-61000-4-2 esd 15kv(air), 8kv (contact) u esd protection of data lines in accordance with iec 61000-4-2 (iec801-2) u eft protection of data lines in accordance with iec 61000-4-4 (iec801-4) tvs devices are ideal for the protection of i/o interfaces, v cc bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. parameter symbol value unit peak pulse power dissipation with a 10/1000 s waveform (fig.1)(note 1), (note 2) p ppm 5000 watts peak pulse current with a 10/1000 s waveform.(note1,fig.3) i pp see next table amps power dissipation on infinite heat sink at t l =75 c p m(av) 8.0 watt peak forward surge current, 8.3ms single half sine wave (note 3) i fsm 500 amps maximum instantaneous forward voltage at 25a for unidirectional only (note 4) v f 3.5/5.0 voltage operating junction and storage temperature range. t j , t stg -55 to +150 c notes: 1. non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2. 2. mounted on 5.0mm x 5.0mm (0.03mm thick) copper pads to each terminal. 3. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minutes maximum. 4. v f < 3.5v for v br < 200v and v f < 6.5v for v br > 201v. maximum ratings (t a =25 unless otherwise noted) applications functional diagram description features bi-directional uni-direction cathode anode
axial lead transient voltage suppressors (tvs) revision october 18, 2013 2 / 6 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5kp series 5.0 to 190 v 5000w un semiconductor co., ltd. www.unsemi.com.tw part number breakdown voltage v br (v) @i t uni bi reverse stand-off voltage v rwm (v) min max test current i t (ma) maximum clamping voltage v c @i pp (v) maximum peak pulse current i pp (a) maximum reverse leakage i r @v rwm ( a) 5kp5.0 5kp5.0c 5.0 6.40 7.30 10 9.6 520.83 800 5kp5.0a 5kp5.0ca 5.0 6.40 7.00 10 9.2 543.48 800 5kp6.0 5kp6.0c 6.0 6.67 8.15 10 11.4 438.60 800 5kp6.0a 5kp6.0ca 6.0 6.67 7.37 10 10.3 485.44 800 5kp6.5 5kp6.5c 6.5 7.22 8.82 10 12.3 406.50 500 5kp6.5a 5kp6.5ca 6.5 7.22 7.98 10 11.2 446.43 500 5kp7.0 5kp7.0c 7.0 7.78 9.51 10 13.3 375.94 200 5kp7.0a 5kp7.0ca 7.0 7.78 8.60 10 12.0 416.67 200 5kp7.5 5kp7.5c 7.5 8.33 10.20 1 14.3 349.65 100 5kp7.5a 5kp7.5ca 7.5 8.33 9.21 1 12.9 387.60 100 5kp8.0 5kp8.0c 8.0 8.89 10.90 1 15.0 333.33 50 5kp8.0a 5kp8.0ca 8.0 8.89 9.83 1 13.6 367.65 50 5kp8.5 5kp8.5c 8.5 9.44 11.50 1 15.9 314.47 20 5kp8.5a 5kp8.5ca 8.5 9.44 10.40 1 14.4 347.22 20 5kp9.0 5kp9.0c 9.0 10.00 12.20 1 16.9 295.86 10 5kp9.0a 5kp9.0ca 9.0 10.00 11.10 1 15.4 324.68 10 5kp10 5kp10c 10.0 11.10 13.60 1 18.8 265.96 5 5kp10a 5kp10ca 10.0 11.10 12.30 1 17.0 294.12 5 5kp11 5kp11c 11.0 12.20 14.90 1 20.1 248.76 5 5kp11a 5kp11ca 11.0 12.20 13.50 1 18.2 274.73 5 5kp12 5kp12c 12.0 13.30 16.30 1 22.0 227.27 5 5kp12a 5kp12ca 12.0 13.30 14.70 1 19.9 251.26 5 5kp13 5kp13c 13.0 14.40 17.60 1 23.8 210.08 5 5kp13a 5kp13ca 13.0 14.40 15.90 1 21.5 232.56 5 5kp14 5kp14c 14.0 15.60 19.10 1 25.8 193.80 5 5kp14a 5kp14ca 14.0 15.60 17.20 1 23.2 215.52 5 5kp15 5kp15c 15.0 16.70 20.40 1 26.9 185.87 5 5kp15a 5kp15ca 15.0 16.70 18.50 1 24.4 204.92 5 5kp16 5kp16c 16.0 17.80 21.80 1 28.8 173.61 5 5kp16a 5kp16ca 16.0 17.80 19.70 1 26.0 192.31 5 5kp17 5kp17c 17.0 18.90 23.10 1 30.5 163.93 5 5kp17a 5kp17ca 17.0 18.90 20.90 1 27.6 181.16 5 5kp18 5kp18c 18.0 20.00 24.40 1 32.2 155.28 5 5kp18a 5kp18ca 18.0 20.00 22.10 1 29.2 171.23 5 5kp19 5kp19c 19.0 21.13 25.76 1 34.0 147.02 5 5kp19a 5kp19ca 19.0 21.10 23.30 1 30.8 162.44 5 5kp20 5kp20c 20.0 22.20 27.10 1 35.8 139.66 5 5kp20a 5kp20ca 20.0 22.20 24.50 1 32.4 154.32 5 5kp22 5kp22c 22.0 24.40 29.80 1 39.4 126.90 5 5kp22a 5kp22ca 22.0 24.40 26.90 1 35.5 140.85 5 5kp24 5kp24c 24.0 26.70 32.60 1 43.0 116.28 5 5kp24a 5kp24ca 24.0 26.70 29.50 1 38.9 128.53 5 5kp26 5kp26c 26.0 28.90 35.30 1 46.6 107.30 5 5kp26a 5kp26ca 26.0 28.90 31.90 1 42.1 118.76 5 5kp28 5kp28c 28.0 31.10 38.00 1 50.0 100.00 5 5kp28a 5kp28ca 28.0 31.10 34.40 1 45.4 110.13 5 5kp30 5kp30c 30.0 33.30 40.70 1 53.5 93.46 5 5kp30a 5kp30ca 30.0 33.30 36.80 1 48.4 103.31 5 5kp33 5kp33c 33.0 36.70 44.90 1 59.0 84.75 5 5kp33a 5kp33ca 33.0 36.70 40.60 1 53.3 93.81 5 5kp36 5kp36c 36.0 40.00 48.90 1 64.3 77.76 5 5kp36a 5kp36ca 36.0 40.00 44.20 1 58.1 86.06 5 5kp40 5kp40c 40.0 44.40 54.30 1 71.4 70.03 5 5kp40a 5kp40ca 40.0 44.40 49.10 1 64.5 77.52 5 5kp43 5kp43c 43.0 47.80 58.40 1 76.7 65.19 5 5kp43a 5kp43ca 43.0 47.80 52.80 1 69.4 72.05 5 electrical characteristics (t a =25 unless otherwise noted)
axial lead transient voltage suppressors (tvs) revision october 18, 2013 3 / 6 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5kp series 5.0 to 190 v 5000w un semiconductor co., ltd. www.unsemi.com.tw part number breakdown voltage v br (v) @i t uni bi reverse stand-off voltage v rmw (v) min max test current i t (ma) maximum clamping voltage v c @i pp (v) maximum peak pulse current i pp (a) maximum reverse leakage i r @v rwm ( a) 5kp45 5kp45c 45.0 50.00 61.10 1 80.3 62.27 5 5kp45a 5kp45ca 45.0 50.00 55.30 1 72.7 68.78 5 5kp48 5kp48c 48.0 53.30 65.10 1 85.5 58.48 5 5kp48a 5kp48ca 48.0 53.30 58.90 1 77.4 64.60 5 5kp51 5kp51c 51.0 56.70 69.30 1 91.1 54.88 5 5kp51a 5kp51ca 51.0 56.70 62.70 1 82.4 60.68 5 5kp54 5kp54c 54.0 60.00 73.30 1 96.3 51.92 5 5kp54a 5kp54ca 54.0 60.00 66.30 1 87.1 57.41 5 5kp58 5kp58c 58.0 64.40 78.70 1 103.0 48.54 5 5kp58a 5kp58ca 58.0 64.40 71.20 1 93.6 53.42 5 5kp60 5kp60c 60.0 66.70 81.50 1 107.0 46.73 5 5kp60a 5kp60ca 60.0 66.70 73.70 1 96.8 51.65 5 5kp64 5kp64c 64.0 71.10 86.90 1 114.0 43.86 5 5kp64a 5kp64ca 64.0 71.10 78.60 1 103.0 48.54 5 5kp70 5kp70c 70.0 77.80 95.10 1 125.0 40.00 5 5kp70a 5kp70ca 70.0 77.80 86.00 1 113.0 44.25 5 5kp75 5kp75c 75.0 83.30 102.00 1 134.0 37.31 5 5kp75a 5kp75ca 75.0 83.30 92.10 1 121.0 41.32 5 5kp78 5kp78c 78.0 86.70 106.00 1 139.0 35.97 5 5kp78a 5kp78ca 78.0 86.70 95.80 1 126.0 39.68 5 5kp80 5kp80c 80.0 88.96 108.80 1 143.2 34.92 5 5kp80a 5kp80ca 80.0 88.80 97.60 1 129.6 38.58 5 5kp85 5kp85c 85.0 94.40 115.00 1 151.0 33.11 5 5kp85a 5kp85ca 85.0 94.40 104.00 1 137.0 36.50 5 5kp90 5kp90c 90.0 100.00 122.00 1 160.0 31.25 5 5kp90a 5kp90ca 90.0 100.00 111.00 1 146.0 34.25 5 5kp100 5kp100c 100.0 111.00 136.00 1 179.0 27.93 5 5kp100a 5kp100ca 100.0 111.00 123.00 1 162.0 30.86 5 5kp110 5kp110c 110.0 122.00 149.00 1 196.0 25.51 5 5kp110a 5kp110ca 110.0 122.00 135.00 1 177.0 28.25 5 5kp120 5kp120c 120.0 133.00 163.00 1 214.0 23.36 5 5kp120a 5kp120ca 120.0 133.00 147.00 1 193.0 25.91 5 5kp130 5kp130c 130.0 144.00 176.00 1 231.0 21.65 5 5kp130a 5kp130ca 130.0 144.00 159.00 1 209.0 23.92 5 5KP140 5KP140c 140.0 155.68 190.40 1 250.6 19.95 5 5KP140a 5KP140ca 140.0 155.00 171.00 1 226.8 22.05 5 5kp150 5kp150c 150.0 167.00 204.00 1 268.0 18.66 5 5kp150a 5kp150ca 150.0 167.00 185.00 1 243.0 20.58 5 5kp160 5kp160c 160.0 178.00 218.00 1 287.0 17.42 5 5kp160a 5kp160ca 160.0 178.00 197.00 1 259.0 19.31 5 5kp170 5kp170c 170.0 189.00 231.00 1 304.0 16.45 5 5kp170a 5kp170ca 170.0 189.00 209.00 1 275.0 18.18 5 5kp180 5kp180c 180.0 201.00 244.80 1 322.2 15.52 5 5kp180a 5kp180ca 180.0 201.00 220.00 1 291.6 17.15 5 5kp190 5kp190c 190.0 211.21 258.40 1 340.1 14.70 5 5kp190a 5kp190ca 190.0 211.00 232.00 1 307.8 16.24 5 note: 1. suffix 'a ' denotes 5% tolerance device. without 'a' denotes 10% tolerance device 2. add suffix 'c 'or ' ca ' after part number to specify bi-directional devices 3. for bi-directional devices having v r of 10 volts and under, the i r limit is double electrical characteristics (t a =25 unl ess otherwise noted) (continue)
axial lead transient voltage suppressors (tvs) revision october 18, 2013 4 / 6 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5kp series 5.0 to 190 v 5000w un semiconductor co., ltd. www.unsemi.com.tw figure 1 - pe a k pulse power r a ting curve figure 3 - pulse w a veform ratings and characteristic curves ( t a =25 c unless otherwise noted ) figure 4 - typic a l junction c a p a cit a nce 0 25 50 75 100 125 150 175 100 80 60 40 20 0 t a -ambient temperature( c) peak pulse power (p pp ) or current ( i pp ) derating in percentage % figure 5 - steady state power derating curve figure 2 - pulse der a ting curve figure 6 - maximum non - repe titive surge current 150 100 50 0 i ppm - peak pulse current, % i rsm t r =10 sec peak value ippm half value i ppm (i ppm /2) t c 10/1000 sec. waveform as de ? ned by r.e.a 0 1.0 2.0 3.0 4.0 t j =25 c pulse width(td) is de ? ned as the point where the peak current decays to 50% of i ppm t - time (ms) t d - pulse width ( s ) p ppm - peak pulse power (kw) 10 0 0.1 1 0.1 1 10 100 1000 10000 10 number of cycles at 60hz i fsm - peak forward surge current (a) 1 10 100 250 200 150 100 300 t j =t j max. 8.3 ms single half sine - wave 5.0 0 25 50 75 100 125 150 175 200 4.0 3.0 2.0 1.0 0.0 t l - lead temperature( c) p m(av) , steady state power dissipation (w ) 6.0 7.0 8.0 100000 1.0 10.0 100.0 1000.0 1000 100 1 v br -reverse breakdown voltage (v) c j C junction capacitance (pf) 10 10000 tj=25 c f=1.0mhz vsig=50mvp-p bi - directional @zero bins un i - directional @zero bins un i - directional @v rwm b i - directional @v rwm
axial lead transient voltage suppressors (tvs) revision october 18, 2013 5 / 6 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5kp series 5.0 to 190 v 5000w un semiconductor co., ltd. www.unsemi.com.tw temperature cycle jesd22-a104 weight 0.07 ounce, 2.1gram pressure cooker jesd22-a102 case jedec r-6/p600 molded plastic over glass passivated junction high temp. storage jesd22-a103 polarity color band denotes cathode except bipolar htrb jesd22-a108 terminal matte tin-plated leads, solderable per jesd22-b102d thermal shock jesd22-a106 reflow condition lead C free assembly -temperature min (t s(min) ) 150 c -temperature max (t s(max) ) 200 c pre heat - time (min to max) (t s ) 60 -180 seconds average ramp up rate ( liquidus temp t l ) to peak 3 c/second max t s(max) to tl - ramp-up rate 3 c/second max - temperature (t l ) (liquidus) 217 c reflow - time (min to max) (t s ) 60 -150 seconds peak temperature (t p ) 260 +0/-5 c time within 5 c of actual peak temperature (t p ) 20 -40 seconds ramp-down rate 6 c/second max time 25 c to peak temperature (t p ) 8 minutes max do not exceed 280 c ramp-down preheat critical zone t l to t p time to peak temperature (t 25 to peak) t p t l t s(max) t s(min) 25 temperature ramp-up time i - v curve characteristics physical sp ecifications environmental specifications soldering parameters
axial lead transient voltage suppressors (tvs) revision october 18, 2013 6 / 6 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. 5kp series 5.0 to 190 v 5000w un semiconductor co., ltd. www.unsemi.com.tw inches millimeters dimensions min max min max a 1.000 - 25.40 - b 0.340 0.360 8.64 9.14 c 0.048 0.052 1.22 1.32 d 0.340 0.360 8.64 9.14 part number component package quantity packaging option 5kpxxxxx r6/p600 200 box 5kp ca 5% v br voltage tolerance bi-directional v r voltage series dimensions packaging packaging dimensions unit: inches (millimeters) part numbering r6/p600 cathode band 2.56 (65.00) 0.40 0.020 (10.16 0.508) 0.25 (6.35)


▲Up To Search▲   

 
Price & Availability of 5KP140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X