Part Number Hot Search : 
ICS1702 00079 XFGIB100 ACE9926B SL6236 SM100 NJM2063 UPD3728
Product Description
Full Text Search
 

To Download 064176 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 http://connect.erni.com/contact/ catalog e 0 74 4 8 6 08/00 edition 1 compactpci connectors acc. to pigmg 2.0 rev. 3.0 general late in 1999 pci industrial computer manufacturers group (picmg) introduced the new revision 3.0 of the compact- pci core specification. version 3.0 of this specification comprises a.o. hot swap and computer telephony specifi- cations such as pin sequencing. for compactpci, the metric ermet connectors are specified in accordance with iec 61076-4-101 which are available in build types a, b, ab, and as monoblock versions. this new version of the compactpci specification has the consequence a.o. that for 3 he backplanes on position p2 a male connector, build type b with long connection pins for ab transfer and ab shrouds are inserted into position rp2. at the rear card end, on position rj2, a sheilded female connector in build type ab is specified. for 6 he backplanes, on p3 and p5, the male connector - build type b with long connection pins - for ab transfer and ab shrouds have to be inserted into positions rp3 and rp5. at the rear card end, on positions rj3 and rj5, a shielded female connector, build type ab, has been specified here. on p4, a blade contact strip, build type a with long connection pins for a shroud and a shroud frames, has been specified on position rp4. for the rear card end, a shielded female connector, build type a, has been defined on rj4. for male connectors with shrouds in build types a and b, the specification only requires a series a grounding for the upper screening panel. all necessary connectors required in accordance with the new compactpci specification are available from erni. in addition, for compactpci applications, erni also offers an economic solution for a male connector with long terminal pins, which is populated with shield contacts on row a only. in addition to the new ab compatible male connectors for compactpci, erni also supplies shrouds. here, all shrouds are available in four different heights (3.9 mm, 4.5 mm, 5.3 mm, and 6.1 mm) in order to adapt to the printed circuit board thickness of the backplanes.
2 http://connect.erni.com/contact/ catalog e 0 7 4 4 8 6 08/00 edition 1 o r dering informations compactpci connectors acc. to pigmg 2.0 re v . 3.0 part number location on the pcb number of positions* male connectors for backplanes contact loading* part number location on the pcb number of positions* female connectors for daughter cards t ype a w ith peg p1 25 cb---bc 923190 type a with peg and extended terminals for sh r ouding p1 special 25 tp---pt 923197 t ype a w ithout peg and w ith extended t erminals p1 25 ts---st 923342 type b (ab compatible) with extended terminals for sh r ouding p2, p5 22 tsssss- 923345 type b (ab compatible) with extended terminals for sh r ouding p3 19 tssssst 923341 type b (ab compatible) with extended terminals for sh r ouding p3 19 tsssss- 923346 t ype a w ith extended t erminals for sh r ouding p4 25 s----st 923347 type a with peg and extended terminals for sh r ouding p4 25 trrrr r t 064688 type a with peg and extended terminals for sh r ouding p4 25 tssssst 103975 type b (ab compatible) with extended terminals for sh r ouding p5 t elecom 22 ------- 923339 type b (ab compatible) with extended terminals for sh r ouding p2, p5 22 tssssst 923340 t ype a w ith shield, w ithout peg j1, j4 25 064176 t ype a w ith split shield, partially loaded j4 t elecom 25 104512 t ype a w ith split shield, partially loaded rj4 t elecom 25 104697 t ype ab w ith shield, w ithout peg rj2, rj5 22 114809 t ype ab w ith shield, w ithout peg rj3 19 114810 t ype b w ith upper shield j2, j5 22 064785 t ype b w ith upper shield j3 19 064784 part number location on the pcb number of positions* shrouds for male connectors height (mm) t ype a sh r oud 25 positions rp1, rp4 25 14.35 114436 t ype a sh r oud 25 positions rp1, rp4 25 14.95 054795 t ype a sh r oud 25 positions rp1, rp4 25 15.75 054794 t ype a sh r oud 25 positions rp1, rp4 25 16.55 054793 t ype ab sh r oud 22 positions rp2, rp5 22 14.95 114426 t ype ab sh r oud 22 positions rp2, rp5 22 15.75 114427 t ype ab sh r oud 22 positions rp2, rp5 22 16.55 114428 t ype ab sh r oud 19 positions rp3 19 14.35 114487 t ype ab sh r oud 19 positions rp3 19 14.95 114488 t ype ab sh r oud 19 positions rp3 19 15.75 114489 t ype ab sh r oud 19 positions rp3 19 16.55 114490 part number application code number coding keys color coding keys for male connectors and sh r ouds 5.0 v olts p1 1567 brilliant blue 043347 coding keys for male connectors and sh r ouds 3.3 v olts p1 3456 cadmium y ellow 043345 coding keys for male connectors and sh r ouds t elecom p4 1248 strawberry red 043350 coding keys for female connectors 5.0 v olts j1 2348 brilliant blue 043337 coding keys for female connectors 3.3 v olts p1 1278 cadmium y ellow 043335 coding keys for female connectors t elecom j4 3567 strawberry red 043340 * length = 50mm; pitch = 2.0mm => 50 / 2 = 25 positions **cross sectional loading from z to f











2 0.6 + - 0.05 10 * 2 = ( 20 ) 10 * 2 = ( 20 ) 2 5 * 2 = ( 10 ) 1.5 8 a b c d e f 1 11 13 15 25 0.1 alle loecher durchkontaktiert, bohrloch 0.7 0.02 lochbild fuer leiterplatte ( bestueckungsseite ) board hole pattern ( component mounting side ) plated thru, drill hole 0.7 0.02 all holes 2 10 * 2 = 20 8 10 * 2 = 20 2 2 4 * 2 = 8 a b c d e 1 11 15 25 21 50 max. anforderungsstufe id.-nr. datum class date abschirmblech 044445 - shielding 11.4 12.25 3 - 0.4 2 1.7 + - 0.05 10.8 - 0.2 ee - zone fuer durchkontaktierte loecher [ 0.6 0.05 compliant zone for thru hole [ 0.6 0.05 fehlende masse und angaben nach iec 61076 - 4 - 101 missing information and dimensions per iec 61076 - 4 - 10 xxxxx xxxxxxxx information : abschirmblech oben montiert shielding mounted on top ermet federleiste a ermet female type a 2:1 064176 ohne fixierstift - without locating pegs a b c d e 1 11 15 25 bestueckungsplan - contact layout = bestueckt - assemble
2 10 x 2 = 20 8 10 x 2 = 20 2 2 4 x 2 = 8 a b c d e 1 11 15 25 5 8 21 21.9 + - 0.1 9.5 + - 0.1 50 max. 0.5 + 0.2 anforderungsstufe class id.-nr. datum date abschirmblech 104514 - shielding abschirmblech 104515 - shielding 11.4 12.25 3 - 0.4 2 1.7 + - 0.05 10.8 - 0.2 ee - zone fuer durchkontaktierte loecher 0.6 0.05 compliant zone for thru hole 0.6 0.05 2 0.6 + - 0.05 10 x 2 = ( 20 ) 10 x 2 = ( 20 ) 2 5 x 2 = ( 10 ) 1.5 8 a b c d e f 1 11 13 15 25 0.1 alle loecher durchkontaktiert, bohrloch 0.7 0.02 lochbild fuer leiterplatte ( bestueckungsseite ) board hole pattern ( component mounting side ) plated thru, drill hole 0.7 0.02 all holes fehlende masse und angaben nach iec 61076 - 4 - 101 missing information and dimensions per iec 61076 - 4 - 10 xxxxx xxxxxxxx information : abschirmblech oben montiert shielding mounted on top ohne fixierstift - without locating pegs ermet federleiste a ermet female type a 2:1 104512 a b c d e 1 11 15 25 bestueckungsplan - contact layout = bestueckt - assemble 5 8

21 x 2 = 5 x 2 = a b c d e 1 2 4 x 2 = 8 2 21 x 2 = 42 2 a b c d e 1 best?ckungsplan - = best?ckt - assemble contact layout 2 21 44 max. xxxx erni 1 114809 2 22 anforderungsstufe id.-nr. datum date class ee-zone f?r durchkontaktierte l?cher [ 0.6 60.05 compliant zone for thru hole [ 0.6 60.05 11.4 3 -0.4 2 1.7 60.05 10.8 -0.2 13.85 a b c d 1 0.1 alle l?cher durchkontaktiert, bohrloch 0.7 lochbild f?r leiterplatte (best?ckungsseite) all holes plated thru, drill hole 0.7 board hole pattern (component mounting side) 2 2 0.6 + - 0.05 2 ( 10 ) 1.5 ( 42 ) e f fehlende masse und angaben nach iec 61076-4-101 missing information and dimensions per iec 61076-4-101 information : abschirmblech oben shielding mounted on top elektroapparate d-73099 scal designation toleranc 114809 ermet federleiste ab 22 ermet female type ab 22 2:1 i all rights only for to insure that this is the version of this drawing, contact one of the erni before subject to modification prior drawing will not be
5 x 2 = 36 18 x 2 = a b c d e best?ckungsplan - = best?ckt - assemble contact layout 1 19 a b c d e 2 36 18 x 2 = 1 19 8 4 x 2 = 2 all dimensions in mm elektroapparate gmbh d-73099 adelberg scale designation tolerances consider protection memo from din 34 114810 ermet federleiste ab 19 ermet female type ab 19 2:1 i all rights reserved. only for information. to insure that this is the latest version of this drawing, please contact one of the erni companies before using. subject to modification without prior notice. drawing will not be updated. fehlende masse und angaben nach iec 61076-4-101 missing information and dimensions per iec 61076-4-101 information: abschirmblech oben montiert shielding mounted on top a b c d 1 0.1 alle l?cher durchkontaktiert, bohrloch 0.7 60.02 lochbild f?r leiterplatte (best?ckungsseite) all holes plated thru, drill hole 0.7 60.02 board hole pattern (component mounting side) 19 2 0.6 + - 0.05 2 ( 10 ) 1.5 ( ) e f 38 max. 21 1 xxxx 2 19 erni 114810 anforderungsstufe class id.-nr. datum date 2 3 -0,4 1,7 0,05 10,8 -0,2 11,4 13,85 ee-zone f?r durchkontaktierte loecher [ 0.6 60.05 compliant zone for thru hole [ 0.6 60.05
21 44 max. anforderungsstufe id.-nr. datum class date abschirmblech 914795 - shielding 2 2 4 * 2 = 8 21 * 2 = 42 a b c d e 1 22 11.4 3 - 0.4 2 1.7 + - 0.05 10.8 - 0.2 11.8 ee - zone fuer durchkontaktierte loecher [ 0.6 0.05 compliant zone for thru hole [ 0.6 0.05 2 0.6 + - 0.05 2 5 * 2 = ( 10 ) 1.5 21 * 2 = ( 42 ) a b c d e f 1 0.1 alle loecher durchkontaktiert, bohrloch 0.7 0.02 lochbild fuer leiterplatte ( bestueckungsseite ) all holes plated thru, drill hole 0.7 0.02 board hole pattern ( component mounting side ) 22 a b c d e 1 bestueckungsplan - = bestueckt - assemble contact layout 22 fehlende masse und angaben nach iec 61076 - 4 - 101 missing information and dimensions per iec 61076 - 4 - 10 xxxxx xxxxxxxx information : abschirmblech oben montiert shielding mounted on top ermet federleiste b 22 ermet female type b 22 2:1 064785
2 2 4 * 2 = 8 18 * 2 = 36 a b c d e 1 19 11.4 3 - 0.4 2 1.7 + - 0.05 10.8 - 0.2 11.8 ee - zone fuer durchkontaktierte loecher [ 0.6 0.05 compliant zone for thru hole [ 0.05 21 38 max. anforderungsstufe id.-nr. datum class date abschirmblech 064781 - shielding 2 0.6 + - 0.05 2 5 * 2 = ( 10 ) 1.5 18 * 2 = ( 36 ) a b c d e f 1 0.1 alle loecher durchkontaktiert, bohrloch 0.7 0.02 lochbild fuer leiterplatte ( bestueckungsseite ) all holes plated thru, drill hole 0.7 0.02 board hole pattern ( component mounting side ) 19 a b c d e 1 bestueckungsplan - = bestueckt - assemble contact layout 19 fehlende masse und angaben nach iec 61076 - 4 - 101 missing information and dimensions per iec 61076 - 4 - 10 xxxxx xxxxxxxx information : ermet federleiste b 19 ermet female type b 19 2:1 064784 abschirmblech oben montiert shielding mounted on top
16.55 114436 49,9 2 12 6 x 2 = 2 2 8 20 10 x 2 = 20 10 x 2 = 14,8 h 3,9 14,35 11,6 index name tool-nr.: scale material designation class date name tolerances consider protection memo from din 34 modification nr. date dimension nr. 054792 ermet a ?bergaber. m. klemmst ermet a shroud with clamp part siehe einzelteile see pieceparts 5:1 d o:00010255.szn ident-nr. mass h 15.75 14.95 14.35 054795 054794 054793 dimension h i.d. number all dimensions in mm elektroapparate gmbh d-73099 adelberg all rights reserved. only for information. to insure that this is the latest version of this drawing, please contact one of the erni companies before using. subject to modification without prior notice. drawing will not be updated.
114428 114427 114426 114425 16.55 15.75 14.95 14.35 ident-nr. ma?h i.d.number dimensions h 15,4 2 12 6 x 2 = 14,8 2 42 21 x 2 = 43,9 3,9 14,35 h 11,6 index name tool-nr.: scale material designation class date name tolerances consider protection memo from din 34 modification nr. date dimension nr. 114429 ermet ab 22 ?berga. m. klemmst. ermet ab 22 shroud with clamp siehe einzelteile see pieceparts 5:1 d o:00010299.szn all dimensions in mm elektroapparate gmbh d-73099 adelberg all rights reserved. only for information. to insure that this is the latest version of this drawing, please contact one of the erni companies before using. subject to modification without prior notice. drawing will not be updated.
114490 114489 114488 114487 16.55 15.75 14.95 14.35 ident-nr. ma?h i.d.number dimensions h 3,9 14,35 h 11,6 2 36 18 x 2 = 37,9 15,4 14,8 2 12 6 x 2 = index name tool-nr.: scale material designation class date name tolerances consider protection memo from din 34 modification nr. date dimension nr. 114486 ermet ab 19 ?berg. m. klemmst. ermet ab 19 shroud with clamp. siehe einzelteile see pieceparts 5:1 d o:00010296.szn all dimensions in mm elektroapparate gmbh d-73099 adelberg all rights reserved. only for information. to insure that this is the latest version of this drawing, please contact one of the erni companies before using. subject to modification without prior notice. drawing will not be updated.
http://connect.erni.com/contact/ catalog e 074482 02/00 edition 1 coding keys for male connectors and shrouds coding keys for female connectors coding keys part numbercode no. colour coding key 3568 043342 pastel orange ral 2003 fincke 00233197 1247 043332 pastel orange ral 2003 fincke 00233197 3478 043343 steel blue ral 5011 fincke 00251197 1256 043333 steel blue ral 5011 fincke 00251197 3467 043344 slate grey ral 7015 fincke 00235197 1258 043334 slate grey ral 7015 fincke 00235197 3456 043345 cadmium yellow ral 1021 fincke 00252197 1278 043335 cadmium yellow ral 1021 fincke 00252197 2578 043346 reseda green ral 6011 fincke 00237197 1346 043336 reseda green ral 6011 fincke 00237197 1567 043347 brilliant blue ral 5007 fincke 00245197 2348 043337 brilliant blue ral 5007 fincke 00245197 1356 043348 blue/lilac ral 4005 fincke 00246197 2478 043338 blue/lilac ral 4005 fincke 00246197 4678 043349 ocher yellow ral 1024 fincke 00313197 1235 043339 ocher yellow ral 1024 fincke 00313197 1248 043350 strawberry red ral 3018 fincke 00312197 3567 043340 strawberry red ral 3018 fincke 00312197 1236 043351 nut brown ral 8011 fincke 00272197 4578 043341 nut brown ral 8011 fincke 00272197 053593 mounting device for coding-keys ordering information part number code no. colour coding key
min. 0.1 0.6 + - 0.05 0.7 + - 0.02 restringbreite restring width durchmesser des metallisierten loches diameter of finished plated-through hole bohrungsdurchmesser des loches diameter of drilled hole max. 15 m sn / snpb min. 25 m cu schichtaufbau im metallisierten loch fuer ee-kontakt metal plating of plated-through hole for ee-contact fuer einpresszone d = 0.72 for press-fit zone d = 0.72 lochaufbau d=0.6 hole design d=0.6 10:1 114406


▲Up To Search▲   

 
Price & Availability of 064176

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X