Part Number Hot Search : 
N4224 08771 TZX15X 60116 AS3694 XBH15N CY62146 HMC329
Product Description
Full Text Search
 

To Download V10P45-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  new product v10p45 www.vishay.com vishay general semiconductor revision: 07-sep-11 1 document number: 89340 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 high current density surface mount trench mos barrier schottky rectifier ultra low v f = 0.34 v at i f = 5 a features ? very low profile - typical height of 1.1 mm ? ideal for automated placement ? trench mos schottky technology ? low forward voltage drop, low power losses ? high efficiency operation ? meets msl level 1, per j-st d-020, lf maximum peak of 260 c ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec ? halogen-free according to iec 61249-2-21 definition typical applications for use in low voltage high frequency dc/dc converters, freewheeling, and polarity protection applications. mechanical data case: to-277a (smpc) molding compound meets ul 94 v-0 flammability rating base p/n-m3 - halogen-free, rohs compliant, and commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 m3 suffix meets jesd 2 01 class 1a whisker test notes (1) mounted on 30 mm x 30 mm pad areas al uminum pcb (2) free air, mounted on re commended copper pad area primary characteristics i f(av) 10 a v rrm 45 v i fsm 180 a v f at i f = 10 a 0.41 v t j max. 150 c k 2 1 to-277a ( s mpc) tmb s ? e s mp ? s eries anode 1 anode 2 cathode k maximum ratings (t a = 25 c unless otherwise noted) parameter symbol v10p45 unit device marking code v1045 maximum repetitive pe ak reverse voltage v rrm 45 v maximum dc forward current i f (1) 10 a i f (2) 4.4 peak forward surge current 10 ms single half sine-wave superimposed on rated load i fsm 180 a operating junction and storage temperature range t j , t stg - 40 to + 150 c
new product v10p45 www.vishay.com vishay general semiconductor revision: 07-sep-11 2 document number: 89340 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width ? 40 ms notes (1) free air, mounted on recommended copper pad area; thermal resistance r ? ja - junction to ambient (2) mounted on 30 mm x 30 mm alumi num pcb; thermal resistance r ? jm - junction to mount ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - maximum forward current derating curve notes (1) mounted on 30 mm x 30 mm aluminum pcb; t m measured at the terminal of cathode band (r ? jm = 4 c/w) (2) free air, mounted on recommended copper pad area (r ? ja = 75 c/w) electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditi ons symbol typ. max. unit instantaneous forward voltage i f = 5.0 a t a = 25 c v f (1) 0.42 - v i f = 10 a 0.48 0.57 i f = 5.0 a t a = 125 c 0.34 - i f = 10 a 0.41 0.50 reverse current v r = 45 v t a = 25 c i r (2) 21 800 a t a = 125 c 9 35 ma thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol v10p45 unit typical thermal resistance r ? ja (1) 75 c/w r ? jm (2) 4 ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode v10p45-m3/86a 0.10 86a 1500 7" diam eter plastic tape and reel v10p45-m3/87a 0.10 87a 6500 13" diam eter plastic tape and reel t m - mount temperature (c) 12 4 0 0 75 150 dc forward current (a) 25 100 50 125 8 2 t m = 121 c (1) 6 10 t a = 25 c (2)
new product v10p45 www.vishay.com vishay general semiconductor revision: 07-sep-11 3 document number: 89340 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 2 - forward power loss characteristics fig. 3 - typical instantaneous forward characteristics fig. 4 - typical reverse leakage characteristics fig. 5 - typical junction capacitance fig. 6 - typical tran sient thermal impedance d = 0.1 d = 0.2 d = 0.3 d = 0.5 d = 1.0 average forward current (a) 7 6 0 0612 average power loss (w) 410 1 4 d = t p /t t p t 5 d = 0.8 3 8 2 2 t a = 150 c t a = 125 c t a = 25 c instantaneous forward voltage (v) 100 0.1 00.7 instantaneous forward current (a) 0.1 0.5 1 0.2 t a = 100 c 10 0.3 0.4 0.6 percent of rated peak reverse voltage (%) 100 0.001 20 40 100 instantaneous reverse current (a) 50 1 30 60 10 90 70 0.1 0.01 80 t a = 150 c t a = 125 c t a = 25 c t a = 100 c 10 000 100 junction capacitance (pf) t j = 25 c f = 1.0 mhz v sig = 50 mv p-p reverse voltage (v) 0.1 100 110 1000 t - pulse duration (s) 100 1 0.01 10 100 transient thermal impedance (c/w) 0.1 1 10 junction to ambient
new product v10p45 www.vishay.com vishay general semiconductor revision: 07-sep-11 4 document number: 89340 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) conform to jedec to-277a to-277a ( s mpc) 0.016 (0.40) 0.006 (0.15) 0.047 (1.20) 0.039 (1.00) 0.146 (3.70) 0.134 (3.40) 0.087 (2.20) 0.075 (1.90) 0.189 (4.80) 0.173 (4.40) 0.049 (1.24) 0.037 (0.94) 0.053 (1.35) 0.041 (1.05) 0.030 (0.75) nom. 0.084 (2.13) nom. 0.155 (3.94) nom. mountin g pa d layout 0.268 (6.80) 0.186 (4.72) min. 0.050 (1.27) min. 0.041 (1.04) 0.055 (1.40) min. 0.189 (4.80) min. 0.187 (4.75) 0.175 (4.45) 0.262 (6.65) 0.250 (6.35) 0.242 (6.15) 0.238 (6.05) 0.171 (4.35) 0.167 (4.25) k 2 1
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of V10P45-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X