Part Number Hot Search : 
K2061 SKT553 2SJ507 003930 2SJ507 SCPAS6 IQS622 T200A
Product Description
Full Text Search
 

To Download UUX2A330MNL1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors ux series chip type, higher capacitance range chip type, higher capacitance in larger case sizes .. designed for surface mounting on high density pc board. applicable to automatic mounting machine fed with carrier tape. compliant to the rohs directive (2002/95/ec). ux uj extended range ub high temperature lr high voltage u 1 u 2 x 3 1 4 a 5 1 6 0 7 1 8 m 9 c 10 l 11 1 12 g 13 s 14 d l 8 6.2 8 10 cl 6.3 7.7 cl nl 10 10 nl configuration package code size code capacitance tolerance ( 20%) rated capacitance (100 f) rated voltage (10v) series name type code (mm) a b c e l h 6.3 7.7 2.4 6.6 6.6 2.2 7.7 0.5 to 0.8 8 6.2 3.3 8.3 8.3 2.3 6.2 0.5 to 0.8 8 10 2.9 8.3 8.3 3.1 10 0.8 to 1.1 10 10 3.2 10.3 10.3 4.5 10 0.8 to 1.1 d l chip type ( 6.3, 8 6.2) type numbering system (example : 10v 100 f) 2 voltage 105c marking plastic platform 0.3max. d0.5 b0.2 a 0.2 a0.2 c0.2 0.5max. e h positive negative 2 voltage mark for 6.3v is 6v . l0.3 a2p 100 10v 1 size 8 6.2 only capacitance lot no. trade mark 1 h plastic platform pressure relief vent 0.3max. d0.5 b0.2 a 0.2 a0.2 c0.2 0.5max. e positive negative l0.5 2 voltage 105 c marking a2p 100 16v capacitance lot no. trade mark ( 8 10, 10 10) measurement frequency : 120hz at 20 c specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life resistance to soldering heat marking performance characteristics item 55 to +105c (6.3 to 100v), 40 to +105c (160 to 400v) 6.3 to 400v 1 to 1000f 20% at 120hz, 20 c black print on the case top. the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 2000 hours (160 to 400v : 3000hours) at 105 c. after storing the capacitors under no load at 105c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20c. rated voltage (v) tan (max.) 6.3 0.22 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 63 0.10 100 0.08 capacitance change leakage current tan within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value capacitance change leakage current tan within 20% of the initial capacitance value less than or equal to the initial specified value 200% or less than the intial specified value rated voltage (v) 6.3 to 100 160 to 400 after 1 minute's application of rated voltage, leakage current is not more than 0.03cv (a). i = 0.04cv+100 ( a) max.(1 minute's) leakage current 400 0.25 z 55 c / z+20 c z 40 c / z+20 c rated voltage (v) impedance ratio zt / z20 (max.) 10 4 6.3 4 measurement frequency: 120hz 100 4 63 3 50 2 35 3 25 3 16 3 400 10 160 0.20 200 0.20 250 0.20 160 6 200 6 250 6 dimension table in next page. cat.8100b
rated ripple current (marms) at 105? 120hz dimensions frequency coefficient of rated ripple current cap.(f) 000 1 to 47 v00 100 to 1000 50 hz 120 hz 300 hz 1 khz 10 khz or more 0.80 1.00 1.15 1.40 1.67 0.85 1.00 1.08 1.20 1.30 frequency size 6.3 7.7 is available for capacitors marked. " " / size 8 10 is available for capacitors marked. " " in this case, 6 will be put at 12th digit of type numbering system. 4.7 10 22 33 47 100 220 330 470 680 1000 4r7 100 220 330 470 101 221 331 471 681 102 810 810 1010 1010 1010 161 ( 121 ) 288 340 ( 316 ) 408 495 90 173 318 ( 296 ) 351 ( 326 ) 392 86.2 810 1010 1010 1010 148 ( 111 ) 330 ( 307 ) 441 ( 410 ) 489 810 1010 1010 1010 79 ( 78 ) 181 351 ( 283 ) 372 86.2 810 1010 1010 76 ( 75 ) 124 304 ( 283 ) 450 86.2 810 1010 1010 67 ( 64 ) 133 180 ( 167 ) 310 86.2 810 1010 1010 51 108 185 ( 179 ) 220 320 86.2 810 1010 1010 1010 42 75 150 ( 121 ) 180 230 86.2 810 1010 1010 1010 35 1v 50 1h 63 1j 100 2a 25 1e 16 1c 10 1a 6.3 0j 1 1.8 2.2 3.3 3.9 4.7 6.8 10 18 010 1r8 2r2 3r3 3r9 4r7 6r8 100 180 v code v code 810 810 810 1010 1010 1010 25 26 27 38 39 40 400 2g 810 1010 57 64 160 2c 810 810 810 810 1010 31 34 37 44 64 200 2d 810 810 810 810 1010 31 34 37 44 64 250 2e cap. ( f ) cap. ( f ) case size d l (mm) rated ripple taping specifications are given in page 23. recommended land size, soldering by reflow are given in page 18, 19. please select uj(p.116) series if high c/v products are reqired. please refer to page 3 for the minimum order quantity. aluminum electrolytic capacitors ux series cat.8100b


▲Up To Search▲   

 
Price & Availability of UUX2A330MNL1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X