Part Number Hot Search : 
MAX4174 DP311 ON1273 BSO615C 1812B TC7MA 9AB02D C1413
Product Description
Full Text Search
 

To Download USB-0301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  USB-0301 version: 3 fast ethernet usb network adapter fast and easy connection with usb levelone usb fast ethernet adapter allows you to connect to the internet easily through the built-in port on your laptop or gaming console. now you no longer need to have an ethernet connection in order to surf the web. this is an ideal solution for macbook air (100% mac compatible) or other computers that may have wireless built-in but don?t come with an ethernet port. sometimes you need to physically connect to a network cable to help transfer files or access secure information. USB-0301 easily does the job, all through your usb port. reliable, efficient and standards compliant USB-0301 is usb 1.0, 1.1, and 2.0 compliant. it also follows the ethernet standards set by the ieee 802.3 and 802.3u, allowing you to take advantage of the fast ethernet speeds of up to 100 mbps. this provides a strong backbone for any high-speed broadband connection to the internet as well as fast speeds for the local area network file transfers. key features - provides an internet connection through a single usb port - 10/100mbps wire speed transmission and reception - - compact, lightweight design - supports ipv4/ipv6 network operation - simple plug and play installation www.level1.com page 1 of 4
- no additional power supply required - led indicator for monitoring link/activity - supports windows xp / vista / 7 / 8, mac os x 10. 5 / 6 / 7 / 8 / 9 works well with fsw-0808tx 8-port fast ethernet switch specifications system specifications connectors and cabling: usb 2.0 1 x 10/100mbps rj-45 port indicator: green: lan connected amber: led on when connected to a 100mbps; off when connected to a 10mbps network power: power consumption (w): operating mode: 1.25 suspend mode : 0.25 power input: usb bus -powered dc5v/500ma standards & protocols: general: ieee 802.3: 10base-t (ethernet) ieee 802.3u: 100base-tx (fast ethernet) features general: ipv6: ipv4/ipv6 network operation management: power: wake-on-lan performance data transfer rate: ethernet: 10mbps (half/full duplex) fast ethernet: 100mbps (half/full duplex) environment power saving: stand by mode temperature (c): operating: 10 ~ 40c storage: 10 ~ 80c humidity (non-condensing): storage: < 85% operating: < 85% physical specifications dimensions (w x d x h mm): www.level1.com page 2 of 4
64.5 x 23 x 15 mm weight (g): 46g others approval and compliance: ce, fcc operation systems: windows xp / vista / 7 / 8; mac os x 10.5 / 6 / 7 / 8 / 9 diagram order information USB-0301 package contents quick installation guide resource cd (user manual, utility) no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 3 of 4
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 4 of 4


▲Up To Search▲   

 
Price & Availability of USB-0301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X