Part Number Hot Search : 
AT91S SB102 AT91S 1010C 1120D LF114 VA2AWG AMF2815D
Product Description
Full Text Search
 

To Download U74HC4052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd U74HC4052 cmos ic www.unisonic.com.tw 1 of 9 copyright ? 2009 unisonic technologies co., ltd qw-r502-243.c dual 4-channel analog multiplexer, demultiplexer ? description the U74HC4052 provides common select logic. each multiplexer has four independent inputs/out puts and a common input/output. ? features * wide analog input voltage range from -5v to +5v * low on-resistance * logic level translation: to enable 5v logic to communicate with 5v analog signals * typical ?break before make? built in ? ordering information ordering number lead free halogen free package packing U74HC4052l-d16-t U74HC4052g-d16-t dip-16 tube U74HC4052l-s16-r U74HC4052g-s16-r sop-16 tape reel U74HC4052l-p16-r U74HC4052g-p16-r tssop-16 tape reel (1) r: tape reel, t: tube (2) d16: dip-16, s16: sop-16, p16: tssop-16 (3) g: halogen free, l: lead free U74HC4052l -d16 -t (1)packing type (2)package type (3)lead plating
U74HC4052 cmos ic unisonic technologies co., ltd 2 of 9 www.unisonic.com.tw qw-r502-243.c ? pin configuration ? function table (each gate) input(e ) input(s1) input(s0) channel between l l l ny0 and nz l l h ny1 and nz l h l ny2 and nz l h h ny3 and nz h x x none note : h=high voltage level ; l=low voltage level ; x=don?t care
U74HC4052 cmos ic unisonic technologies co., ltd 3 of 9 www.unisonic.com.tw qw-r502-243.c ? fuctional diagram z logic lever conversion 1-in-4 decoder s1 s0 vcc e 13 12 14 15 11 1 5 2 4 3 16 10 9 6 8 7 1z 1y0 1y1 1y2 1y3 2y0 2y2 2z 2y1 2y3 gnd v ee
U74HC4052 cmos ic unisonic technologies co., ltd 4 of 9 www.unisonic.com.tw qw-r502-243.c ? absolute maximum ratings parameter symbol ratings unit supply voltage v cc -0.5~11 v v cc or gnd current i cc 50 ma v ee current i ee 20 ma input clamp current i ik 20 ma switch diode current i sk 20 ma switch current i s 25 ma power dissipation 500 mw dip-16 12 mw/k derate above ta > 70c sop-16 8 mw/k derate above ta > 60c tssop-16 p d 5.5 mw/k storage temperature t stg -65 ~ +150 c note : absolute maximum ratings are those values be yond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? recommended operating conditions parameter symbol conditions min typ max unit v cc -gnd 2.0 5.0 10.0 v supply voltage v cc v cc -v ee 2.0 5.0 10.0 v input voltage v in gnd v cc v switch voltage v s v ee v cc v v cc =2.0v 6.0 1000 ns v cc =4.5v 6.0 500 ns v cc =6.0v 6.0 400 ns input transition rise or fall rate t r , t f v cc =10.0v 6.0 250 ns operating temperature t a -40 +85 c ? static characteristics (t a =25c) parameter symbol test conditions min typ max unit v cc =2.0v 1.5 1.2 v v cc =4.5v 3.15 2.4 v v cc =6.0v 4.2 3.2 v high-level input voltage v ih v cc =9.0v 6.3 4.7 v v cc =2.0v 0.8 0.5 v v cc =4.5v 2.1 1.35 v v cc =6.0v 2.8 1.8 v low-level input voltage v il v cc =9.0v 4.3 2.7 v per channel 1 a analog switch off-state current i s(off) v cc =10v, v ee =0v, v in =v ih or v il |v s |=v cc - v ee all channels 2 a analog switch on-state current i s(on) v cc =10v, v ee =0v, v in =v ih or v il |v s |=v cc - v ee 2.0 a v cc =6v, v ee =0v, v in =v cc or gnd 1.0 a input leakage current i i(leak) v cc =10v, v ee =0v, v in =v cc or gnd 2.0 a v cc =6v, v ee =0v 80 a quiescent supply current i q v in =v cc or gnd v is =v ee or v cc v os =v cc or v ee v cc =10v,v ee =0v 160 a
U74HC4052 cmos ic unisonic technologies co., ltd 5 of 9 www.unisonic.com.tw qw-r502-243.c ? static characteristics(cont.) (t a =25c) parameter symbol test conditions min typ max unit v cc =2v,v ee =0v, i s =100ua, v is =v cc to v ee , v in =v ih or v il , ? v cc =4.5v,v ee =0v, i s =1ma, v is =v cc to v ee , v in =v ih or v il , 100 225 ? v cc =6v,v ee =0v, i s =1ma, v is =v cc to v ee , v in =v ih or v il 90 200 ? peak r on(peak) v cc =4.5v,v ee =-4.5v, i s =1ma, v is =v cc to v ee , v in =v ih or v il 70 165 ? v cc =2v,v ee =0v, i s =100ua, v is = v ee , v in =v ih or v il , 150 ? v cc =4.5v,v ee =0v, i s =1ma, v is = v ee , v in =v ih or v il , 80 175 ? v cc =6v,v ee =0v, i s =1ma, v is = v ee , v in =v ih or v il 70 150 ? v cc =4.5v,v ee =-4.5v, i s =1ma, v is = v ee , v in =v ih or v il 60 130 ? v cc =2v,v ee =0v, i s =100ua, v is = v cc , v in =v ih or v il , 150 ? v cc =4.5v,v ee =0v, i s =1ma, v is = v cc , v in =v ih or v il , 90 200 ? v cc =6v,v ee =0v, i s =1ma, v is = v cc , v in =v ih or v il 80 175 ? on-resistance rail r on(rail) v cc =4.5v,v ee =-4.5v, i s =1ma, v is = v cc , v in =v ih or v il 65 150 ? v cc =2v,v ee =0v, v is =v cc to v ee , v in =v ih or v il , ? v cc =4.5v,v ee =0v, v is =v cc to v ee , v in =v ih or v il , 9 ? v cc =6v,v ee =0v, v is =v cc to v ee , v in =v ih or v il 8 ? maximum on-resistance difference between any two channels r on v cc =4.5v,v ee =-4.5v, v is =v cc to v ee , v in =v ih or v il 6 ? ? dynamic characteristics (t a =25c, gnd=0v; t r =t f =6ns; c l =50pf) parameter symbol test conditions min typ max unit v cc =2v, v ee =0v, r l = 14 75 ns v cc =4.5v, v ee =0v, r l = 5 15 ns v cc =6v, v ee =0v, r l = 4 13 ns propagation delay from v is to v os t phl /t plh v cc =4.5v, v ee =-4.5v, r l = 4 10 ns v cc =2v, v ee =0v, r l = 105 405 ns v cc =4.5v, v ee =0v, r l = 38 81 ns v cc =6v, v ee =0v, r l = 30 69 ns turn-on time e sn to v os t pzh /t pzl v cc =4.5v, v ee =-4.5v, r l = 26 58 ns v cc =2v, v ee =0v, r l =1k 74 315 ns v cc =4.5v, v ee =0v, r l =1k 27 63 ns v cc =6v, v ee =0v, r l =1k 22 54 ns turn-off time e sn to v os t phz /t plz v cc =4.5v, v ee =-4.5v, r l =1k 22 48 ns
U74HC4052 cmos ic unisonic technologies co., ltd 6 of 9 www.unisonic.com.tw qw-r502-243.c ? test circuit and waveforms test circuit for measuring off-state current test circuit for measur ing on-state current test circuit for measuring ron
U74HC4052 cmos ic unisonic technologies co., ltd 7 of 9 www.unisonic.com.tw qw-r502-243.c ? test circuit and waveforms(cont.) waveforms showing the input (v is ) to output (v os ) propagation delays waveforms showing the turn -on and turn-off times. vos output t phz t pzh t plz t pzl vos output e,sn input 50% 90% 10% t tlh t thl 10% 90% 50% 50% swith on swith off swith on note: v in =gnd to v cc 50%
U74HC4052 cmos ic unisonic technologies co., ltd 8 of 9 www.unisonic.com.tw qw-r502-243.c ? test circuit and waveforms(cont.) nput pulse definitions test circuit for measuring ac performance. test switch v is t pzh v ee v cc t pzl v cc v ee t phz v ee v cc t plz v cc v ee other open pulse n ote : definitions for test circuit: r l = load resistance c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. t thl =t tlh =6 ns; when measuring f max , there is no constraint to t thl and t tlh with 50% duty factor.
U74HC4052 cmos ic unisonic technologies co., ltd 9 of 9 www.unisonic.com.tw qw-r502-243.c utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of U74HC4052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X