Part Number Hot Search : 
TA014 SW20N70K V03HK AD730 NJM29 B1340 NCP4681 2SA1738R
Product Description
Full Text Search
 

To Download U2009-150Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. *rohs compliant typ. 2.80 0.20 (.110 .008) 2.80 0.20 (.110 .008) 0.90 (.035) typ. 0.90 (.035) typ. 0.90 (.035) 0.90 0.10 (.035 .004) a sru2009 series - shielded smd power inductors features maximum height of 1.0 mm current up to 1.45 a lead free rohs compliant* applications input/output of dc/dc converters power supplies for: portable communication equipment camcorders lcd tvs car radios electrical specifications product dimensions recommended layout electrical schematic general specifications test voltage.....................................0.1 v reflow soldering ...230 ?, 50 sec. max. operating temperature ..-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ................................260 ? for 10 sec. materials core.....................ferrite dr and ri core wire .............................enameled copper terminal ....................................ag/ni/sn rated current ....................ind. drop 35 % typ. at isat temperature rise ......................40 ? max. at rated irms packaging..................1,500 pcs. per reel a dimensions: mm (inches) 1.30 (.051) ref. ref. 1.20 (.047) ref. 1.00 (.039) ref. 1.00 (.039) ref. 1.20 (.047) ref. 0.65 (.026) ref. 2.10 (.083) ref. 0.65 (.026) 1.24 (.049) ref. 3.00 (.118) ref. *rohs compliant inductance 100 khz q test srf rdc i rms i sat bourns part no. ( h) tol. % ref. frequency typ. max. max. typ. (mhz) (mhz) (m ? ) (a) (a) marking sru2009-1r0y 1.0 30 7 7.96 200 110 1.45 1.30 a sru2009-2r2y 2.2 30 7 7.96 120 210 1.10 0.80 c sru2009-3r3y 3.3 30 7 7.96 100 320 0.80 0.60 e sru2009-4r4y 4.4 30 7 7.96 85 430 0.68 0.50 f sru2009-6r8y 6.8 30 7 7.96 70 650 0.52 0.45 g sru2009-100y 10 30 10 2.52 50 1080 0.40 0.35 h srU2009-150Y 15 30 10 2.52 40 1370 0.30 0.30 i sru2009-220y 22 30 10 2.52 30 2600 0.22 0.22 j
sru2009 series - shielded smd power inductors specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 07/07 packaging specifications 14.0 (.551) 16.5 (.650) 2.0 0.5 (.079 .020) 50.0 (1.969) 178.0 (7.008) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21.0 0.8 (.827 .031) embossed carrier embossed cavity 12.0 (.472) cover tape user direction of feed 200 (7.874) no component no component components 400 (15.748) start 4 (.157) 8 (.315) end a a aa qty: 1,500 pcs. per reel dimensions: mm (inches)


▲Up To Search▲   

 
Price & Availability of U2009-150Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X