Part Number Hot Search : 
TM7104 BDR2G RT1468B6 6N138 XF0013Q1 3F334EL LM358A B0612BT1
Product Description
Full Text Search
 

To Download TWISTER Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2012-01. all specifications are subject to change without notice. phone: +886-2-8227-3585 e-mail: sales@technexion.com web: http://www.technexion.com TWISTER interface base board for tam-3517 series complete tam-3517 industrial and automotive development board compatible with any display through lvds, ttl, hdmi/dvi, vga, s-video interfaces. expand storage options with usb, sata and micro-sd card slot. dual lan, can bus, rs-232, rs-422/485, spi, i 2 c to control remote or external devices. system system on module compatible with tam-3517 by a 200 pin so-dimm connector ( b1 ) rtc with backup coin battery ( 13 ) interfaces connectors 3 standard-usb hosts ( 26, 27 ) 1 mini-usb device/ otg ( 10 ) lan connector ( 22 ) (emac) lan connector ( 23 ) (smsc 9220) micro-sd card slot ( bottom ) sata connector for 2.5? hdd ( bottom ) 3.5 mm stereo audio in/out ( 19, 20 ) 3.5 mm microphone ( 18 ) 2w amplified speaker ( 16, 17 ) 18 bit lvds and touchpanel ( 30 ) ttl & touchpanel for 4.3? lcd ttl & touchpanel for 7? lcd ( 1 ) s-video out ( 15 ) dvi-d by hdmi connector ( 28 ) expansion header vga by pinheader ( 12 ), can bus ( 21 ), spi, rs-232 ( 9 ), rs-422/485 ( 24 ), uart, i 2 c, gpio ( 4 ) power input power 12 vdc environmental and mechanical temperature commercial: 0 to 50 c humidity 10-90% dimensions 147 x 102 mm (5? x 4 inch) weight 92 grams shock 50g / 25ms vibration 20g / 0-600 hz 11 12 13 15 17 b1 16 9 10 1 2 3 4 24 18 19 20 22 23 26 27 28 29 30 21 dimensions units in mm order information TWISTER base board for tam-3517 series development kits available ^ 1 5 10 15 1 2 s t 1 4 2 3 8 1 1 1 1 50 16 15 2 1 1 4 1 2 3 4 on 1 19 5 1 + 1 2 3 p 1 2 3 p 1 2 3 p r1 r7 r2 r8 l1 l2 l3 l4 r1 r7 r2 r8 l1 l2 l3 l4 3 6 1 g d a k k g e c a 1 15 28 29 42 43 56 ^ 20 19 2 1 + + 1 1 2 39 40 - + 1 4 1 1 + + + 1 1 2 3 g i o 3 2 1 5 1 1 4 5 8 1 16 17 32 48 64 1 a c e g j l n 3 5 6 147 102 138.5 95.2 m3


▲Up To Search▲   

 
Price & Availability of TWISTER

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X