Part Number Hot Search : 
SA103 100TR ISL65 STD4N20 MAX17480 1N5819TR HD66205 P8NC50F
Product Description
Full Text Search
 

To Download TS332 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. april 2013 docid17272 rev 4 1/27 27 ts331, TS332, ts334 micropower low-voltage, rail-to-rail comparators datasheet - production data features ? supply operation from 1.6 v to 5 v ? low current consumption: 20 a ? rail-to-rail inputs ? wide temperature range: -40 c to +125 c ? low output saturation voltage ? low propagation delay: 210 ns ? open-drain output ? esd tolerance: 2 kv hbm/200 v mm ? smd packages ? automotive qualified applications ? mobile phones ? notebooks and pdas ? battery-supplied electronics ? general-purpose portable devices ? general-purpose low voltage applications description the ts331, TS332 and ts334 are single, dual and quad micropower and low-voltage comparators. they can operate with a supply voltage ranging from 1.6 v to 5 v with a typical current consumption as low as 20 a. in addition, rail-to-rail inputs make t hem a perfect choice for low-voltage applications. their availability in tiny packages is a real advantage for overcoming space constraints. the ts33x are specified for temperatures between -40 c to +125 c, making them ideal for a wide range of applications. ts331 (single) TS332 (dual) ts334 (quad) sot23-5/sc70-5 dfn6 1.2x1.3 so8 miniso8 so14 tssop14 dfn8 2x2 qfn16 3x3 www.st.com
contents ts331, TS332, ts334 2/27 docid17272 rev 4 contents 1 package pin connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 absolute maximum ratings and operating c onditions . . . . . . . . . . . . . 4 3 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 4 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 4.1 sot23-5 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 4.2 sc70-5 (sot323-5) package information . . . . . . . . . . . . . . . . . . . . . . . . 15 4.3 dfn6 1.2x1.3 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 4.4 dfn8 2x2 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 4.5 so8 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 4.6 miniso8 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 4.7 qfn16 3x3 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 4.8 so14 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 4.9 tssop14 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 5 ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
docid17272 rev 4 3/27 ts331, TS332, ts334 package pin connections 1 package pin connections figure 1. pin connections for each package (top view) 1. nc = not connected 2. the exposed pads of the dfn8 2x2 and the qfn 16 3x3 can be connected to vcc- or left floating. TS332 ts331 ts334 sot23-5/sc70-5 so8/miniso8 so14/tssop14 ts331 dfn6 1.2x1.3 9&& 287 ,1  9&& ,1       1&  ,1 9&& ,1      287 9&& 9&& 9&& 287 ,1 ,1 287 ,1 ,1 14 13 12 11 10 9 8 7 6 5 4 3 2 1 out2 vcc+ out1 in1- in1+ in2- in2+ out3 vcc- out4 in4+ in4- in3+ in3- ,1 9&& 1& ,1 ,1 9&& 1& ,1 287 287 ,1 287 287                1&  ,1 ,1 ,1 ts334 qfn16 3x3 TS332 dfn8 2x2 9&& 9&& 287 ,1 ,1 287 ,1 ,1         1& 
absolute maximum ratings and operat ing conditions ts331, TS332, ts334 4/27 docid17272 rev 4 2 absolute maximum ratings and operating conditions table 1. absolute maximum ratings symbol parameter value unit v cc supply voltage (1) 1. all voltage values, except differential voltage, are referenced to v cc - 5.5 v v id differential input voltage 5.5 v in input voltage range (v cc -) - 0.3 to (v cc +) + 0.3 v out output voltage (1) 5.5 r thja thermal resistance junction to ambient (2) sot23-5 sc70-5 dfn6 1.2x1.3 dfn8 2x2 so8 miniso8 qfn16 3x3 so14 tssop14 2. short-circuits can c ause excessive heating. t hese values are typical 250 205 40 57 125 190 39 105 100 c/w r thjc thermal resistance junction to case (2) sot23-5 sc70-5 so8 miniso8 qfn16 3x3 so14 tssop14 81 172 40 39 5 31 32 t stg storage temperature -65 to +150 c t j junction temperature 150 t lead lead temperature (soldering 10 seconds) 260 esd human body model (hbm) (3) 3. according to jedec standard jesd22-a114f. 2000 v machine model (mm) (4) 4. according to jedec standard jesd22-a115a. 200 charged device model (cdm) (5) 5. according to ansi/esd stm5.3.1. 1500 latchup immunity 200 ma
docid17272 rev 4 5/27 ts331, TS332, ts334 absolute maxi mum ratings and operating conditions table 2. operating conditions symbol parameter value unit t oper operating temperatur e range -40 to +125 c v cc supply voltage (v cc +) - (v cc -) -40c < t amb < +125c 1.6 to 5.0 v v icm common mode input voltage range t amb = +25c -40c < t amb < +125c (v cc -) - 0.2 to (v cc +) + 0.2 (v cc -) to (v cc +)
electrical characterist ics ts331, TS332, ts334 6/27 docid17272 rev 4 3 electrical characteristics table 3. v cc + = +1.8 v, v cc - = 0 v, t amb = +25c (unless otherwise specified) symbol parameter test conditions min. typ. max. unit v io input offset voltage 0.5 5 mv -40 c < t amb < +125 c 6 v io / t input offset voltage drift -40 c < t amb < +125 c 4.5 v/c i ib input bias current (1) 25 40 na -40c < t amb < +125 c 100 i io input offset current (1) 110 -40c < t amb < +125 c 100 i cc supply current no load, output low, v icm = 0 v 20 26 a -40 c < t amb < +125 c 30 no load, output high, v icm = 0 v 22 29 -40 c < t amb < +125 c 33 i oh output current leakage v out = v cc +110 na -40 c < t amb < +125 c 500 v ol output voltage low i sink = 1 ma 24 30 mv -40 c < t amb < +125 c 50 i sink output sink current v out = 1.5 v 20 22 ma -40c < t amb < +125c 15 cmrr common mode rejection ratio 0 < v icm < 1.8 v 50 68 db tp hl propagation delay (2) high to low output level v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 10 mv 300 ns v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 100 mv 210 310 tp lh propagation delay (3) low to high output level v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 10 mv 540 v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 100 mv 420 620 1. maximum values include unavoidable ina ccuracies of the industrial tests. 2. tp hl is measured when the output signal crosses a voltage level at 50% of vcc with the following conditions: inverting input voltage (in-) = vicm and non-inverting input voltage (i n+) moving from vicm + 100 mv to vicm - overdrive. 3. tp lh is measured when the output signal crosses a voltage level at 50% of vcc with the following conditions: inverting input voltage (in-) = vicm and non-inverting input voltage (i n+) moving from vicm - 100 mv to vicm + overdrive.
docid17272 rev 4 7/27 ts331, TS332, ts334 electrical characteristics table 4. v cc + = +2.7 v, v cc - = 0 v, t amb = +25c (unless otherwise specified) symbol parameter test conditions min. typ. max. unit v io input offset voltage 0.5 5 mv -40 c < t amb < +125 c 6 v io / t input offset voltage drift -40 c < t amb < +125 c 3.3 v/c i ib input bias current (1) 25 40 na -40 c < t amb < +125 c 100 i io input offset current (1) 110 -40 c < t amb < +125 c 100 i cc supply current no load, output low, v icm = 0 v 21 27 a -40 c < t amb < +125 c 31 no load, output high, v icm = 0 v 23 30 -40c < t amb < +125 c 34 i oh output current leakage v out = v cc +110 na -40 c < t amb < +125 c 500 v ol output voltage low i sink = 1 ma 17 30 mv -40 c < t amb < +125 c 50 i sink output sink current v out = 1.5 v 40 47 ma -40 c < t amb < +125 c 30 cmrr common mode rejection ratio 0 < v icm < 2.7 v 54 74 db -40 c < t amb < +125 c 53 tp hl propagation delay (2) high to low output level v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 10 mv 320 ns v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 100 mv 220 320 tp lh propagation delay (3) low to high output level v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 10 mv 550 v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 100 mv 420 640 1. maximum values include unavoidable ina ccuracies of the industrial tests. 2. tp hl is measured when the output signal crosses a voltage level at 50% of vcc with the fo llowing conditions: inverting input voltage (in-) = vicm and non-inverting input voltage (in+) moving from vicm + 100 mv to vicm - overdrive. 3. tp lh is measured when the output signal crosses a voltage level at 50% of vcc with the fo llowing conditions: inverting input voltage (in-) = vicm and non-inverting input voltage (in+) moving from vicm - 100 mv to vicm + overdrive.
electrical characterist ics ts331, TS332, ts334 8/27 docid17272 rev 4 table 5. v cc + = +5 v, v cc - = 0 v, t amb = +25c (unless otherwise specified) symbol parameter test conditions min. typ. max. unit v io input offset voltage 0.5 5 mv -40 c < t amb < +125 c 6 v io / t input offset voltage drift -40 c < t amb < +125 c 1.3 v/c i ib input bias current (1) 30 40 na -40 c < t amb < +125 c 100 i io input offset current (1) 110 -40 c < t amb < +125 c 100 i cc supply current no load, output low, v icm = 0 v 23 30 a -40 c < t amb < +125 c 34 no load, output high, v icm = 0 v 26 34 -40 c < t amb < +125 c 38 i oh output current leakage v out = v cc +110 na -40 c < t amb < +125 c 600 v ol output voltage low i sink = 4 ma 48 60 mv -40 c < t amb < +125 c 80 i sink output sink current v out = 1.5 v 82 93 ma -40 c < t amb < +125 c 60 a v voltage gain 40 100 v/mv cmrr common mode rejection ratio 0 < v icm < 5 v 60 79 db -40 c < t amb < +125 c 58 svr supply voltage rejection v cc = 1.8 to 5 v 56 75 -40 c < t amb < +125 c 56 tp hl propagation delay (2) high to low output level v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 10 mv 380 ns v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 100 mv 270 430 tp lh propagation delay (3) low to high output level v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 10 mv 570 v icm = 0 v, r l = 5.1 k , c l = 50 pf, overdrive = 100 mv 450 720 1. maximum values include unavoidable ina ccuracies of the industrial tests. 2. tp hl is measured when the output signal crosses a voltage level at 50% of vcc with the fo llowing conditions: inverting input voltage (in-) = vicm and non-inverting input voltage (in+) moving from vicm + 100 mv to vicm - overdrive. 3. tp lh is measured when the output signal crosses a voltage level at 50% of vcc with the fo llowing conditions: inverting input voltage (in-) = vicm and non-inverting input voltage (in+) moving from vicm - 100 mv to vicm + overdrive.
docid17272 rev 4 9/27 ts331, TS332, ts334 electrical characteristics figure 2. supply current versus supply voltage with output high, v icm = 0 v figure 3. supply current versus supply voltage with output high, v icm = v cc figure 4. supply current versus supply voltage with output low, v icm = 0 v figure 5. supply current versus supply voltage with output low, v icm = v cc figure 6. supply current versus temperature fig ure 7. input bias current versus input common-mode voltage
electrical characterist ics ts331, TS332, ts334 10/27 docid17272 rev 4 figure 8. input current versus differential input voltage figure 9. input offset voltage versus temperature figure 10. output voltage versus output sink current, v cc = 1.8 v figure 11. output voltage versus output sink current, v cc = 2.7 v figure 12. output voltage versus output sink current, v cc = 5 v figure 13. output sink current versus output voltage
docid17272 rev 4 11/27 ts331, TS332, ts334 electrical characteristics figure 14. output voltage versus temperature figure 15. propagation delay versus overdrive with negative transition, v cc = 1.8 v figure 16. propagation delay versus overdrive with positive transition, v cc = 1.8 v figure 17. propagation delay versus common mode voltage, v cc = 1.8 v figure 18. propagation delay versus overdrive with negative transition, v cc = 2.7 v figure 19. propagation delay versus overdrive with positive transition, v cc = 2.7 v
electrical characterist ics ts331, TS332, ts334 12/27 docid17272 rev 4 figure 20. propagation delay versus common mode voltage, v cc = 2.7 v figure 21. propagation delay versus overdrive with negative transition, v cc = 5 v figure 22. propagation delay versus overdrive with positive transition, v cc = 5 v figure 23. propagation delay versus common mode voltage, v cc = 5 v figure 24. propagation delay versus time with negative transition figure 25. propagation delay versus time with positive transition
docid17272 rev 4 13/27 ts331, TS332, ts334 package information 4 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions a nd product status are available at: www.st.com . ecopack ? is an st trademark.
package information ts331, TS332, ts334 14/27 docid17272 rev 4 4.1 sot23-5 package information figure 26. sot23-5 package mechanical drawing table 6. sot23-5 package mechanical data ref. dimensions millimeters inches (1) 1. values in inches are rounded to three decimal digits. min. typ. max. min. typ. max. a 0.90 1.20 1.45 0.035 0.047 0.057 a1 0.15 0.006 a2 0.90 1.05 1.30 0.035 0.041 0.051 b 0.35 0.40 0.50 0.013 0.015 0.019 c 0.09 0.15 0.20 0.003 0.006 0.008 d 2.80 2.90 3.00 0.110 0.114 0.118 d1 1.90 0.075 e 0.95 0.037 e 2.60 2.80 3.00 0.102 0.110 0.118 f 1.50 1.60 1.75 0.059 0.063 0.069 l 0.10 0.35 0.60 0.004 0.013 0.023 k 0 10 0 10
docid17272 rev 4 15/27 ts331, TS332, ts334 package information 4.2 sc70-5 (sot323-5) package information figure 27. sc70-5 (sot323-5) package mechanical drawing table 7. sc70-5 (or sot323-5) package mechanical data ref dimensions millimeters inches (1) 1. values in inches are rounded to three decimal digits. min typ max min typ max a 0.80 1.10 0.315 0.043 a1 0.10 0.004 a2 0.80 0.90 1.00 0.315 0.035 0.039 b 0.15 0.30 0.006 0.012 c 0.10 0.22 0.004 0.009 d 1.80 2.00 2.20 0.071 0.079 0.087 e 1.80 2.10 2.40 0.071 0.083 0.094 e1 1.15 1.25 1.35 0.045 0.049 0.053 e 0.65 0.025 e1 1.30 0.051 l 0.26 0.36 0.46 0.010 0.014 0.018 <0 80 8 seating plane gauge plane dimensions in mm side view top view coplanar leads
package information ts331, TS332, ts334 16/27 docid17272 rev 4 4.3 dfn6 1.2x1.3 p ackage information figure 28. dfn6 1.2x1.3 package mechanical drawing table 8. dfn6 1.2x1.3 package mechanical data ref dimensions millimeters inches (1) 1. values in inches are rounded to three decimal digits. min typ max min typ max a 0.45 0.50 0.55 0.018 0.020 0.022 a1 0.00 0.02 0.05 0.000 0.001 0.002 b 0.15 0.18 0.25 0.006 0.007 0.002 c 0.05 0.002 d 1.20 0.047 e 1.30 0.051 e 0.4 0.016 l 0.475 0.525 0.575 0.019 0.021 0.023 l3 0.375 0.425 0.475 0.015 0.017 0.019
docid17272 rev 4 17/27 ts331, TS332, ts334 package information 4.4 dfn8 2x2 pack age information figure 29. dfn8 2x2 package mechanical drawing table 9. dfn8 2x2x0.6 mm package mechanical data (pitch 0.5 mm) ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.51 0.55 0.60 0.020 0.022 0.024 a1 0.05 0.002 a3 0.15 0.006 b 0.18 0.25 0.30 0.007 0.010 0.012 d 1.85 2.00 2.15 0.073 0.079 0.085 d2 1.45 1.60 1.70 0.057 0.063 0.067 e 1.85 2.00 2.15 0.073 0.079 0.085 e2 0.75 0.90 1.00 0.030 0.035 0.039 e 0.50 0.020 l 0.425 0.017 ddd 0.08 0.003 $06b9
package information ts331, TS332, ts334 18/27 docid17272 rev 4 figure 30. dfn8 2x2 footprint recommendation $06b9 pp pp pp pp pp pp
docid17272 rev 4 19/27 ts331, TS332, ts334 package information 4.5 so8 package information figure 31. so8 package mechanical drawing table 10. so8 package mechanical data ref. dimensions millimeters inches (1) 1. values in inches are rounded to three decimal digits. min. typ. max. min. typ. max. a1.750.069 a1 0.10 0.25 0.004 0.010 a2 1.25 0.049 b 0.28 0.48 0.011 0.019 c 0.17 0.23 0.007 0.010 d 4.80 4.90 5.00 0.189 0.193 0.197 e 5.80 6.00 6.20 0.228 0.236 0.244 e1 3.80 3.90 4.00 0.150 0.154 0.157 e 1.27 0.050 h 0.25 0.50 0.010 0.020 l 0.40 1.27 0.016 0.050 l1 1.04 0.040 k 0 8 1 8 ccc 0.10 0.004
package information ts331, TS332, ts334 20/27 docid17272 rev 4 4.6 miniso8 package information figure 32. miniso8 package mechanical drawing table 11. miniso8 package mechanical data ref. dimensions millimeters inches (1) 1. values in inches are rounded to three decimal digits. min. typ. max. min. typ. max. a 1.1 0.043 a1 0 0.15 0 0.006 a2 0.75 0.85 0.95 0.030 0.033 0.037 b 0.22 0.40 0.009 0.016 c 0.08 0.23 0.003 0.009 d 2.80 3.00 3.20 0.11 0.118 0.126 e 4.65 4.90 5.15 0.183 0.193 0.203 e1 2.80 3.00 3.10 0.11 0.118 0.122 e 0.65 0.026 l 0.40 0.60 0.80 0.016 0.024 0.031 l1 0.95 0.037 l2 0.25 0.010 k0 80 8 ccc 0.10 0.004
docid17272 rev 4 21/27 ts331, TS332, ts334 package information 4.7 qfn16 3x3 package information figure 33. qfn16 3 x 3 mm package mechanical drawing *$06&%
package information ts331, TS332, ts334 22/27 docid17272 rev 4 figure 34. qfn16 3 x 3 mm footprint re commendation table 12. qfn16 3 x 3 mm package mechanical data (pitch 0.5 mm) ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.80 0.90 1.00 0.031 0.035 0.039 a1 0 0.05 0 0.002 a3 0.20 0.008 b 0.18 0.30 0.007 0.012 d 2.90 3.00 3.10 0.114 0.118 0.122 d2 1.50 1.80 0.059 0.071 e 2.90 3.00 3.10 0.114 0.118 0.122 e2 1.50 1.80 0.059 0.071 e 0.50 0.020 l 0.30 0.50 0.012 0.020 *$06
docid17272 rev 4 23/27 ts331, TS332, ts334 package information 4.8 so14 package information figure 35. so14 package mechanical drawing table 13. so14 package mechanical data dimensions ref. millimeters inches (1) 1. values in inches are rounded to three decimal digits. min. typ. max. min. typ. max. a 1.35 1.75 0.050 0.068 a1 0.10 0.25 0.004 0.009 a2 1.10 1.65 0.040 0.060 b 0.33 0.51 0.010 0.020 c 0.19 0.25 0.007 0.009 d 8.55 8.75 0.330 0.340 e 3.80 4.0 0.150 0.150 e1.27 0.05 h 5.80 6.20 0.220 0.240 h 0.25 0.50 0.009 0.020 l 0.40 1.27 0.015 0.050 k 8 (max.) ddd 0.10 0.004
package information ts331, TS332, ts334 24/27 docid17272 rev 4 4.9 tssop14 package information figure 36. tssop14 package mechanical drawing table 14. tssop14 package mechanical data ref. dimensions millimeters inches (1) 1. values in inches are rounded to three decimal digits. min. typ. max. min. typ. max. a1.200.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.80 1.00 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.90 5.00 5.10 0.193 0.197 0.201 e 6.20 6.40 6.60 0.244 0.252 0.260 e1 4.30 4.40 4.50 0.169 0.173 0.176 e 0.65 0.0256 l 0.45 0.60 0.75 0.018 0.024 0.030 l1 1.00 0.039 k0 80 8 aaa 0.10 0.004
docid17272 rev 4 25/27 ts331, TS332, ts334 ordering information 5 ordering information table 15. order codes order code temperature range package packaging marking ts331ilt -40 c, +125 c sot23-5 tape and reel k506 ts331iylt (1) 1. qualified and characterized according to aec q100 and q003 or equivalent, advanced screening according to aec q001 and q 002 or equivalent. k513 ts331ict sc70-5 k55 ts331iqt dfn6 1.2x1.3 k3 TS332iq2t dfn8 2x2 k55 TS332idt so8 332i TS332iydt (1) 332iy TS332ist miniso8 k507 ts334iq4t qfn16 3x3 k307 ts334idt so14 334i ts334iydt (1) 334iy ts334ipt tssop14 334i ts334iypt (1) 334iy
revision history ts331, TS332, ts334 26/27 docid17272 rev 4 6 revision history table 16. document revision history date revision changes 29-mar-2010 1 initial release. 01-dec-2011 2 ? added TS332 and ts334 devices. ? added v out parameter in table 1: absolute maximum ratings . ? removed note " the magnitude of input and output voltages must never exceed the supply rail 0.3 v. " from table 1 . ? removed note " all values over the temperature range are guaranteed through correlation and simulation. no production tests have been performed at the temperature range limits ." from table 3 , table 4 and table 5 . ? removed " vicm = 0 v " from test conditions column in table 3 , ta ble 4 and ta ble 5 . ? modified minimal isink value in table 5 . 29-oct-2012 3 ? added dfn6 package for ts331 ? modified notes 3 , 4 , and 5 in table 1 ? added automotive grade order codes in table 15 30-apr-2013 4 ? added dfn8 2x2 and qfn16 3x3 silhouette, pinout, and package information. ? figure 1 : updated pinout diagrams; added footnote 2. ? ta ble 1 : updated r thjc and r thjc ? ta ble 3 , ta ble 4 , ta ble 5 : updated symbol for input offset voltage drift. ? table 15 : added order codes TS332iq2t, ts334iq4t, and ts334iydt.
docid17272 rev 4 27/27 ts331, TS332, ts334 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not authorized for use in weapons. nor are st products designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2013 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of TS332

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X